Part Number Hot Search : 
LBT11524 TH212S DS51331B CER6080 SA160 MURD860 4040BP AP03N70H
Product Description
Full Text Search
 

To Download APTGLQ400A120T6G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGLQ400A120T6G APTGLQ400A120T6G C rev 2 july, 2016 www.microsemi.com 1 C 6 q2 0/vbus q1 vbus out g1g2 e2 e1 all ratings @ t j = 25c unless otherwise specified absolute maximum ratings (per igbt) symbol parameter max ratings unit v ces collector - emitter voltage 1200 v i c continuous collector current t c = 25c 625 a t c = 80c 400 i cm pulsed collector current t c = 25c 1250 v ge gate C emitter voltage 20 v p d maximum power dissipation t c = 25c 1900 w rbsoa reverse bias safe operating area t j = 125c 800a @ 1100v these devices are sens itive to electrostatic discharge. prope r handling procedures should be followe d. application ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? high speed trench + field stop igbt 4 technology - low voltage drop - low leakage current - low switching losses - soft recovery parallel diodes - low diode vf - rbsoa and scsoa rated ? kelvin source for easy drive ? very low stray inductance ? m5 power connectors ? high level of integration ? internal thermistor for temperature monitoring benefits ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat ? low profile ? rohs compliant phase leg high speed trench + field stop igbt4 power module v ces = 1200v i c = 400a @ tc = 80c downloaded from: http:///
APTGLQ400A120T6G APTGLQ400A120T6G C rev 2 july, 2016 www.microsemi.com 2 C 6 electrical characteristics (per igbt) symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 200 a v ce(sat) collector emitter saturation voltage v ge = 15v i c = 400a t j = 25c 2.05 2.4 v t j = 150c 2.6 v ge ( th ) gate threshold voltage v ge = v ce , i c = 14 ma 5.2 5.8 6.4 v i ges gate C emitter leakage current v ge = 20v, v ce = 0v 680 na dynamic characteristics (per igbt) symbol characteristic test conditions min typ max unit c ies input capacitance v ge = 0v v ce = 25v f = 1mhz 24.6 nf c oes output capacitance 1.4 c res reverse transfer capacitance 1.2 q g gate charge v ge = 15v ; v ce =960v i c =400a 1800 nc t d(on) turn-on delay time inductive switching (25c) v ge = 15v v ce = 600v i c = 400a r g = 1.25 30 ns t r rise time 57 t d(off) turn-off delay time 290 t f fall time 16 t d(on) turn-on delay time inductive switching (150c) v ge = 15v v ce = 600v i c = 400a r g = 1.25 30 ns t r rise time 49 t d(off) turn-off delay time 366 t f fall time 48 e on turn-on switching energy v ge = 15v v ce = 600v i c = 400a r g = 1.25 t j = 150c 36 mj e off turn-off switching energy t j = 150c 22 mj i sc short circuit data v ge 15v ; v bus = 600v t p 10s ; t j = 150c 1400 a r thjc junction to case thermal resistance 0.08 c/w diode ratings and characteristics (per diode) symbol characteristic test conditions min typ max unit v rrm repetitive reverse voltage 1200 v i rm reverse leakage current v r =1200v 250 a i f dc forward current t c = 50c 400 a v f diode forward voltage i f = 400a v ge = 0v t j = 25c 1.9 2.2 v t j = 150c 1.85 t rr reverse recovery time i f = 400a v r = 600v di/dt = 7000a/s t j = 25c 155 ns t j = 150c 300 q rr reverse recovery charge t j = 25c 37.2 c t j = 150c 78 e r reverse recovery energy t j = 25c 16 mj t j = 150c 32 r thjc junction to case thermal resistance 0.14 c/w downloaded from: http:///
APTGLQ400A120T6G APTGLQ400A120T6G C rev 2 july, 2016 www.microsemi.com 3 C 6 temperature sensor ntc (see application note apt0406 on www.microsemi.com). symbol characteristic min typ max unit r 25 resistance @ 25c 50 k ? r 25 /r 25 5 % b 25/85 t 25 = 298.15 k 3952 k ? b/b t c =100c 4 % ?? ? ?? ? ? ?? ? ? ?? ? ? = t t b r r t 1 1 exp 25 85/25 25 thermal and package characteristics symbol characteristic min max unit v isol rms isolation voltage, any terminal to case t =1 min, 50/60hz 4000 v t j operating junction temperature range -40 175 c t jop recommended junction temperature under switching conditions -40 t j max -25 t stg storage temperature range -40 125 t c operating case temperature -40 100 torque mounting torque to heatsink m6 3 5 n.m for teminals m5 2 3.5 wt package weight 300 g package outline (dimensions in mm) see application note apt0601 - mounting instructio ns for sp6 power modules on www.microsemi.com t: thermistor temperature r t : thermistor value at t downloaded from: http:///
APTGLQ400A120T6G APTGLQ400A120T6G C rev 2 july, 2016 www.microsemi.com 4 C 6 typical performance curve t j =25c t j =150c 0 200 400 600 800 0.511.522.533.54 i c (a) v ce (v) output characteristics (v ge =15v) v ge =9v v ge =13v v ge =15v v ge =20v 0 100 200 300 400 500 600 700 800 0123456 i c (a) v ce (v) output characteristics t j = 150c t j =25c t j =150c 0 100 200 300 400 500 600 700 800 56789101112 i c (a) v ge (v) trans fert characteristics eon eof f er 0 20 40 60 80 100 120 0 100 200 300 400 500 600 700 800 e ( m j ) i c (a) energy losses vs collector current v ce = 600v v ge = 15v r g = 1.25 ? t j = 150c eon eof f er 20 30 40 50 60 0 1.25 2.5 3.75 5 e ( m j ) gate resistance (ohms) v ce = 600v v ge =15v i c = 400a t j = 150c sw itching energy losses vs gate resistance 0 200 400 600 800 1000 0 300 600 900 1200 i c (a) v ce (v) reverse bias safe operating area v ge =15v t j =150c r g =1.25 ? d = 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.02 0.04 0.06 0.08 0.1 0.00001 0.0001 0.001 0.01 0.1 1 10 the r mal im pedance (c/w) rectangular pulse duration (seconds) m axim um effective transient thermal impedance, junction to case vs pulse d uration igbt downloaded from: http:///
APTGLQ400A120T6G APTGLQ400A120T6G C rev 2 july, 2016 www.microsemi.com 5 C 6 hard switching zcs zvs 0 40 80 120 160 200 0 100 200 300 400 500 600 fm ax, operating frequency (khz) i c (a) v ce =600v d=50% r g =1.25 ? t j =150c t c =75c operating frequency vs collector current d = 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.00001 0.0001 0.001 0.01 0.1 1 10 thermal impedance (c/w) rectangular pulse duration (seconds) m axim um effective transient thermal impedance, junction to case vs pul se duration diode t j =25c t j =150c 0 200 400 600 800 0 0.5 1 1.5 2 2.5 i f (a) v f (v) forw ard characteristic of diode v ce =240v v ce =960v 0 2 4 6 8 10 12 14 16 0 400 800 1200 1600 2000 v ge (v) gate charge (nc) typical gate charge i c = 400a downloaded from: http:///
APTGLQ400A120T6G APTGLQ400A120T6G C rev 2 july, 2016 www.microsemi.com 6 C 6 disclaimer the information contained in the document (unless it is publicly available on the web without access restrictions) is proprietary and confidential information of microsemi and cannot be copied, published, uploaded, posted, transmitted, distributed or disclosed or used without the express duly signed written consent of microsemi. if the recipient of this document has entered into a disclosure agreement with microsemi, then the ter ms of such agreement will also apply. this document and the information contained herein may not be modified, by any person other than authorized personnel of microsemi. no license under any patent, copyright, trade secret or other intellectual property right is granted to or conferred upon you by disclosure or delivery of the information, either expressly, by implication , inducement, estoppels or otherwise. any license under such intellectual property rights must be approved by microsemi in writing signed by an officer of microsemi. microsemi reserves the right to change the configuration, functionality and performance of its products at anytime without any notice. this product has been subject to limited testing and should not be used in conjunction with li fe- support or other mission-critical equipment or applications. microsemi assumes no liability whatsoever, and microsemi disclaims any express or implied warranty, relating to sale and/or use of microsemi products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. any performance specifications believed to be reliable but are not verified and customer or user must conduct and complete all performance and other testing of this product as well as any user or customer s final application. user or customer shall not rely on any data and performance specifications or parameters provided by microsemi. it is the customers and users responsibility to independently determine suitability of any microsemi product and to test and verify the same. the information contained herein is provided as is, where is and with all faults, and the entire risk associated with such information is entirely with the user. microsemi specifically disclaims any liability of any kind including for consequential, incidental and punitive damages as well as lost profit. the product is subject to other terms and conditions which can be located on the web at http://www.microsemi.com/legal/tnc.asp life support application seller's products are not designed, intended, or authorized for use as components in systems intended for space, aviation, surgical implant into the body, in other applications intended to support or sustain life, or for any other application in which the failure of the seller's product could create a situation where personal injury, death or property damage or loss may occur (collectively "life support applications"). buyer agrees not to use products in any life support applications and to the extent it does it shall conduct extensive testing of the product in such applications and further agrees to indemnify and hold seller, and its officers, emp loyees, subsidiaries, affiliates, agents, sales representatives and distributors harmless against all claims, costs, dam ages and expenses, and attorneys' fees and costs arising, directly or directly, out of any claims of personal injury, death, damag e or otherwise associated with the use of the goods in life support applications, even if such claim includes allegations that seller was negligent regarding the design or manufacture of the goods. buyer must notify seller in writing before using sellers products in life support applications. seller will study with buyer alternative solutions to meet buyer application specification based on sellers sales conditions applicable for the new proposed specific part. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APTGLQ400A120T6G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X