a p6n3r0lcmt-l advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 60v 100% r g & uis test r ds(on) 2.99m ultra low on-resistance i d 4 100a rohs compliant & halogen-free description absolute maximum ratings@ t j =25 o c(unless otherwise specified) symbol units v ds v v gs v i d @t c =25 a i d @t c =25 a i d @t a =25 a i d @t a =70 a i dm a p d @t c =25 w p d @t a =25 w e as single pulse avalanche energy 5 mj t stg t j symbol value unit rthj-c maximum thermal resistance, junction-case 1.2 /w rthj-a maximum thermal resistance, junction-ambient 3 25 /w data and specifications subject to change without notice +20 / -16 30 24 135 100 rating 60 halogen-free product -55 to 150 drain current, v gs @ 10v 3 201608112 1 parameter total power dissipation 3 operating junction temperature range thermal data 5 -55 to 150 pulsed drain current 1 350 storage temperature range 104 total power dissipation 38.4 parameter drain-source voltage gate-source voltage drain current, v gs @ 10v 3 drain current, v gs @ 10v 4 (silicon limited) drain current, v gs @ 10v 4 a p6n3r0lc series are from advanced power innovated design and silicon process technology to achieve the lowest possible on- resistance and fast switching performance. it provides the designe r with an extreme efficient device for use in a wide range of powe r applications. the pmpak ? 5x6l package is special for dc-dc converters application and the foot print is compatible with so-8 with backside heat sink and lower profile. g d s s s s g pmpak ? 5x6l d d d d .
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =20a - - 2.99 m v gs =5v, i d =18.5a - - 5 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 2.5 v g fs forward transconductance v ds =10v, i d =20a - 60 - s i dss drain-source leakage current v ds =48v, v gs =0v - - 25 ua i gss gate-source leakage v gs =20v, v ds =0v - - 100 na q g total gate charge i d =20a - 68 108 nc q gs gate-source charge v ds =30v - 15 - nc q gd gate-drain ("miller") charge v gs =10v - 16 - nc t d(on) turn-on delay time v ds =30v - 17 - ns t r rise time i d =20a - 43 - ns t d(off) turn-off delay time r g =6 -63- ns t f fall time v gs =10v - 100 - ns c iss input capacitance v gs =0v - 4500 7200 pf c oss output capacitance v ds =30v - 2600 - pf c rss reverse transfer capacitance f=1.0mhz - 115 - pf r g gate resistance f=1.0mhz - 2.1 4.2 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =20a, v gs =0v - - 1.3 v t rr reverse recovery time i s =20a, v gs =0 v , - 51 - ns q rr reverse recovery charge di/dt=100a/s - 53 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10sec; 60 o c/w at steady state. 4.package limitation current is 100a . 5.starting t j =25 o c , v dd =30v , l=0.3mh , r g =25 this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. AP6N3R0LCMT-L 2 .
a p6n3r0lcmt- l fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 80 160 240 320 012345 v ds , drain-to-source voltage (v) i d , drain current (a) 10v 8.0v 7.0v 6.0v v g = 5.0v t c =25 o c 0 40 80 120 160 012345 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 150 o c 10v 8.0v 7.0v 6.0v v g = 5.0v 2 4 6 8 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =20a t c =25 o c 0.4 0.8 1.2 1.6 2.0 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =20a v g =10v 0.0 0.4 0.8 1.2 1.6 2.0 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c i d =250ua .
ap6n3r0lcmt- l fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. drain current v.s. case fig 12. transfer characteristics temperature 4 0 2 4 6 8 10 12 0 20406080100 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =20a v ds =30v 0 2000 4000 6000 8000 1 21416181 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 1000 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc 0 40 80 120 160 25 50 75 100 125 150 t c , case temperature ( o c ) i d , drain current (a) limited by package 0 40 80 120 160 02468 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v t j =-55 o c operation in this area limited by r ds(on) .
ap6n3r0lcmt- l fig 13. normalized bv dss v.s. junction fig 14. total power dissipation temperature fig 15. typ. drain-source on state resistance 5 0 20 40 60 80 100 120 0 50 100 150 t c , case temperature( o c) p d , power dissipation(w) 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss i d =1ma 2 6 10 14 18 0 20 40 60 80 100 120 i d , drain current (a) r ds(on) (m ) t j =25 o c 5v v gs =10v .
AP6N3R0LCMT-L marking information 6 date code (ywwsss) y last digit of the year ww week sss sequence part numbe r 6n3r0lc ywwsss .
|