Part Number Hot Search : 
GSC6680 STK17 FRV05 2SA1879 PE34856 2SA1879 HD647 NJM2509
Product Description
Full Text Search
 

To Download 2SD1767 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification medium power transistor(80v,0.7a) 2SD1767 e058 www.gmicroelec.com rev.a 1 features z high breakdown voltage and high current. z complementary pair with 2sb1189. sot-89 ordering information type no. marking package code 2SD1767 dcp/dcq/dcr sot-89 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage 80 v v ceo collector-emitter voltage 80 v v ebo emitter-base voltage 5 v i c collector current -continuous 0.7 a p c collector dissipation 500 mw t j, t stg junction and storage temperature -55 to +150 pb lead-free
production specification medium power transistor(80v,0.7a) 2SD1767 e058 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =50 a,i e =0 80 v collector-emitter breakdown voltage v (br)ceo i c =2ma,i b =0 80 v emitter-base breakdown voltage v (br)ebo i e =50 a,i c =0 5 v collector cut-off current i cbo v cb =50v,i e =0 0.5 a emitter cut-off current i ebo v eb =4v,i c =0 0.5 a dc current gain h fe v ce =3v,i c =0.1a 120 390 collector-emitter saturation voltage v ce(sat) i c =0.5a, i b =0.05a 0.2 0.4 v transition frequency f t v ce =10v,i c =50ma, f=100mhz 120 mhz collector output capacitance c ob v cb =10v,i e =0,f=1mhz 10 pf classification of h fe rank p q r range 82-180 120-270 180-390 marking dcp dcq dcr
production specification medium power transistor(80v,0.7a) 2SD1767 e058 www.gmicroelec.com rev.a 3 typical characteristics @ ta=25 unless otherwise specified
production specification medium power transistor(80v,0.7a) 2SD1767 e058 www.gmicroelec.com rev.a 4 package outline plastic surface mounted package sot-89 soldering footprint unit:mm package information sot-89 dim min max a 4.30 4.70 b 2.25 2.65 c 1.50 typical d 0.40 typical e 1.40 1.60 f 0.48 typical h 1.60 1.80 j 0.40 typical l 0.90 1.10 k 3.95 4.35 all dimensions in mm device package shipping 2SD1767 sot-89 1000/tape&reel b k c d e j f a h l 4 5 4 5 1.00 1.50 1.50 0.90 2.20 0.90 1.00 1.50


▲Up To Search▲   

 
Price & Availability of 2SD1767

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X