Part Number Hot Search : 
AR0330 2SC4320 LC60134 28F256 0BEEVAE FT2000KC DFREE CMD54152
Product Description
Full Text Search
 

To Download 2SC3962 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC3962 description ? ? with to-220c package ? high voltage ? high speed switching applications ? for switching regulator and general purpose applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 7 v i c collector current 5 a i cm collector current-peak 10 a i b base current 2 a p c collector dissipation t c =25 ?? 40 w t j junction temperature 150 ?? t stg storage temperature -55~150 ??
inchange semiconductor product specification 2 silicon npn power transistors 2SC3962 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =25ma ; i b =0 400 v v (br)cbo collector-base breakdown voltage i c =1ma ; i e =0 500 v v (br)ebo emitter-base breakdown voltage i e =1ma ; i c =0 7 v v cesat collector-emitter saturation voltage i c =2a; i b =0.4a 0.5 v v besat base-emitter saturation voltage i c =2a; i b =0.4a 1.3 v i cbo collector cut-off current v cb =500v ;i e =0 100 | a i ebo emitter cut-off current v eb =7v; i c =0 100 | a h fe dc current gain i c =0.5a ; v ce =5v 15 50
inchange semiconductor product specification 3 silicon npn power transistors 2SC3962 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SC3962

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X