Part Number Hot Search : 
TC5043P ST150A91 GC89F SXX10DS2 LT083 SR5507 T60013 40AB8B
Product Description
Full Text Search
 

To Download 2N6299E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds -0 310 , rev . 1 ( 8/ 9 /13 ) ?201 3 microsemi corporation page 1 of 6 2n6298 and 2n6299 available on commercial versions pnp darlington power silicon transistor qualified per mil - prf - 19500/540 qualified levels : jan, jantx, and jantxv description this high speed pnp tra nsistor is rated at 8 amps and is military qualified up to a jantxv level. this to - 213aa isolated package features a 180 degree lead orientation. to -2 13 aa (to - 66 ) package important: for the latest information, visit our website http://www.microsemi.com . features ? jedec registered 2n62 98 and 2n62 99 ? hermetically sealed ? jan, jantx, and jantxv qualification s are available per mil - prf - 19500/ 5 40 ? rohs compliant versions available (commercial grade only) applica tions / benefits ? convenient package ? mechanically rugged ? military, space and other high reliability applications maximum ratings @ 25 oc unless otherwise stated msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temperature t j and t stg -6 5 to + 175 o c thermal resistance junc tion - to - case r ? jc 2 .33 o c collector - base voltage 2n6 298 2n6 299 v cbo - 60 - 80 v collector - emitter voltage 2n6298 2n6299 v ceo - 60 - 80 v emitter - base voltage v ebo -5 v continuous operating collector current i c -8 a base current i b - 120 ma total power dissipation (1) @ t c = + 25 oc @ t c = + 100 oc p t 64 32 w notes: 1. derate linearly at 0. 428 w/ oc above t c > + 25 oc . downloaded from: http:///
t4 - lds -0 310 , rev . 1 ( 8/ 9 /13 ) ?201 3 microsemi corporation page 2 of 6 2n6298 and 2n6299 mechanical and packaging ? case: hermetic, to - 213aa package. nickel plate with n ickel cap. ? terminals: solder dipped (sn63/pb37) over nickel plated a lloy 52. rohs compliant m atte -t in plating is also available. ? marking: msc , part number , date code , p olarity s ymbol ? weight: approximately 5 .7 grams ? see package dimensions on last page. part nomenclature jan 2n6298 (e3) reliability level jan = jan level jantx = jantx level jantxv = jantxv level blank = commercial jedec type number (s ee electrical characteristics t able ) rohs compliance e3 = rohs compliant ( available on commercial grade only ) blank = non - rohs compliant symbols & definitions symbol definition i b base curren t : the value of the dc current in to the base terminal. i c collector current: the value of the dc current in to the collector terminal. i e emitter current: the value of the dc current into the emitter terminal. t c case temperature: the temperature measured at a specified location on the case of a device. v cb collector - base voltage : the dc voltage between the collector and the base. v cbo collector - base voltage, base open : the voltage between the collector and base terminals when the emitter termina l is open - circuited . v cc collector - supply voltage : the supply voltage applied to a circuit connected to the collector. v ceo collector - emitter voltage, base open: the voltage between the collector and the emitter terminals when the base terminal is open - circuited. v eb emitter - base voltage: the dc voltage between the emitter and the base. v ebo emitter - base voltage, collector open: the voltage between the emitter and base terminals with the collector terminal open - circuited. downloaded from: http:///
t4 - lds -0 310 , rev . 1 ( 8/ 9 /13 ) ?201 3 microsemi corporation page 3 of 6 2n6298 and 2n6299 electrical characteristi cs @ 25 oc unless otherwise stated parameters / test conditions symbol min. max. unit on characteristics (1) collector - emitter breakdown voltage i c = - 100 ma 2n6298 2n6299 v (br)ceo - 60 - 80 v collector - emitter cutoff current v ce = - 60 , v be = 1.5 v v ce = - 80 , v be = 1.5 v 2n6298 2n6299 i cex 10 a collector - emitter cutoff current, base open v ce = - 30 v v ce = - 40 v 2n6298 2n6299 i ceo - 0.5 ma emitter - base cutoff current v eb = - 5 v i ebo -2 .0 ma forward current transfer ratio i c = -1 a, v ce = -3 v i c = -4 a, v ce = -3 v i c = -8 a, v ce = -3 v h fe 500 750 100 18000 collector - emitter saturation voltage i c = - 4.0 a, i b = - 16 ma i c = - 8.0 a, i b = - 80 ma v ce(sat) - 2.0 v base - emitter saturation voltage i c = -8 .0 a, i b = - 80 ma v be(sat) - 4.0 v dynamic characteristics parameters / test conditions symbol min. max. unit magnitude of common emitter small - signal short - circuit forward current transfer ratio v ce = - 3.0 v, i c = - 3.0 a, f = 1 mhz |h fe | 25 350 common e mitter small - signal short - circuit forward current trans - ratio v ce = - 3 v, i c = - 3 a, f = 1 khz h fe 300 output capacitance v cb = - 10 v, i e = 0 a, 100 khz f 1 mh z c ob o 2 00 pf (1) pulse test: p ulse w id th = 300 us, duty cycle 2.0 % downloaded from: http:///
t4 - lds -0 310 , rev . 1 ( 8/ 9 /13 ) ?201 3 microsemi corporation page 4 of 6 2n6298 and 2n6299 electrical char acteristics @ t c = 25 o c unless otherwise noted. (continued) switching characteristics parameters / test conditions symbol min. max. unit turn - on time v cc = - 30 v, i c = - 4 a, i b1 = - 16 ma t on 2.0 s turn - off time v cc = - 30 v, i c = - 4 a, i b1 = - 16 ma t off 8.0 s saf e operatin g area (see figures 1 and 2 and mil - std - 750,test method 3053 ) dc tests t c = 25 c +10 oc , t = 1 secon d, 1 cycle test 1 v ce = -8 v, i c = -8 a test 2 v ce = - 20 v, i c = - 2.0 a test 3 v ce = -60 v, i c = - 10 0 ma (2n62 98 ) v ce = -80 v, i c = - 100 ma (2n62 99 ) downloaded from: http:///
t4 - lds -0 310 , rev . 1 ( 8/ 9 /13 ) ?201 3 microsemi corporation page 5 of 6 2n6298 and 2n6299 safe operating area v ce C collector to emitter voltage (volts) figure 1 maximum s afe o perating a rea (d c) l C inductance (millihenries) figure 2 safe o perating a rea for switching between saturation and cutoff (unclamped inductive load) i c = collector current (amperes) i c = collector current (amperes) downloaded from: http:///
t4 - lds -0 310 , rev . 1 ( 8/ 9 /13 ) ?201 3 microsemi corporation page 6 of 6 2n6298 and 2n6299 package dimensions notes: 1 . dimen sio ns are in in ch es. 2 . m illim eters are gi ven for in for ma t io n onl y. 3 . t hes e di me n si ons sh o ul d be me asu red at po in ts 0.050 inch (1.27 mm ) +0. 00 5 in ch (0.13 mm ) -0. 00 0 inc h ( 0.00 mm ) be low sea ting p la ne. w he n g aug e is no t us ed , m easu r em ent w il l be m ad e at the seating pl ane. 4 . two place s. 5 . the seating p lan e of the he ade r sha ll be flat wit hi n 0. 00 1 inch (0.03 mm ) co n ca ve to .004 inc h (0.10 mm) con vex insi de a . 93 0 in ch (2 3. 62 mm) d ia meter ci r cl e on the cen ter of the h ea der and flat wit hi n .001 inch (0.03 mm ) co n ca ve to .006 inch (0.15 mm) c on vex over all . 6 . lead d ia meter sh all no t ex cee d tw ic e l d wit hi n l1 . 7 . lead n um be r 1 is the em itter, lead 2 is the ba se, case is the c oll ector. 8 . in ac co rd an ce wi th asme y 14 .5m, diame ters are eq uival en t to x sy mbo l og y. schematic dim inch millimeters notes min max min max cb 0.470 0.500 11.94 12.70 cd - 0.620 - 15.76 ch 0.250 0.340 6.35 8.64 hr - 0.350 - 8.89 ht 0.050 0.075 1.27 1.91 hr1 0.115 0.145 2.92 3.68 4 ld 0.028 0.034 0.71 0.86 4, 6 ll 0.360 0.500 9.14 12.70 l1 - 0.050 - 1.27 6 mhd 0.142 0.152 3.61 3.86 4 mhs 0.958 0.962 24.33 24.4 3 ps 0.190 0.210 4.83 5.33 3 ps1 0.093 0.107 2.36 2.73 3 s 0.570 0.590 14.48 14.99 t1 base t2 emitter case collector downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2N6299E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X