Part Number Hot Search : 
TS820 LT3483 LT3483 C5001 MMBT55 2SK1466 SR305 ADJ15005
Product Description
Full Text Search
 

To Download 1N4001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4001 gthru 1n400 7g general purpose plastic rectifier reverse voltage - 50 to 1000 v olts forward current -1.0ampere features mechanical da ta maximum ratings and electrical chara cteristics case : jedec do-41 molded plastic body terminals : lead solderable per mil-std-750,method 2026 polarity : color band denotes cathode end mounting position : any weight : 0.012ounce, 0.33 gram (ratings at 25 c ambient temperature unless otherwise specified ) gprc( glass passivated rectifier chip) inside glass passivated cavity-free junctioncapable of meeting environmental standards of mil-s-19500 1.0ampere operation at ta=75 and 55 with no thermal runaway typical ir less than 0.1uahigh temperature soldering guaranteed:260 /10 seconds plastic package has under writers laboratory flammability classtification 94v-0 ?? ?? ?? note: 1.measured at 1mhz and applied reverse voltage of 4.0v dc. 2.thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm)lead length, p .c.b. mounted maximum recurrent peak reverse voltage 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 v rrm v olts v olts v olts v olts a a mp a mps v rms v dc i (av) i fsm t stg v f i r r ja maximum rms voltage maximum dc blocking voltage maximum dc blocking voltage temperature maximum average forward rectified current 0.375"(9.5mm) lead length at t a =75 c maximum instantaneous forward voltage at 1.0 a t =25 c t =100 c a a typical thermal resistance (note 2) typical junction capacitance(note 1) maximum reverse current at rated dc blockingvoltage peak forward surge current (8.3ms half sine- wave superimposed on rated load (jedec method) t a =75 c 1.0 30.0 15.0 +150 5.0 55.0 50.0 1.0 p f c/w c c c j t j t a -50 to+175 r jl 25.0 operating and storage temperature range do-41 dimensions in inches and (millimeters) 0.205(5.20) 0.107(2.7) 0.034(0.85) 1.0(25.4) min 1.0(25.4) min 0.180(4.10) 0.080(2.0) dia 0.028(0.71) dia r semiconductor 1n 4001g 1n 4002g 1n 4003g 1n 4004g 1n 4005g 1n 4006g 1n 4007g symbols unis s i l i c o n r e c t i f i e r jinan jingheng co., ltd. no.51 heping road pr china tel:86-531-6943657 fax:86-531-6947096 www.jifusemicon.com jf jf 7-8 g p r c
ratings and characte ristic curves 1N4001G thru 1n4007g 0.01 0.01 0.1 1.0 10 0.1 1 0 20 10 30 40 50 20 10 20 0 40 60 80 100 120 140 1 10 100 0.6 0.8 1.0 1.5 1.4 1.2 0 25 50 75 125 100 150 175 0 0.2 0.4 0.6 0.8 1.0 fig.1-forward current derating curve fig.3-maximum non-repetitive peak forward surge current fig.2-typical inst antaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) instantaneous forward v oltage (vol ts) reverse voltage. (vol ts) percent of rated peak reverse volt age % number of cycles at 60hz lead temperature ( c) t j =25 c pulse width=300 s1% duty cycle 8.3ms single half sine-wave (jedec method) t j =100 c t j =25 c single phase half wave 60hz resistive or inductive load 1 0.1 1 10 100 10 100 fig.5-typical junction cap acitance j u n c t i o n c a p a c i t a n c e ( p f ) t j =25 c i n s t a n t a n e o u s r e v e r s e c u r r e n t ( a ) s i l i c o n r e c t i f i e r jinan jingheng co., ltd. no.51 heping road pr china tel:86-531-6943657 fax:86-531-6947096 www.jifusemicon.com 7-9


▲Up To Search▲   

 
Price & Availability of 1N4001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X