Part Number Hot Search : 
C114Y 0F88M 08K87R ST32E MC44145 RPS1A6 MAX9951 SD758
Product Description
Full Text Search
 

To Download 1652002205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ita-1611 intel ? celeron? j1900 system with dual gigabit ethernet lan and dual displays ? intel ? celeron? j1900 quad-core processor, 2.0 ghz ? fanless, compact system design ? 4 gb of ddr3 memory onboard with optional nvram ? 2 x lan, 6 x usb, 6 x com, and 1 x usb 3.0 ports ? replaceable secondary display (vga 2/dvi-d/lvds) ? supports dual outputs of full hd resolution video system specifcations processor system cpu intel ? celeron? j1900 max speed 2.0 ghz l2 cache 2 mb core quantity 4 bios ami ? spi 64 mb memory technology dual-channel ddr3 1333 capacity onboard 4 gb (up to 8 gb with sodimm) graphics chipset embedded gen 4+ gfx core vram shared system memory up to 256 mb sdram dual display 2 x vga/vga + dvi-d/vga + lvds single channel maximum: 1920 x 1080 @ 60 hz dual channel maximum: 1920 x 1080 @ 60 hz lvds (optional) supports 18/24-bit dual channel, up to 1920 x 1080 @ 60 hz ethernet interface 10/100/1000 mbps controller 2 x intel ? i211 connector 2 x rj-45 storage nvram 1 mb fram (optional) internal 1 x msata socket external supports 1 x 2.5" hdd/ssd (optional) i/o interface main display vga 1 secondary display vga 2/dvi-d/lvds lan 2 usb 6 (5 x usb 2.0, 1 x usb 3.0) com 2 x rs 232/422/485 ports with automatic fow control (up to 6 ports, supports 4 additional optional rs-232 serial ports) digital i/o 1 x 8-channel gpio audio 1 x speaker out with 2 x 4w amplifer, 1 x mic in ps/2 (front panel) 1 reserved area (front panel) 1 (1 x lpt port as default; 2 x vga with pca-5650 optional) expansion slots mini pcie 1 power input voltage 9 ~ 36 v dc watchdog timer output system reset interval programmable 1~255 sec/min environment operating (w/o hdd) operating (with hdd) non-operating temperature -25 ~ 60 c 0 ~ 40 c -40 ~ 85 c physical characteristics dimensions (w x h x d) 200 x 70 x 190 mm ? u l all product specifications are subject to change without notice. last updated: 15-nov-2016 intelligent transportation platforms features
dimensions ita-1611 unit: mm ordering information part number cpu onboard memory display com d/o gbe lan usb ita-1611-00a1e j1900 4 gb ddr3 vga+dvi 2 8 bit 2 6 ita-1611-10a1e j1900 4 gb ddr3 vga*2 2 8 bit 2 6 ita-1611-s0a1e j1900 4 gb ddr3 vga+dvi 6 8 bit 2 6 ita-1611-20a1e j1900 4 gb ddr3 vga+lvds 2 8 bit 2 6 packing list part number description quantity 2001161100 startup menu (ch) 1 2001161110 startup menu (ch) 1 2062171010 cd-rom 1 1960054855n001 hdd bracket part 1 1 1960057417n301 hdd bracket part 2 1 1700009409 hdd sata cable 1 1700017839 hdd power cable 1 1990021361n000 hdd thermal pad 1 1 1990021362n000 hdd thermal pad 2 1 1960052263t001 mounting bracket 2 1652002205 plug-in connector 1 optional accessories part number description pca-5650-00a1e mini pcie vga card 96psa-a60w12p2-1 adapter 100-240v 60w 12v 1700000596-11 power cord (china) ccc,10a 250v, 3p 1.83 m 1702002600-01 power cord ul/csa (usa) 125v 10a, 3p, 1.83 m 1700023534-01 power cord (uk) 13a, 250v, 3p, 1.83 m 1702002605-01 power cord (eu) 10a/16a, 250v, 3p, 1.83 m 1700019592 lpt cable (front panel) 1960057418n001 vga bracket (front panel) front view rear view power/alarm led power/alarm led hdd led hdd led coms lpt (optional) ps/2 ita-1611-10a1e ita-1611-s0a1e 200 120 140 190 188 219.5 236 69.85 74 di/o audio usb power led reset power switch dc power in vga2 coms lan vga1 hdd led www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of 1652002205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X