Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download UMZ-195-D16-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 3 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2006, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information bifet hbt ldmos voltage controlled oscillator (vco) tank circuit resonator active circuit v tune v cc rf output UMZ-195-D16-G microstrip voltage controlled oscillator this series of vco modules offers ultra- linear tuning across their specified fre- quency band. features ? ultra-linear tuning/low phase noise ? frequency: 450mhz to 533mhz ? resonator: microstrip ? pcb: rogers ? package size: 12.7mm x 12.7mm x 5.59mm (0.5in x 0.5in x 0.22in) applications ? frequency synthesizers ? up & down converters ? instrumentation ? wideband frequency applications ds120109 ? package: d16, 12.7mm x 12.7mm x 5.59mm umz-195-d16- g microstrip voltage con- trolled oscilla- tor UMZ-195-D16-G contact us at 1-480-756-6070
2 of 3 UMZ-195-D16-G ds120109 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit operating ambient temperature[1] -40 to +85 c storage temperature -55 to +125 c [1] frequency drift: 2mhz typical (either extreme) parameter specification unit condition min. typ. max. overall frequency range 450 533 mhz tuning voltage 0.2 4.8 v dc tuning sensitivity 23 mhz/v output power -3 0 2 dbm -3 dbm at v t =0 output phase noise -90 -85 dbc/hz 1khz -115 -110 dbc / hz 10khz -135 -130 dbc/hz 100khz -155 -150 dbc/hz 1000khz second harmonic -15 -8 dbc frequency pulling 0.5 1 mhz p-p at 12dbr, all phases tuning port capacitance 100 pf modulation bandwi dth 1000 khz 3db bw frequency pushing 0.5 1 mhz /v power supply operating voltage 5 v supply current 15 20 ma caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rohs (restriction of hazardous subs tances): compliant per eu directive 2002/95/ec.
3 of 3 UMZ-195-D16-G ds120109 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing & pin outs 12.7mm x 12.7mm x 5.59mm (0.5in x 0.5in x 0.22in)


▲Up To Search▲   

 
Price & Availability of UMZ-195-D16-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X