Part Number Hot Search : 
1210M 4738A 2SD13 TSH691 MAX700 SP9604JS BO12864E 628A472
Product Description
Full Text Search
 

To Download U2722A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  keysight technologies U2722A/u2723a usb modular source measure unit data sheet
introduction voltage and current programming and readback the keysight technologies, inc. U2722A/u2723a usb modular source measure unit is more than just a power supply it has fast response time, and voltage and current programming/readback with high accuracy measurement capabilities. the U2722A and its enhanced version, the u2723a, are capable of four-quadrant operation, acting as a current source as well as the current sink (load) with both polarities of the output voltage. the u2723a offers additional features such as embedded test scripts to simplify automated testing, and faster rise time to help improve throughput during mass testing of semiconductor components.
03 | keysight | U2722A/u2723a usb modular source measure unit C data sheet features C three-channel smu C four-quadrant operation (20 v, 120 ma) C maximum current output of 120 ma per channel C embedded test script that is able to support three channels with coherent source and measurement capabilities (for u2723a) C iv curve application support in the keysight measurement manager software (for u2723a) C high measurement sensitivity of 100 pa with 16-bit resolution C 0.1% basic accuracy C low current measurement capability down to na levels C high-speed usb 2.0 and usbtmc-usb488 standards C standalone and modular C scpi and ivi-com supported increase the effciency of your tests with a high measurement sensitivity of 100 pa at 16-bit resolution for pico- level measurement and 0.1% accuracy, the U2722A/u2723a usb modular source measure unit provides more detailed and accurate analysis and measurement results. U2722A/u2723a supports scpi and ivi-com. the smu is compatible with a ride range of application development environments, minimizing your work time and increasing your software options. save time and effort with the bundled keysight measurement manager (kmm) software, which coverts scpi commands into snippets of vee, vb, c++ and c# code with the command logger function. pre-defne test confgurations and execute commands automatically the u2723a usb modular source measure unit provides an embedded test script to help you pre-defne test confgurations or duplicate tests easily without spending too much time on programming. each channel in the u2723a usb modular smu is allocated two memory lists, each capable of storing up to 200 commands and results individually. stored commands in active memory will be executed ac - cordingly while the measurement results obtained are automatically stored in the result buffer. four-quadrant operations with high measurement sensitivity and accuracy the U2722A/u2723a smu is a versatile device that allows you to perform sweep and measurement from different op - erating regions without needing ex - tra confgurations. the four-quadrant operation (20 v, 120 ma) makes the U2722A/u2723a smu well suited for a wide range of test applications, including leakage measurement, solar cell measure - ment, forward/reverse voltage and curve tracer transistors. the U2722A/u2723a smu also offers high measurement sensi - tivity with 16-bit resolution and accuracy that allows you to obtain more accurate analysis and measurement results. +120 ma ?120 ma +20 v ?20 v
04 | keysight | U2722A/u2723a usb modular source measure unit C data sheet product outlook and dimensions front view 117. 0 0 mm 180.00 mm 66.00 mm rear view top view product characteristics and general specifcations remote interface C hi-speed usb 2.0 C usbtmc-usb4881 power consumption C +12 vdc, 3 a maximum C isolated elv supply source operating environment C operating temperature from 0 c to +50 c C relative humidity at 20% to 85% rh (non-condensing) C altitude up to 2000 meters C pollution degree 2 C for indoor use only storage compliance C20 c to 70 c safety compliance certifed with: C iec 61010-1:2001/en 61010-1:2001 (2nd edition) C usa: ansi/ul 61010-1:2004 C canada: csa c22.2 no.61010-1:2004 emc compliance C iec 61326-1:2005/en61326-1:2006 C canada: ices-001:2004 C australia/new zealand: as/nzs cispr 11:2004 shock and vibration tested to iec/en 60068-2 io connector output connectors dimension (w d h) module dimension: C 120.00 mm x 183.00 mm x 66.00 mm (with bumpers) C 105.00 mm x 175.00 mm x 50.00 mm (without bumpers) weight module dimension: C 700 g (with bumpers) C 650 g (without bumpers) warranty one year for U2722A/u2723a three months for standard shipped accessories 1. compatible with microsoft windows operating systems only. requires a direct usb connection to the pc so the appropriate driver can be installed in the usb modular instrument. standard shipped accessories C 12 v, 3 a ac/dc power adapter C power cord C plug-in connectors and cable casing C usb standard-a to mini-b interface cable C l-mount kit (used with modular product chassis) C quick start guide C keysight measurement manager quick reference card C reference cd-rom C keysight automation-ready cd-rom (contains the keysight io libraries suite) C &huwlofdwhri&doleudwlrq U2722A/u2723a usb modular source measure unit
05 | keysight | U2722A/u2723a usb modular source measure unit C data sheet product specifcations model U2722A/u2723a number of outputs output ratings (at 0 c to 50 c) voltage C20 v to 20 v current C120 ma to 120 ma 3huruphvshowr U2722A/u2723a 1 a 10 a 100 a 0.075% + 7.5 a 1 a 0.1% + 100 a 20 a 1 a 10 a 100 a 0.075% + 7.5 a 1 a 0.1% + 100 a 20 a 1. accuracy measurements are based on nplc 10.
06 | keysight | U2722A/u2723a usb modular source measure unit C data sheet product specifcations (continued) performance characteristics rise/fall time (ms) 1 a 10 a 100 a remote sense operating range ensure that the maximum voltage between the output+ and sense+, outputC, wand senseC does not exceed 3 v temperature coeffcient maximum change in output/readback per c after a 30-minute warm-up is 0.15 0.2 k? noise 10 hz to 20 mhz (peak-peak) 100 mv typical into a resistive load (foating mode) ? 0.01% + 100 v 0.04% + 100 a 1. drive 50% of 1 v or 10 v output with a resistive load. rise time is from 10% to 90% of program voltage change at maximum current. fall time is from 90% to 10% of program voltage change at maximum current. 2. measurements obtained are per default bandwidth setting. note C all channels are isolated from the ground and from each other. isolation is +60 vdc, category 1. C all specifcations are based on a three-hour warm-up time. C the measurement accuracy value is x (1 + a * y), where, C x = accuracy specifcation at room temperature, C a = temperature coeffcient, and C y = temperature change from room temperature in c noise 10 hz to 20 mhz (peak-peak) voltage range current range 1 a 10 a 100 a
07 | keysight | U2722A/u2723a usb modular source measure unit C data sheet keysight measurement manager the keysight measurement manager (kmm) is an application data viewer software that comes with the standard purchase of the u2700a series usb modular instruments. this software is designed to help you perform quick device confguration, data logging and data acquisition using the products. supported features found in the U2722A/ u2723a usb modular source unit: C command logger to allow the capture of confguration commands that can be easily converted to snippets of vee, vb, c++ and c# code C self-test C self-calibration C option to save the current instrument confguration to a fle C data logging and export feature to csv, html and text only format fles that can be printed C trigger settings between modules in the instrument chassis with star trigger and master/slave trigger keysight measurement manager prerequisites prior to installing the keysight measurement manager software, ensure that your pc meets the following minimum system requirements for installation and operation. requirement windows xp operating systems windows vista operat - ing systems windows 7 operating systems operating system windows xp service pack 3 (or later) 1 windows vista (32-bit) service pack 1 and 2 2 windows 7 (32-bit and -bit) 3, processor speed 600 mhz or higher required, 800 mhz 1 ghz 32-bit (x86) 3 ghz 32-bit (x86) 1. supported windows xp editions home or professional 2. supported windows vista (32-bit) editions home basic, home premium, business, or ultimate 3. supported windows 7 (32-bit and 64-bit) editions home basic, home premium, professional, enterprise, or ultimate 4. keysight measurement manger for windows 7 64-bit support is a 32-bit application running on a wow64 (windows-on-windows 64-bit) emulator. 5. super vga graphics is supported for windows vista and windows 7. 6. the type of media provided with the product determines whether a cd-rom drive or dvd-rom drive is required. software requirements eysight o ibraries suite 15 7 and above 1 eysight tm toolkit runtime version 21 eysight tm toolkit redistributable package 21 patch microsoft .net framework version 2.0 7. available on the keysight automation-ready cd-rom 8. bundled with keysight measurement manager software application installer
08 | keysight | U2722A/u2723a usb modular source measure unit C data sheet u2942a parametric measurement manager pro software measure and analyze with ease keysight parametric measurement manager pro (pmm pro) is a vee - based software designed to perform basic semiconductor testing. the software specializes in the analysis of discrete semiconductor devices such as diodes, bipolar junction transistors and feld effect transistors. designed for use with the keysight U2722A/u2723a usb source measure unit and the u2941a parametric test fxture, keysight pmm pro controls the instruments to take parametric measure - ments such as voltage or current. the software then plots, displays and logs the results in an iv curve. keysight pmm pro allows users to carry out measurements and display results without the need for prior programming experience. the software operates through an intuitive user-interface that is easy to understand and confgure, and includes test sequence automation to further ease your task. features C uses an intuitive gui that is easy to confgure and simplifes testing C comes with predefned test profles for diode, bipolar junction transistors and feld effect transistors, removing the need for programming experience C allows users to defne and confgure test profles C automates test sequencing for parametric analysis C plots, displays and logs parametric measurements in an iv curve C includes built-in math functions such as addition, subtraction and division for quick analysis of results figure 1. intuitive gui that features both pre-defned and user-defned test profle. figure 2. plots, displays and logs parametric measurements in an iv curve.
09 | keysight | U2722A/u2723a usb modular source measure unit C data sheet u2942a parametric measurement manager pro software (continued) minimum system requirements for pmm pro system requirements operating system microsoft windows xp sp3 or higher C microsoft windows 7 (professional, ultimate, enterprise) C microsoft windows vista sp1 (business, ultimate, enterprise) or higher architecture x86 (32-bit), 64-bit for windows 7 supportability 1 prerequisite C keysight io libraries suite 15.0 or higher 2 C keysight vee pro 9.0 or higher (runtime version) 3 C microsoft.net framework version 1.1 and 2.03 C 450 mhz pentium ii or higher required C 800 mhz recommended C 1 ghz required, 2 ghz recommended C 128 mb minimum C 256 mb or higher recommended C 1 gb minimum, 2 gb recommended available disk space 1 gb hard disk free space video super vga (800x600) display or higher resolution monitor with 256 colors or more support for directx 9 graphics with 128 mb graphics memory recommended (super vga graphics is supported) browser microsoft internet explorer 6.0 or higher microsoft internet explorer 7 or higher 1. 32-bit application running on wow64 (windows-on-windows) emulator. 2. available on the keysight automation-ready cd-rom. 3. bundled with the keysight smu pmm pro software installer.
10 | keysight | U2722A/u2723a usb modular source measure unit C data sheet u2941a parametric test fixture increase your parametric test effciency and usability the keysight u2941a parametric test fxture is designed to complement usage of the keysight U2722A/u2723a usb modular source measure unit in the testing of semiconductor components, including smt and dip ics. the u2941a comes with three input channels, a common ground, and fve types of socket modules of various pin confgurations. the bundled keysight parametric measurement manager (pmm) software also supports the keysight u2751a usb modular switch matrix when used with the U2722A. the pmm software allows for out-of-box confguration of instruments for easy set-up, simplifying discrete package component testing and enabling data recording. figure 3. sample setup of the u2941a connected directly to the U2722A source measure unit and fastened with the dip socket module. black plastic fasteners socket modules figure 4. socket modules are interchangeable to match pin confguration of device-under-test (dut). features C closed lid minimizes esd on sensitive circuits and components C up to 3 source/measure channels supported C different socket modules to match a wide variety of pin confgurations C assembly ptfe plate for low-current measurements C comes with the keysight parametric measurement manager software
11 | keysight | U2722A/u2723a usb modular source measure unit C data sheet specifcations and system requirements the following specifcations are valid for 23 c 5 c and < 70% relative humidity. specifcations electrical specifcations voltage rating 60 vdc current rating 1 a environmental specifcations operating temperature 0 c to 50 c storage temperature C20 c to 70 c operating humidity 20% to 85% rh non-condensing storage humidity 5% to 90% rh non-condensing altitude up to 2000 m physical specifcations dimensions (wdh) 250 mm 200 mm 120 mm weight 1.33 kg (approximate) warranty 3 months minimum system requirements hardware processor *+3hwlxp,9ruklkhu ram 512 mb (1.0 gb or higher recommended) hard disk space 1 gb free disk space at runtime display resolution 1024 768 recommended operating system and browser operating system C windows xp professional or home edition, service pack 1 or later; or C windows 2000 professional, service pack 4 or later browser microsoft internet explorer 5.01 (6.0 or higher recommended) software keysight io libraries suite 1 version 15.0 or higher keysight vee 2 runtime version 8.5, patch 8.5.1 keysight measurement manager 3 version 1.6 or higher 0lfurvriw1(7)udphru 1 version 1.1 and 2.0 1. available on keysight automation-ready cd 2. bundled with keysight parametric measurement manager cd 3. bundled with keysight U2722A usb modular source measure unit or keysight u2751a usb modular switch matrix top view front view 250 mm 200 mm 53 mm 120 mm
12 | keysight | U2722A/u2723a usb modular source measure unit C data sheet u2722p/u2723p parametric measurement solution measure and analyze quickly and effciently with all your essential parametric measurement tools at your fngertips parametric testing is used across a variety of application and industries C from a teaching tool in the education sector to manufacturing and troubleshooting in the semiconductor industry. now, you can measure and analyze quickly and effciently in all these areas with the one-stop parametric measurement solution. the parametric measurement solution bundle consists of the keysight U2722A/ u2723a usb modular source measure - ment unit and the keysight parametric measurement manager pro software, pro - viding you a basic yet complete parametric measurement test solution that analyzes the performance of components such as diodes and transistors without the need for prior programming experience. the optional keysight u2941a parametric test fxture can further increase your parametric test effciency and usability. the u2722p/u2723p parametric measurement solution bundle is only available in europe and asia, excluding japan. figure 5. easily confgure an i-v characterization test with the parametric measurement manager pro software. figure 6. execute the i-v characterization test to view results instantly. figure 7. the test results can also be viewed in tabular format for quick analysis.
13 | keysight | U2722A/u2723a usb modular source measure unit C data sheet other products in the keysight usb modular test instruments family u2701a/u27012a usb modular oscilloscope features C high sampling rate up to 500 msa/s, enabling accurate measurement analysis C up to 32 mb large memory C fast fourier transfer (fft) and waveform math functions enables easy waveform calculation for more information: http://www.keysight.com/fnd/usbscope . u2741a usb modular digital multimeter (dmm) features C fast reading speed (up to 100 sa/s) C wide range of basic measurement functions, including frequency and temperature measurements for more information: http://www.keysight.com/fnd/u2741a . u2751a usb modular switch matrix features C minimal cross-talk of -30 db at 45 mhz wide bandwidth C high bandwidth at 45 mhz without terminal block C capability to test up to four devices-under-test (duts) C works with other keysight instruments for multi-point testing for more information: http://www.keysight.com/fnd/u2751a . u2761a usb modular function/arbitrary waveform generator features C direct digital synthesis (dds) waveform generator C pulse generator that can generate pulse signal as stimulus C easy customization with arbitrary waveform editor C internal modulation capability simplifes test setup for more information: http://www.keysight.com/fnd/u2761a . u2781a usb modular product chassis features C expansion of channels for each modular product C multiple instrument synchronization C internal and external 10 mhz reference clock C high-speed usb 2.0 C ssi/star trigger bus synchronization between external trigger source and modules for more information: http://www.keysight.com/fnd/u2781a .
14 | keysight | U2722A/u2723a usb modular source measure unit C data sheet ordering information U2722A usb modular source measure unit u2723a usb modular source measure unit with embedded test scripts u2941a parametric test fxture, shipped with: C assembly ptfe plate C 28-pin dual-in-line package (dip) socket module C 0.1-inch universal socket module C 0.075-inch universal socket module C 0.05-inch universal socket module C pin plug-to-pin plug cables, black (4 pcs) C pin plug-to-pin plug cables, red (4 pcs) C pin plug-to-pin plug cables, blue (4 pcs) C pin plug-to-miniature clip cables, black (4 pcs) C pin plug-to-miniature clip cables, red (4 pcs) C pin plug-to-miniature clip cables, blue (4 pcs) C pcb jumper pin C bnc to two-wire cable, 1 m (3 pcs) C keysight parametric measurement manager cd (includes installation and operation guide) u2942a parametric measurement manager pro software u2722p* U2722A usb modular source measure unit and u2942a parametric measurement manager pro bundle u2723p* u2723a usb modular source measure unit and u2942a parametric measurement manager pro bundle 1. only available in europe and asia (excluding japan) optional accessories for the u2700 series u2921a-101 usb secure cable, 2 m optional accessories for the u2941a parametric test fxture u2941a-101 pin plug-to-pin plug cable, black u2941a-102 pin plug-to-pin plug cable, red u2941a-103 pin plug-to-pin plug cable, blue u2941a-10 4 pin plug-to-miniature clip cables, black u2941a-105 pin plug-to-miniature clip cables, red u2941a-106 pin plug-to-miniature clip cables, blue u2941a-107 bnc to two-wire, 1 m u2941a-201 assembly ptfe plate C insulation board with minimal leakage current; suitable for extremely low-current measurement u2941a-202 28-pin dual-in-line package (dip) socket module C lever actuated zero insertion force (zif) socket u2941a-203 0.1-inch universal socket module C 0.1-inch pitch; suitable for virtually any device such as components, dip ic or small scale circuit u2941a-204 0.075-inch universal socket module C 0.075-inch pitch; suitable for virtually any device such as components, dip ic or small scale circuit u2941a-205 0.05-inch universal socket module C 0.05-inch pitch; suitable for any device such as components, dip ic or small scale circuit
for more information on keysight technologies products, applications or services, please contact your local keysight office. the complete list is available at: www.keysight.com/find/contactus americas canada (877) 894 4414 brazil 55 11 3351 7010 mexico 001 800 254 2440 united states (800) 829 4444 asia pacifc australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 112 929 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 other ap countries (65) 6375 8100 europe & middle east austria 0800 001122 belgium 0800 58580 finland 0800 523252 france 0805 980333 germany 0800 6270999 ireland 1800 832700 israel 1 809 343051 italy 800 599100 luxembourg +32 800 58580 netherlands 0800 0233200 russia 8800 5009286 spain 800 000154 sweden 0200 882255 switzerland 0800 805353 opt. 1 (de) opt. 2 (fr) opt. 3 (it) united kingdom 0800 0260637 for other unlisted countries: www.keysight.com/find/contactus (bp-09-23-14) this information is subject to change without notice. ? keysight technologies, 2012 - 2014 published in usa, august 3, 2014 5990-7416en www.keysight.com 15 | keysight | U2722A/u2723a usb modular source measure unit C data sheet mykeysight www.keysight.com/find/mykeysight a personalized view into the information most relevant to you. www.axiestandard.org advancedtca ? extensions for instrumentation and test (axie) is an open standard that extends the advancedtca for general purpose and semiconductor test. keysight is a founding member of the axie consortium. atca ? , advancedtca ? , and the atca logo are registered us trademarks of the pci industrial computer manufacturers group. www.lxistandard.org lan extensions for instruments puts the power of ethernet and the web inside your test systems. keysight is a founding member of the lxi consortium. www.pxisa.org pci extensions for instrumentation (pxi) modular instrumentation delivers a rugged, pc-based high-performance measurement and automation system. three-year warranty www.keysight.com/find/threeyearwarranty keysights commitment to superior product quality and lower total cost of ownership. the only test and measurement company with three-year warranty standard on all instruments, worldwide. keysight assurance plans www.keysight.com/find/assuranceplans up to five years of protection and no budgetary surprises to ensure your instruments are operating to specification so you can rely on accurate measurements. www.keysight.com/go/quality keysight technologies, inc. dekra certified iso 9001:2008 quality management system keysight channel partners www.keysight.com/find/channelpartners get the best of both worlds: keysights measurement expertise and product breadth, combined with channel partner convenience. www.keysight.com/find/U2722A www.keysight.com/find/u2723a


▲Up To Search▲   

 
Price & Availability of U2722A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X