Part Number Hot Search : 
A3514 BC847UF CJ170A GRM216 645TS ACHIPS RKV502KK 13237EE
Product Description
Full Text Search
 

To Download TPS2409 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tps series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description the tps series are miniature, 6kvdc isolated 2w dc/dc-converters in a dip package with dual output. they offer the ideal solution in many space critical applications for board level power distribution. the internal smd construction makes it possible to offer a product with high performance at low cost.the series offers smaller size, improved efficiency, lower output ripple noise. 2w 6kvdc isolated dual output dc/dc converters selection guide part number nominal in p ut volta g e out p ut volta g e out p ut current ( max./min ) efficienc y v v m a % tps0505 5 5 200/20 73 tps0509 5 9 110 / 11 75 tps0512 5 12 84 / 8.4 77 tps0515 5 15 68/6.8 77 tps0505a 5 5 400/40 75 tps0509a 5 9 222/22.2 76 tps0512a 5 12 167/16.7 78 tps1205 12 5 200/20 78 tps1209 12 9 110 / 11 80 tps1212 12 12 84 / 8.4 82 tps1215 12 15 68/6.8 82 tps1205a 12 5 400/40 75 tps1209a 12 9 222/22.2 78 tps1215a 12 15 133/13.3 78 tps1515 15 15 67/6.7 77 tps1515a 15 15 133/13.3 81 tps2405 24 5 200/20 77 TPS2409 24 9 111/11.1 78 tps2415 24 15 67/6.7 80 tps2405a 24 5 400/40 77 TPS2409a 24 9 222/22.2 78 tps2412a 24 12 167/16.7 81 tps2415a 24 15 133/13.3 80 add suffix ?p? for c ontinuous short circuit p rotection , f or exam p le tps0505p. input characteristics parameter conditions min. typ. max. units voltage range 5v input 4.5 5 5.5 v voltage range 12v input 11 12 13.2 v voltage range 15v input 13.4 15 16.4 v voltage range 24v input 22 24 26.5 v output characteristics parameter conditions min. typ. max. units rated power ta= -40c to 85c 2 w voltage set point accuracy see tolerance envelope 10 % line regulation high vin to low vin 1.0 1.2 %/% load regulation(10% load to rated load) 5v output 9 16 % load regulation(10% load to rated load) 9v output 7 16 % load regulation(10% load to rated load) 12v output 7 16 % load regulation(10% load to rated load) 15v output 7 16 % features rohs compliant ce certification dual outputs efficiency to 82% power density up to 0.44w/cm 3 no heatsink required low profile package ul 94v-0 package material 6kvdc isolation footprint 4.75cm 2 input voltage: 5v, 12v , 15v, 24v output voltage: 5v, 9v, 12v, 15v /5v, 9v,12v,15v operating temperature: -40oc to 105oc toppower
tps series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 absolute maximum ratings short-circuit p rotection 1 second lead tem p erature 1.5mm from case for 10 seconds 300c internal p ower dissi p ation 890mw in p ut volta g e vin, tps05 7v in p ut volta g e vin, tps12 15v in p ut volta g e vin, tps15 18v in p ut volta g e vin, tps24 28v isolation characteristics paramete r conditions min. t y p. max. units isolation test volta g e tested for 1 second 6000 vdc resistance viso= 1000vdc 1 g ? general characteristics parameter conditions min. t y p. max. units switchin g fre q uenc y all in p ut t yp es 40 khz temperature characteristics paramete r conditions min. t yp . max. units s p ecification deratin g if the tem p erature 85c -40 105 stora g e -50 130 case tem p erature above ambien t all out p ut t yp es 35 coolin g free air convection temperature derating graphs tolerance envelopes mechanical dimensions pin connections 24 pin dip pin dual output single output 1 +vin +vin 2 -vin -vin 8 -vout nc 9 nc nc 10 ov ov 11 nc nc 12 +vout +vout 13 +vout +vout 14 nc nc 15 ov ov 16 nc nc 17 -vout nc 23 nc nc 24 nc nc output voltage t y p i c a l l o a d l i n e 10 25 50 75 100 -7% +2.5% -2.5% nom v +5% +9.5% output load current(%) 32.60(max) 9.400.30 0.60(max) 2.16 15.24 0.55 0.45 3.90 16.95(max) tps1205 yyww 14.72 2.54 0.30 0.20 toppower 12 10 13 14 16 17 23 24 1 2 8 9 15 11 top view all dimensions in mm 0.25mm. all pins on a 2.54mm pitch and within 0.25mm of true position. dip package 3.0 2.0 1.0 0 -40 0 50 100 150 output power(w) ambient temperature(c) 85c safe operating area 105 toppower
tps series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 recommended footprint details tube outline dimensions soldering information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300oc for 10 seconds. the series i s backward compatible with sn/pb soldering systems. 16.700.80 11.700.80 16.700.55 20.700.55 5.500.25 6.800.55 0.600.15 unless otherwise stated all dimensions in mm0.5mm. unless otherwise stated all dimensions in mm0.5mm. tube length : 520mm2mm. tube quantity : 15pcs 1.15 1.00 14 holes 2.54 2.54 toppower


▲Up To Search▲   

 
Price & Availability of TPS2409

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X