Part Number Hot Search : 
AL8807Q N5339 5231B MDS140L BF546 A15K1V1 1N5255B TLYEI100
Product Description
Full Text Search
 

To Download TIP31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TIP31 rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220 ?? npn ?? silicon npn transistor in a to-220 plastic package.  tip32  complement to tip32. ??? medium power linear switching applications. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
TIP31 rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit TIP31 TIP31a TIP31b TIP31c collector to base voltage v cbo 40 60 80 100 v collector to emitter voltage v ceo 40 60 80 100 v emitter to base voltage v ebo 5.0 v collector current - continuous i c 3.0 a peak collector current i cp 5.0 a base current - continuous i b 1.0 a collector power dissipation p c 2.0 w collector power dissipation p c (tc=25 ) 40 w junction temperature t j 150 storage temperature range t sag -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to emitter breakdown voltage v ceo TIP31 i c =30ma i b =0 40 v TIP31a 60 TIP31b 80 TIP31c 100 collector cut-off current i ceo TIP31 TIP31a v ce =30v i b =0 0.3 ma TIP31b TIP31c v ce =60v i b =0 0.3 collector cut-off current i ces TIP31 v ce =40v v eb =0 200 a TIP31a v ce =60v v eb =0 200 TIP31b v ce =80v v eb =0 200 TIP31c v ce =100v v eb =0 200 emitter cut-off current i ebo v eb =5.0v i c =0 1.0 ma dc current gain h fe(1) v ce =4.0v i c =3.0a 10 70 h fe(2) v ce =4.0v i c =1.0a 25 collector to emitter saturation voltage v ce(sat) i c =3.0a i b =375ma 1.2 v base to emitter voltage v be i c =3.0a v ce =4.0v 1.8 v transition frequency f t v ce =10v i c =500ma 3.0 mhz ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
TIP31 rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
TIP31 rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
TIP31 rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions  ? br ?? TIP31   ??? ****  ???? note: br:   company code TIP31: product type. ****:  lot no. code, code change with lot no. br **** TIP31
TIP31 rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of TIP31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X