Part Number Hot Search : 
24AA0 362611 MMSZ468 AV9155 AN8570SH OCXOWSTC FN3110 AV9155
Product Description
Full Text Search
 

To Download T530D227M010ATE010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 6/15/2017 - 0b14f5d1-409b-4571-ae81-b96d99100fa0 kemet part number: T530D227M010ATE010 tantalum, polymer tantalum, multi-anode, t530, 220 uf, 20%, 10 v, 7343, smd, polymer, molded, multiple anodes, low esr, 10 mohms, height max = 3.1mm dimensions footprint 7343 l 7.3mm +/-0.3mm w 4.3mm +/-0.3mm h 2.8mm +/-0.3mm t 0.13mm ref s 1.3mm +/-0.3mm f 2.4mm +/-0.1mm a 3.6mm min b 0.5mm +/-0.15mm p 0.9mm ref r 1mm ref x 0.1mm +/-0.1mm packaging specifications weight: 307.51 mg packaging: t&r, 178mm packaging quantity: 500 general information dielectric: polymer tantalum style: smd chip series: t530 description: smd, polymer, molded, multiple anodes, low esr features: low esr rohs: yes termination: tin specifications capacitance: 220 uf capacitance tolerance: 20% voltage dc: 10 vdc (105c), 6.7 vdc (125c) temperature range: -55/+125c dissipation factor: 8% 120hz 25c failure rate: n/a resistance: 10 mohms (100khz 25c) current: 5000 mamps (100khz 45c), 3500 mamps (85c), 1250 mamps (125c) leakage current: 220 ua (5min 25c) ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T530D227M010ATE010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X