sur2x100-04,SUR2X100-06 symbol test conditions maximum ratings unit i frms i favm i frm t vj =t vjm t c =70 o c; rectangular, d=0.5 t p <10us; rep. rating, pulse width limited by t vjm 150 96 tbd a t vj =45 o c t=10ms (50hz), sine t=8.3ms (60hz), sine t vj =150 o c t=10ms(50hz), sine t=8.3ms(60hz), sine 1200 1300 1080 1170 a i fsm t vj =45 o c t=10ms (50hz), sine t=8.3ms (60hz), sine t vj =150 o c t=10ms(50hz), sine t=8.3ms(60hz), sine 7200 7100 5800 5700 a 2 s i 2 t t vj t vjm t stg -40...+150 150 -40...+150 o c 30 weight g p tot t c =25 o c 250 w v isol 50/60hz, rms i isol <1ma 2500 v~ m d mounting torque terminal connection torque (m4) 1.5/13 1.5/13 nm/lb.in. _ sur2x100-04 SUR2X100-06 v rsm v 400 600 v rrm v 400 600 dim. millimeter inches min. max. min. max. a 31.50 31.88 1.240 1.255 b 7 .80 8 .20 0.307 0.323 c 4 .09 4 .29 0.161 0.169 d 4 .09 4 .29 0.161 0.169 e 4 .09 4 .29 0.161 0.169 f 14.91 15.11 0.587 0.595 g 30.12 30.30 1.186 1.193 h 37.80 38.20 1.489 1.505 j 11.68 12.22 0.460 0.481 k 8 .92 9 .60 0.351 0.378 l 0 .76 0 .84 0.030 0.033 m 12.60 12.85 0.496 0.506 n 25.15 25.42 0.990 1.001 o 1 .98 2 .13 0.078 0.084 p 4 .95 5 .97 0.195 0.235 q 26.54 26.90 1.045 1.059 r 3 .94 4 .42 0.155 0.174 s 4 .72 4 .85 0.186 0.191 t 24.59 25.07 0.968 0.987 u -0.05 0.1 -0.002 0.004 v 3 .30 4 .57 0.130 0.180 w 0.780 0.830 19.81 21.08 dimensions sot-227(isotop) soft recovery behaviour ultra fast recovery epitaxial diodes p1 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
advantages * high reliability circuit operation * low voltage peaks for reduced protection circuits * low noise switching * low losses * operating at lower temperature or space saving by reduced cooling applications * antiparallel diode for high frequency switching devices * antisaturation diode * snubber diode * free wheeling diode in converters and motor control circuits * rectifiers in switch mode power supplies (smps) * inductive heating and melting * uninterruptible power supplies (ups) * ultrasonic cleaners and welders features * international standard package minibloc (isotop compatible) * isolation voltage 2500 v~ * matched diodes f. parallel operation * glass passivatd chips * two independent diodes * very short recovery time * extremely low switching losses * low i rm -values * soft recovery behaviour t vj =25 o c; v r =v rrm t vj =25 o c; v r =0.8 v rrm t vj =125 o c; v r =0.8 v rrm 3 1 20 ma i f =100a; t vj =150 o c t vj =25 o c 1.17 1.25 v 0.5 k/w 0.05 for power-loss calculations only 0.70 v 4.7 m v r =100v; i f =80a; -di f /dt=200a/us; l<0.05mh; t vj =100 o c i f =1a; -di/dt=400a/us; v r =30v; t vj =25 o c ns a 35 50 19 _ 24 soft recovery behaviour ultra fast recovery epitaxial diodes sur2x100-04,SUR2X100-06 * ul file no.e310749 * rohs compliant p2 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
200 60 0 1000 0 400 800 120 140 160 180 200 220 240 260 0. 001 0. 01 0. 1 1 10 0. 1 1 0 5 0 100 150 0. 4 0. 6 0. 8 1. 0 1. 2 1. 4 k f t vj c -d i f /d t t s k/ w 0 200 400 6 0 0 8 0 0 1000 10 30 50 0 20 40 60 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 v fr di f /d t v 200 6 0 0 1000 0 400 80 0 10 30 50 70 0 20 40 60 80 100 1000 0 1 2 3 4 5 6 7 0. 0 0 . 5 1. 0 1 . 5 0 25 50 75 100 125 150 i rm q r i f a v f -d i f /d t -d i f /d t a/ us a v c a/ us a/ us t rr ns t fr z th j c a/ us us s i ngl e p u l s e 0.05 0.1 0.2 0.3 0.5 d=0 . 7 0. 05 i f =200a i f =100a i f = 50a t vj = 100 c v r = 300v t vj = 100 c i f = 100a fig. 3 peak reverse current i rm versus -di f /dt fig. 2 reverse recovery charge q r versus -di f /dt fig. 1 forward current i f versus v f t vj =100 c t vj =25 c t vj =150 c t vj = 100 c v r = 300v t vj = 100 c v r = 300v i f =200a i f =100a i f = 50a q r i rm fig. 4 dynamic parameters q r , i rm versus t vj fig. 5 recovery time t rr versus -di f /dt fig. 6 peak forward voltage v fr and t fr versus di f /dt i f =200a i f =100a i f = 50a t fr v fr fig. 7 transient thermal impedance junction to case at various duty cycles constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.02 0.00002 2 0.05 0.00081 3 0 .076 0.01 4 0.24 0.94 5 0 .114 0.45 soft recovery behaviour ultra fast recovery epitaxial diodes sur2x100-04,SUR2X100-06 p3 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
|