Part Number Hot Search : 
TDA56 BP60460 1CGKW A1015GR 2SD1317Q CP3CN23 BT138 BP60460
Product Description
Full Text Search
 

To Download SUP50N10-21P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix SUP50N10-21P document number: 62781 s12-2730-rev. a, 12-nov-12 www.vishay.com 1 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact:: pmostechsupport@vishay.com n-channel 100 v (d-s) mosfet features ? trenchfet ? power mosfet ? 100 % r g and uis tested ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? dc/ac inverters ? primary side switching ? synchronous rectification notes: a. duty cycle ? 1 %. b. see soa curve for voltage derating. c. when mounted on 1" square pcb (fr-4 material). d. package limited. product summary v ds (v) r ds(on) ( ? ) max. i d (a) q g (typ.) 100 0.021 at v gs = 10 v 50 d 30.2 nc 0.023 at v gs = 8 v 49.7 0.028 at v gs = 6 v 45 to-220ab top view gds ordering information: SUP50N10-21P-ge3 (lead (pb)-free and halogen-free) n-channel mosfet g d s absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 100 v gate-source voltage v gs 20 continuous drain current (t j = 150 c) t c = 25 c i d 50 d a t c = 70 c 41.6 pulsed drain current (t = 300 s) i dm 60 avalanche current i as 40 single avalanche energy a l = 0.1 mh e as 80 mj maximum power dissipation a t c = 25 c p d 125 b w t a = 25 c c 3.1 operating junction and storage temperature range t j , t stg - 55 to 150 c thermal resistance ratings parameter symbol limit unit junction-to-ambient (pcb mount) c r thja 40 c/w junction-to-case (drain) r thjc 1
www.vishay.com 2 document number: 62781 s12-2730-rev. a, 12-nov-12 vishay siliconix SUP50N10-21P this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact:: pmostechsupport@vishay.com notes: a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design, not subject to production testing. c. independent of operating temperature. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 100 v gate threshold voltage v gs(th) v ds = v gs , i d = 250 a 24 gate-body leakage i gss v ds = 0 v, v gs = 20 v 250 na zero gate voltage drain current i dss v ds = 100 v, v gs = 0 v 1 a v ds = 100 v, v gs = 0 v, t j = 125 c 50 v ds = 100 v, v gs = 0 v, t j = 150 c 250 on-state drain current a i d(on) v ds ?? 10 v, v gs = 10 v 20 a drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 10 a 0.017 0.021 ? v gs = 8 v, i d = 9.6 a 0.019 0.023 v gs = 6 v, i d = 8.7 a 0.022 0.028 forward transconductance a g fs v ds = 20 v, i d = 10 a 40 s dynamic b input capacitance c iss v gs = 0 v, v ds = 50 v, f = 1 mhz 2055 pf output capacitance c oss 227 reverse transfer capacitance c rss 120 total gate charge c q g v ds = 50 v, v gs = 10 v, i d = 10 a 45 68 nc gate-source charge c q gs 10.5 gate-drain charge c q gd 15.9 gate resistance r g f = 1 mhz 0.3 1.5 3 ? tu r n - o n d e l ay t i m e c t d(on) v dd = 20 v, r l = 2 ? i d ? 8 a, v gen = 10 v, r g = 1 ? 10 20 ns rise time c t r 10 20 turn-off delay time c t d(off) 22 33 fall time c t f 714 drain-source body diode ratings and characteristics (t c = 25 c) b continuous current i s 50 a pulsed current i sm 60 forward voltage a v sd i f = 8 a, v gs = 0 v 0.75 1.2 v reverse recovery time t rr i f = 8 a, di/dt = 100 a/s 55 83 ns peak reverse recovery current i rm(rec) 4.1 6.2 a reverse recovery charge q rr 107 161 nc
vishay siliconix SUP50N10-21P document number: 62781 s12-2730-rev. a, 12-nov-12 www.vishay.com 3 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact:: pmostechsupport@vishay.com typical characteristics (25 c, unless otherwise noted) output characteristics transfer characteristics transconductance 0 15 30 45 60 0 1 2 3 4 i d - drain current (a) v d s - drain-to- s ource voltage (v) v gs = 10 v thru 7 v v gs = 5 v v gs = 6 v 0 0.5 1 1.5 2 0 1.5 3 4.5 6 i d - drain current (a) v gs - g ate-to- s ource voltage (v) t c = 25 c t c = 125 c t c = - 55 c 0 15 30 45 60 75 0 6 12 18 24 30 g fs - transconductance ( s ) i d - drain current (a) t c = 25 c t c = 125 c t c = - 55 c on-resistance vs. drain current on-resistance vs. gate-to-source voltage gate charge 0.013 0.016 0.019 0.022 0.025 0.028 0 15 30 45 60 r d s (on) - on-resistance () i d - drain current (a) v gs gs gs s (on) - on-resistance () v gs - g ate-to- s ource voltage (v) t j = 125 c t j = 25 c i d =10 a 0 2 4 6 8 10 0 10 20 30 40 50 v gs - g ate-to- s ource voltage (v) q g - total g ate charge (nc) v d s = 80 v v d s = 25 v v d s = 50 v i d = 10 a
www.vishay.com 4 document number: 62781 s12-2730-rev. a, 12-nov-12 vishay siliconix SUP50N10-21P this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact:: pmostechsupport@vishay.com typical characteristics (25 c, unless otherwise noted) source-drain diode forward voltage capacitance on-resistance vs. junction temperature 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s - s ource current (a) v s d - s ource-to-drain voltage (v) t j = 150 c t j = 25 c 0 600 1200 1800 2400 3000 0 20 40 60 80 100 c - capacitance (pf) v d s - drain-to- s ource voltage (v) c iss c oss c rss 0.4 0.85 1.3 1.75 2.2 - 50 - 25 0 25 50 75 100 125 150 r d s (on) - on-resistance (normalized) t j - junction temperature ( c) v gs = 8 v i d = 10 a v gs = 10 v 0 threshold voltage drain source breadown vs. junction temperature current derating 1.8 2.2 2.6 3 3.4 3.8 - 50 - 25 0 25 50 75 100 125 150 v gs (th) (v) t j - temperature ( c) i d = 250 a 100 105 110 115 120 125 - 50 - 25 0 25 50 75 100 125 150 v d s (v) drain-to- s ource voltage t j - temperature ( c) i d = 250 a 0 15 30 45 60 0 25 50 75 100 125 150 i d - drain current (a) t c - case temperature ( c)
vishay siliconix SUP50N10-21P document number: 62781 s12-2730-rev. a, 12-nov-12 www.vishay.com 5 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact:: pmostechsupport@vishay.com typical characteristics (25 c, unless otherwise noted) vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?62781 . single pulse avalanche current capability vs. time 1 10 100 10 -5 10 -6 0.0001 0.001 0.01 0.1 i dav (a) time (s) t j = 25 c t j = 150 c safe operating area 0.01 0.1 1 10 100 0.1 1 10 100 i d - drain current (a) v d s - drain-to- s ource voltage (v) * v gs > minimum v gs at which r d s (on) is specified dc, 10 s, 1 s, 100 ms limited by r d s (on) * 1 ms t c = 25 c s ingle pulse bvd ss limited 10 ms 100 s normalized thermal transient impedance, junction-to-case 10 -4 10 -3 10 -2 10 -1 1 1 0.1 s quare wave pulse duration (s) normalized effective transient thermal impedance s ingle pulse 0.05 0.02 duty cycle = 0.5 0.2 0.1
package information www.vishay.com vishay siliconix revison: 16-jun-14 1 document number: 71195 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 to-220ab note * m = 1.32 mm to 1.62 mm (dimension including protrusion) heatsink hole for hvm m * 3 2 1 l l(1) d h(1) q ? p a f j(1) b(1) e(1) e e b c d2 millimeters inches dim. min. max. min. max. a 4.25 4.65 0.167 0.183 b 0.69 1.01 0.027 0.040 b(1) 1.20 1.73 0.047 0.068 c 0.36 0.61 0.014 0.024 d 14.85 15.49 0.585 0.610 d2 12.19 12.70 0.480 0.500 e 10.04 10.51 0.395 0.414 e 2.41 2.67 0.095 0.105 e(1) 4.88 5.28 0.192 0.208 f 1.14 1.40 0.045 0.055 h(1) 6.09 6.48 0.240 0.255 j(1) 2.41 2.92 0.095 0.115 l 13.35 14.02 0.526 0.552 l(1) 3.32 3.82 0.131 0.150 ? p 3.54 3.94 0.139 0.155 q 2.60 3.00 0.102 0.118 ecn: t14-0413-rev. p, 16-jun-14 dwg: 5471
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SUP50N10-21P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X