Part Number Hot Search : 
5KE13 5KE13 74ALS240 FN4707 CM1502 STT622S CM150 7210D
Product Description
Full Text Search
 

To Download SMAJ4742AHE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smaj4740ahe3 thru smaj4764ahe3 1 watt zener diode 10 to 100 volts features 0.070" 0.090 0.085 suggested solder pad layout do-214ac (sma)( lead frame)      dimensions inches mm dim min max min max note a .079 .096 2.00 2.44 b .050 .064 1.27 1.63 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 f .065 .091 1.65 2.32 g .189 .220 4.80 5.59 h .157 .181 4.00 4.60 j .090 .115 2.25 2.92 h j e f g a b d c revision: a 20 15/06/12 www. mccsemi .com 1 of 4 ? low zener impedance ? low regulation factor ? v z ? tolerance:  5% ? for surface mount applications note: 1. high temperature solder exemptions applied, see eu directive annex 7. maximum ratings@25unless otherwise specified parameters test conditions symbol value unit power dissipation tamb 5 0 p d 1 w z-current iz pd/vz ma operating junction temperature tj -65~+150 storage temperature tstg -65~+150 k/w max. forward voltage drop if=100m a vf 1.2 v thermal resistence fr-4 board, mcc's 100 rja suggested solder pad rjl 75 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? h alogen free ? lead free finish/rohs compliant (note 1) ("p"suffix designates comp liant. see o rde ring information) ? aec-q101 qualified micro commercial components m c c tm  
 omponents 20736 marilla street chatsworth       
    
electrical characteristics @25c sa a h e thr saa h e 2 zener voltage v z test current i zt maximum dynamic impedance z z t @ i zt maximum reverse current i r reverse voltage v r knee impedance z zk knee current i zk volt s m a ohm s a volt s ohm s ma mcc part number device marking revision: a 20 1 5 /0 6/12 micro commercial components m c c tm smaj4740 ahe3 smaj4741 ahe3 smaj4742 ahe3 smaj4743 ahe3 smaj4744 ahe3 smaj4745 ahe3 smaj4746 ahe3 smaj4747 ahe3 smaj4748 ahe3 smaj4749 ahe3 smaj4750 ahe3 smaj4751 ahe3 smaj4752 ahe3 smaj4753 ahe3 smaj4754 ahe3 smaj4755 ahe3 smaj4756 ahe3 smaj4757 ahe3 smaj4758 ahe3 smaj4759 ahe3 smaj4760 ahe3 smaj4761 ahe3 smaj4762 ahe3 smaj4763 ahe3 smaj4764 ahe3 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 25 23 21 19 17 15. 5 14 12. 5 11. 5 10. 5 9. 5 8. 5 7. 5 7 6. 5 6 5. 5 5 4. 5 4 3. 7 3. 3 3 2. 8 2. 5 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 7. 6 8. 4 9. 1 9. 9 11. 4 12. 2 13. 7 15. 2 16. 7 18. 2 20. 6 22. 8 25. 1 27. 4 29. 7 32. 7 35. 8 38. 8 42. 6 47. 1 51. 7 56 62. 2 69. 2 76 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 0.2 5 740a 741a 742a 743a 744a 745a 746a 747a 748a 749a 750a 751a 752a 753a 754a 755a 756a 757a 758a 759a 760a 761a 762a 763a 764a
3 of 4 revision: a 20 1 5 /06/12 www. mccsemi .com micro commercial components m c c tm
www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 7. 5 k p c s / r e e l ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. revision: a 2015/06/12 micro commercial components m c c tm


▲Up To Search▲   

 
Price & Availability of SMAJ4742AHE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X