Part Number Hot Search : 
TFP2N60A MCZ3397 STB15N25 LT1965 1N5357BE KMB110S 2SJ227 K4B2G16
Product Description
Full Text Search
 

To Download SIHFPS40N50L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 91260 www.vishay.com s11-0111-rev. c, 07-feb-11 1 power mosfet irfps40n50l, SIHFPS40N50L vishay siliconix features ? superfast body diode eliminates the need for external diodes in zvs applications ? lower gate charge results in simpler drive requirements ? enhanced dv/dt capabilitie s offer improved ruggedness ? higher gate voltage threshold offers improved noise immunity ? compliant to rohs directive 2002/95/ec applications ? zero voltage switching smps ? telecom and server power supplies ? uninterruptible power supplies ? motor control applications notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. starting t j = 25 c, l = 0.86 mh, r g = 25 ? , i as = 46 a (see fig. 12). c. i sd ? 46 a, di/dt ? 550 a/s, v dd ? v ds , t j ? 150 c. d. 1.6 mm from case. product summary v ds (v) 500 r ds(on) ( ? )v gs = 10 v 0.087 q g (max.) (nc) 380 q gs (nc) 80 q gd (nc) 190 configuration single n-channel mosfet g d s g d s super-247 available rohs* compliant ordering information package super-247 lead (pb)-free irfps40n50lpbf SIHFPS40N50L-e3 snpb irfps40n50l SIHFPS40N50L absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 500 v gate-source voltage v gs 30 continuous drain current v gs at 10 v t c = 25 c i d 46 a t c = 100 c 29 pulsed drain current a i dm 180 linear derating factor 4.3 w/c single pulse avalanche energy b e as 920 mj repetitive avalanche current a i ar 46 a repetitive avalanche energy a e ar 54 mj maximum power dissipation t c = 25 c p d 540 w peak diode recovery dv/dt c dv/dt 34 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 300 d * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com document number: 91260 2 s11-0111-rev. c, 07-feb-11 irfps40n50l, SIHFPS40N50L vishay siliconix note a. r th is measured at t j approximately 90 c. notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. pulse width ? 400 s; duty cycle ? 2 %. c. c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 % to 80 % v ds . c oss eff. (er) is a fixed capacitance that stores the same energy as c oss while v ds is rising from 0 % to 80 % v ds . thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient a r thja -40 c/w case-to-sink, flat, greased surface r thcs 0.24 - maximum junction-to-case (drain) a r thjc -0.23 specifications (t j = 25 c, unless otherwise noted) parameter symbol test cond itions min. typ. max. unit static drain-source br eakdown voltage v ds v gs = 0 v, i d = 250 a 500 - - v v ds temperature coefficient ? v ds /t j reference to 25 c, i d = 1 ma -0.60- v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 3.0 - 5.0 v gate-source leakage i gss v gs = 30 v - - 100 na zero gate voltage drain current i dss v ds = 500 v, v gs = 0 v -- 50 a v ds = 400 v, v gs = 0 v, t j = 125 c -- 2.0 ma drain-source on-state resistance r ds(on) v gs = 10 v i d = 28 a b - 0.087 0.100 ? forward transconductance g fs v ds = 50 v, i d = 46 a 21 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 8110 - pf output capacitance c oss - 960 - reverse transfer capacitance c rss - 130 - output capacitance c oss v gs = 0 v v ds = 1.0 v , f = 1.0 mhz - 11200 - v ds = 400 v , f = 1.0 mhz - 240 - effective output capacitance c oss eff. v ds = 0 v to 400 v c - 440 - effective output capacitance (energy related) c oss eff. (er) - 310 - total gate charge q g v gs = 10 v i d = 46 a, v ds = 400 v, see fig. 7 and 15 b -- 380 nc gate-source charge q gs -- 80 gate-drain charge q gd -- 190 internal gate resistance r g f = 1 mhz, open drain - 0.90 - ? turn-on delay time t d(on) v dd = 250 v, i d = 46 a, r g = 0.85 ? , v gs = 10 v, see fig. 14a and 14b b -27- ns rise time t r - 170 - turn-off delay time t d(off) -50- fall time t f -69- drain-source body diode characteristics continuous source-dr ain diode current i s mosfet symbol showing the integral reverse p - n junction diode --46 a pulsed diode forward current a i sm - - 180 body diode voltage v sd t j = 25 c, i s = 46 a, v gs = 0 v b --1.5v body diode reverse recovery time t rr t j = 25 c, i f = 46 a - 170 250 ns t j = 125 c, di/dt = 100 a/s b - 220 330 body diode reverse recovery charge q rr t j = 25 c, i s = 46 a, v gs = 0 v b - 705 1060 nc t j = 125 c, di/dt = 100 a/s b -1.32.0 reverse recovery current i rrm t j = 25 c - 9.0 - a forward turn-on time t on intrinsic turn-on time is negligible (turn-on is dominated by l s and l d ) s d g
document number: 91260 www.vishay.com s11-0111-rev. c, 07-feb-11 3 irfps40n50l, SIHFPS40N50L vishay siliconix typical characteristics (25 c, unless otherwise noted) fig. 1 - typical output characteristics fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature 0.01 0.1 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 0.1 1 10 100 1000 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 0.1 1 10 100 1000 4 5 6 7 8 9 10 11 v = 50v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 47a
www.vishay.com document number: 91260 4 s11-0111-rev. c, 07-feb-11 irfps40n50l, SIHFPS40N50L vishay siliconix fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical output capacitance stored energy vs. v ds fig. 7 - typical gate charge vs. gate-to-source voltage fig. 8 - typical source dr ain diode forward voltage 1 10 100 1000 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 1000000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 100 200 300 400 500 600 v ds, drain-to-source voltage (v) 0 5 10 15 20 25 30 35 40 e n e r g y ( j ) 0 100 200 300 400 0 5 10 15 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 47a v = 100v ds v = 250v ds v = 400v ds 0.1 1 10 100 1000 0.2 0.7 1.2 1.7 2.2 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j
document number: 91260 www.vishay.com s11-0111-rev. c, 07-feb-11 5 irfps40n50l, SIHFPS40N50L vishay siliconix fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case 25 50 75 100 125 150 0 10 20 30 40 50 t , case temperature ( c) i , drain current (a) c d pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
www.vishay.com document number: 91260 6 s11-0111-rev. c, 07-feb-11 irfps40n50l, SIHFPS40N50L vishay siliconix fig. 12a - unclamped inductive test circuit fig. 12b - unclamped inductive waveforms fig. 12c - maximum avalanche energy vs. drain current fig. 12d - maximum safe operating area fig. 13a - gate charge test circuit fig. 13b - basic ga te charge waveform a r g i as 0.01 t p d.u.t. l v ds + - v dd driver 15 v 20 v i as v ds t p 1 10 100 1000 10 100 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 25 50 75 100 125 150 0 500 1000 1500 2000 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 21a 30a 46a d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v current regulator current sampling resistors same type as d.u.t. + - q gs q gd q g v g charge v gs
document number: 91260 www.vishay.com s11-0111-rev. c, 07-feb-11 7 irfps40n50l, SIHFPS40N50L vishay siliconix fig. 14 - for n-channel vishay siliconix maintains worldw ide manufacturing capability. prod ucts may be manufactured at on e of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents su ch as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?91260 . p.w. period di/dt diode recovery dv/dt ripple 5 % body diode forward drop re-applied voltage rever s e recovery current body diode forward current v gs = 10 v a i s d driver gate drive d.u.t. l s d waveform d.u.t. v d s waveform inductor current d = p.w. period + - + + + - - - peak dio d e recovery d v/ d t test circuit v dd ? dv/dt controlled by r g ? driver s ame type a s d.u.t. ? i s d controlled by duty factor d ? d.u.t. - device under te s t d.u.t. circuit layout con s ideration s ? low s tray inductance ? g round plane ? low leakage inductance current tran s former r g note a. v gs = 5 v for logic level device s v dd
package information www.vishay.com vishay siliconix revision: 27-mar-17 1 document number: 91365 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 to-274aa (high voltage) notes ? dimensioning and tolerancing per asme y14.5m-1994 ? dimension d and e do not include mold fl ash. mold flash shall not ex ceed 0.127 mm (0.005") per side . these dimens ions are meas ured at the outer extremes of the plastic body ? outline conforms to jedec ? outline to to-274aa (1) dimension measured at tip of lead millimeters inches millimeters inches dim. min. max. min. max. dim. min. max. min. max. a 4.70 5.30 0.185 0.209 d1 15.50 16.10 0.610 0.634 a1 1.50 2.50 0.059 0.098 d2 0.70 1.30 0.028 0.051 a2 2.25 2.65 0.089 0.104 e 15.10 16.10 0.594 0.634 b 1.30 1.60 0.051 0.063 e1 13.30 13.90 0.524 0.547 b2 1.80 2.20 0.071 0.087 e 5.45 bsc 0.215 bsc b4 3.00 3.25 0.118 0.128 l 13.70 14.70 0.539 0.579 c (1) 0.38 0.89 0.015 0.035 l1 1.00 1.60 0.039 0.063 d 19.80 20.80 0.780 0.819 r 2.00 3.00 0.079 0.118 ecn: x17-0056-rev. b, 27-mar-17 dwg: 5975 a1 a c a2 b e e4 d l e l1 b 0.10 (0.25) b a mm e1 d2 d1 r detail ?a? a b2 b4 detail ?a? scale: 2:1 10 5 lead tip
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of SIHFPS40N50L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X