|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 1 benefts ? a pprovals: enec, ul, cul, cqc ? c lass x2 (iec 60384-14) ? r ated voltage: 275 vac 50/60 hz ? ca pacitance range: 0.033 C 10 f ? l ead spacing: 10.0 C 37.5 mm ? ca pacitance tolerance: 20%, 10% ? c limatic category: 40/110/56, iec 60068C1 ? t ape and reel in accordance with iec 60286C2 ? r ohs compliant and lead-free terminations ? operating temperature range of ?40?c to +110?c ? 1 00% screening factory test at 2,200 vdc/1,500 vac ? s elf-healing properties overview the r46 series is constructed of metallized polypropylene flm encapsulated with self-extinguishing resin in a box of material meeting the requirements of ul 94 vC0. applications for worldwide use in electromagnetic interference (emi) suppression in across-the-line applications requiring x2 safety classifcation. intended for use in situations where capacitor failure would not result in exposure to electric shock. not for use in series with mains type applications. metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc part number system r46 k i 3470 00 p0 m series rated voltage (vac) lead spacing (mm) capacitance code (pf) packaging internal use capacitance tolerance x2, metallized polypropylene k = 275 f = 10.0 i = 15.0 n = 22.5 r = 27.5 w = 37.5 the last three digits represent si gnifcant f gures. the frst d igit specifes n umber of zeros to be added. see ordering options table p0 p1 p2 p3 k = 10% m = 20% one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 2 ordering options table lead spacing nominal (mm) type of leads and packaging lead length (mm) lead and packaging code 10, 15, 22.5 standard lead and packaging options bulk (bag) C short leads 4 +2/-0 00 ammo pack h 0 = 18.5 +/-0.5 dq 2wkhu/hdgdqg3dfndjlqj2swlrqv tape & reel (large reel) h 0 = 18.5 +/-0.5 ck b ulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 + 5/-5 ( sp 8 +2/-2) 52 27.5 standard lead and packaging options bulk (bag) C short leads 4 +2/-0 00 tape & reel (large reel) h 0 = 18.5 +/-0.5 ck 2wkhu/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 +5/-5 (sp 8+2/-2) 52 6wdqgdug/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 4 +2/-0 00 2wkhu/hdgdqg3dfndjlqj2swlrqv bulk (bag) C short leads 2.7 +0.5/-0 ja bulk (bag) C short leads 3.5 +0.5/-0 jb bulk (bag) C short leads 4.0 +0.5/-0 je bulk (bag) C short leads 3.2 +0.3/-0.2 jh bulk (bag) C long leads 18 +1/-1 jm bulk (bag) C long leads 30 +5/-0 40 bulk (bag) C long leads 25 +2/-1 50 bulk (bag) C insulated rigid leads 30 +5/-0 (sp 8+2/-2) 51 bulk (bag) C insulated flexible leads 150 +5/-5 (sp 8+2/-2) 52 metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 3 dimensions C millimeters h p ll d l b front view side view l b h 8 2 35 +0/-5 d loose insulated rigid leads front view side view l b h 8 2 150 5 d insulated flexible leads 0.5 mm 2 front view side view p b h l d nominal tolerance nominal tolerance nominal tolerance nominal tolerance nominal tolerance 10.0 +/-0.4 4.0 +0.2 9.0 +0.1 13.0 +0.2 0.6 +/-0.05 10.0 +/-0.4 5.0 +0.2 11.0 +0.1 13.0 +0.2 0.6 +/-0.05 10.0 +/-0.4 6.0 +0.2 12.0 +0.1 13.0 +0.2 0.6 +/-0.05 15.0 +/-0.4 5.0 +0.2 11.0 +0.1 18.0 +0.3 0.6 +/-0.05 15.0 +/-0.4 6.0 +0.2 12.0 +0.1 18.0 +0.3 0.6 +/-0.05 15.0 +/-0.4 6.0 +0.2 17.5 +0.1 18.0 +0.3 0.6 +/-0.05 15.0 +/-0.4 7.5 +0.2 13.5 +0.1 18.0 +0.5 0.6 +/-0.05 15.0 +/-0.4 7.5 +0.2 18.5 +0.1 18.0 +0.5 0.8 +/-0.05 15.0 +/-0.4 8.5 +0.2 14.5 +0.1 18.0 +0.5 0.6 +/-0.05 15.0 +/-0.4 9.0 +0.2 12.5 +0.1 18.0 +0.5 0.6 +/-0.05 15.0 +/-0.4 10.0 +0.2 16.0 +0.1 18.0 +0.5 0.8 +/-0.05 15.0 +/-0.4 11.0 +0.2 19.0 +0.1 18.0 +0.5 0.8 +/-0.05 22.5 +/-0.4 6.0 +0.2 15.0 +0.1 26.5 +0.3 0.8 +/-0.05 22.5 +/-0.4 7.0 +0.2 16.0 +0.1 26.5 +0.3 0.8 +/-0.05 22.5 +/-0.4 8.5 +0.2 17.0 +0.1 26.5 +0.3 0.8 +/-0.05 22.5 +/-0.4 10.0 +0.2 18.5 +0.1 26.5 +0.3 0.8 +/-0.05 22.5 +/-0.4 11.0 +0.2 20.0 +0.1 26.5 +0.3 0.8 +/-0.05 22.5 +/-0.4 13.0 +0.2 22.0 +0.1 26.5 +0.3 0.8 +/-0.05 27.5 +/-0.4 9.0 +0.2 17.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 11.0 +0.2 20.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 13.0 +0.2 22.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 14.0 +0.2 28.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 18.0 +0.2 33.0 +0.1 32.0 +0.3 0.8 +/-0.05 27.5 +/-0.4 22.0 +0.2 37.0 +0.1 32.0 +0.3 0.8 +/-0.05 37.5 +/-0.4 11.0 +0.3 22.0 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 13.0 +0.3 24.0 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 16.0 +0.3 28.5 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 19.0 +0.3 32.0 +0.1 41.5 +0.3 1.0 +/-0.05 37.5 +/-0.4 20.0 +0.3 40.0 +0.1 41.5 +0.3 1.0 +/-0.05 note: see ordering options table for lead length (ll/h 0 ) options. metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 4 performance characteristics dielectric polypropylene flm plates metal layer deposited by evaporation under vacuum winding non-inductive type leads tinned wire protection plastic case, thermosetting resin flled. box material is solvent resistant and fame retardant according to ul94. related documents iec 60384-14, en 60384-14 rated voltage (v r ) 275 vac (50/60 hz), 560 vdc capacitance range 0.033 f to 10 f capacitance values e6 series (iec 60063) measured @ 1 khz and +20 1c capacitance tolerance 10%, 20% temperature range ?40oc to +110c climatic category 40/110/56 iec 60068-1 storage conditions storage time: 24 months from the date marked on the label package average relative humidity per year 70% r h 85% for 30 days randomly distributed throughout the year dew is absent temperature: ?40 to 80c (see "maximum humidity in storage conditions" graph below) approvals enec, ul, cul, cqc metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 5 performance characteristics cont'd * typical value impedance graph dissipation factor (tan) 0.1% (0.06%*) @ 1 khz , +25c 5c (* typical value) test voltage between terminals the 100% screening factory test is carried out at 2,200 vdc/1,500 vac. the voltage level is selected to meet the requirements in applicable equipment standards. all electrical characteristics are checked after the test. it is not permitted to repeat this test as there is a risk to damage the capacitor. kemet is not liable in such case for any failures. insulation resistance measured at +25c 5c, according to iec 60384C2 minimum values between terminals voltage charge voltage charge time c 0.33 f c > 0.33 f 100 vdc 1 minute 1 ? 10 5 m ( 5 ? 10 m )* 30,000 m ? f ( 150,000 m ? f )* recommended voltage 560 vdc metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 6 environmental test data test iec publication procedure endurance en/iec 60384C14 1.25 x v r vac 50 hz, once every hour increase to 1,000 vac for 0.1 second, 1,000 hours at upper rated temperature vibration iec 60068C2C6 test fc 3 directions at 2 hours each 10 C 55 hz at 0.75 mm or 98 m/s 2 bump iec 60068C2C29 test eb 1,000 bumps at 390 m/s 2 change of temperature iec 60068C2C14 test na upper and lower rated temperature 5 cycles active flammability iec 60384C14 v r + 20 surge pulses at 2.5 kv (pulse every 5 seconds) p assive flammability iec 60384C14 iec 60384C1, iec 60695C11C5 needle fame test damp heat steady state iec 60068C2C78 test cab +40c and 93% rh, 56 days approvals mark specifcation file number en/iec 60384-14 v4413 ul 60384-14 and can/csa e60384-14 (310vac) e97797 iec 60384-14 cqc08001026549 cqc11001060118 cqc13001087757 cqc14001116028 cqc13001101266 cqc14001116000 environmental compliance all kemet emi capacitors are rohs compliant. metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 7 table 1 C ratings & part number reference capacitance value (f) dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 0.033 4.0 9.0 13.0 10.0 500 46kf2330(1)p0(2) r46kf2330(1)p0(2) 0.047 4.0 9.0 13.0 10.0 500 46kf2470(1)p0(2) r46kf2470(1)p0(2) 0.068 5.0 11.0 13.0 10.0 500 46kf2680(1)p0(2) r46kf2680(1)p0(2) 0.10 5.0 11.0 13.0 10.0 500 46kf3100(1)p1(3) r46kf3100(1)p1(3) 0.10 6.0 12.0 13.0 10.0 500 46kf3100(1)p0(2) r46kf3100(1)p0(2) 0.15 6.0 12.0 13.0 10.0 500 46kf3150(1)p0(3) r46kf3150(1)p0(3) 0.15 5.0 11.0 18.0 15.0 400 46ki3150(1)p0(2) r46ki3150(1)p0(2) 0.22 6.0 12.0 18.0 15.0 400 46ki3220(1)p0(2) r46ki3220(1)p0(2) 0.33 7.5 13.5 18.0 15.0 400 46ki3330(1)p0(2) r46ki3330(1)p0(2) 0.33 9.0 12.5 18.0 15.0 400 46ki3330(1)p1(2) r46ki3330(1)p1(2) 0.33 6.0 17.5 18.0 15.0 400 46ki3330(1)p2(2) r46ki3330(1)p2(2) 0.47 8.5 14.5 18.0 15.0 400 46ki3470(1)p0(2) r46ki3470(1)p0(2) 0.47 9.0 12.5 18.0 15.0 400 46ki3470(1)p1(3) r46ki3470(1)p1(3) 0.47 6.0 17.5 18.0 15.0 400 46ki3470(1)p2(3) r46ki3470(1)p2(3) 0.47 7.5 18.5 18.0 15.0 400 46ki3470(1)p3(2) r46ki3470(1)p3(2) 0.68 10.0 16.0 18.0 15.0 400 46ki3680(1)p1(3) r46ki3680(1)p1(3) 0.68 11.0 19.0 18.0 15.0 400 46ki3680(1)p0(2) r46ki3680(1)p0(2) 0.82 11.0 19.0 18.0 15.0 400 46ki3820(1)p0(3) r46ki3820(1)p0(3) 0.47 6.0 15.0 26.5 22.5 200 46kn3470(1)p1(2) r46kn3470(1)p1(2) 0.56 6.0 15.0 26.5 22.5 200 46kn3560(1)p1(3) r46kn3560(1)p1(3) 0.56 7.0 16.0 26.5 22.5 200 46kn3560(1)p0(2) r46kn3560(1)p0(2) 0.68 7.0 16.0 26.5 22.5 200 46kn3680(1)p0(2) r46kn3680(1)p0(2) 1.0 8.5 17.0 26.5 22.5 200 46kn4100(1)p1(3) r46kn4100(1)p1(3) 1.0 10.0 18.5 26.5 22.5 200 46kn4100(1)p0(2) r46kn4100(1)p0(2) 1.5 10.0 18.5 26.5 22.5 200 46kn4150(1)p1(3) r46kn4150(1)p1(3) 1.5 11.0 20.0 26.5 22.5 200 46kn4150(1)p0(2) r46kn4150(1)p0(2) 2.2 13.0 22.0 26.5 22.5 200 46kn4220(1)p0(3) r46kn4220(1)p0(3) 1.0 9.0 17.0 32.0 27.5 150 46kr4100(1)p0(2) r46kr4100(1)p0(2) 1.5 11.0 20.0 32.0 27.5 150 46kr4150(1)p0(2) r46kr4150(1)p0(2) 2.2 13.0 22.0 32.0 27.5 150 46kr4220(1)p0(2) r46kr4220(1)p0(2) 3.3 14.0 28.0 32.0 27.5 150 46kr4330(1)p0(2) r46kr4330(1)p0(2) 4.7 14.0 28.0 32.0 27.5 150 46kr4470(1)p1(3) r46kr4470(1)p1(3) 4.7 18.0 33.0 32.0 27.5 150 46kr4470(1)p0(2) r46kr4470(1)p0(2) 6.8 22.0 37.0 32.0 27.5 150 46kr4680(1)p0(2) r46kr4680(1)p0(2) 2.2 11.0 22.0 41.5 37.5 100 46kw4220(1)p0(2) r46kw4220(1)p0(2) 3.3 13.0 24.0 41.5 37.5 100 46kw4330(1)p0(2) r46kw4330(1)p0(2) 4.7 16.0 28.5 41.5 37.5 100 46kw4470(1)p0(2) r46kw4470(1)p0(2) 6.8 19.0 32.0 41.5 37.5 100 46kw4680(1)p0(2) r46kw4680(1)p0(2) 10.0 20.0 40.0 41.5 37.5 100 46kw5100(1)p0(2) r46kw5100(1)p0(2) capacitance value (f) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number (1) insert lead and packaging code. see ordering options table for available options. (2) m = 20%, k = 10% (3) m = 20% (only available tolerance). metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 8 manual soldering recommendations following is the recommendation for manual soldering with a soldering iron. the soldering iron tip temperature should be set at 350c (+10c maximum) with the soldering duration not to exceed more than 3 seconds. recommended soldering temperature 0 50 100 150 200 250 300 350 400 0 1 2 3 4 5 6 7 8 soldering time (sec) soldering iron bit temperature (deg c) soldering process the implementation of the rohs directive has resulted in the selection of snagcu (sac) alloys or sncu alloys as primary solder. this has increased the liquidus temperature from that of 183oc for snpb eutectic alloy to 217 C 221oc for the new alloys. as a result, the heat stress to the components, even in wave soldering, has increased considerably due to higher pre-heat and wave temperatures. polypropyle ne capacitors are especially sensitive to heat (the melting point of polypropylene is 160 C 170oc). wave soldering can be destructive, especially for mechanically small polypropylene capacitors (with lead spacing of 5 mm to 15 mm), and great care has to be taken during sol dering. the recommended solder profles from kemet should be used. please consult kemet with any questions. in general, the wave soldering curve from iec publication 61760-1 edition 2 serves as a solid guideline for successful soldering. please see figure 1. refow soldering is not recommended for through-hole flm capacitors. exposing capacitors to a soldering profle in excess of the above the recommended limits may result to degradation or permanent damage to the capacitors. do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. insert through- hole parts after the curing of surface mount parts. consult kemet to discuss the actual temperature profle in the oven, if through-hole components must pass through the adhesive curing process. a maximum two soldering cycles is recommended. please allow time for the capacitor surface temperature to return to a normal temperature before the second soldering cycle. wave soldering recommendations 0 50 100 150 200 250 300 0 40 80 120 160 200 240 temperature ( c) time (s) ca 2 c/s ca 3.5 c/s typical ca 5 c/s cooling 2+3s max 115 c max t preheat t <150 c 100 c preheating typical first wave second wave 260 c metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 9 soldering process cont'd wave soldering recommendations cont'd 1. the table indicates the maximum set-up temperature of the soldering process figure 1 dielectric film material maximum preheat temperature maximum peak soldering temperature capacitor pitch 10 mm capacitor pitch = 15 mm capacitor pitch > 15 mm capacitor pitch 15 mm capacitor pitch > 15 mm polyester 130c 130c 130c 270c 270c polypropylene 100c 110c 130c 260c 270c paper 130c 130c 140c 270c 270c polyphenylene sulphide 150c 150c 160c 270c 270c 2. the maximum temperature measured inside the capacitor: s et the temperature so that inside the element the maximum temperature is below the limit: dielectric film material maximum temperature measured inside the element polyester 160c polypropylene 110c paper 160c polyphenylene sulphide 160c temperature monitored inside the capacitor. selective soldering recommendations selective dip soldering is a variation of refow soldering. in this method, the printed circuit board with through-hole components to be soldered is preheated and transported over the solder bath as in normal fow soldering without touching the solder. when the board is over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected components, and pressed against the lower surface of the board to solder the components. the temperature profle for selective soldering is similar to the double wave fow soldering outlined in this document, however , instead of two baths, there is only one bath with a time from 3 to 10 seconds. in selective soldering, the risk of overheating is greater than in double wave fow soldering, and great care must be taken so that the parts are not overheated. metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 10 construction detailed cross section self-extinguishing resin molded plastic case molded plastic case leads metal contact layer metal contact layer margin single-sided metallized polypropylene film (second layer) single-sided metallized polypropylene film (first layer) margin margin single-sided metallized polypropylene film film winding scheme options 1 section single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film 2 sections 3 sections 4 sections single-sided metallized polypropylene film polypropylene film dielectric 1 section double-sided metallized polyester film 3 sections double-sided metallized polyester carrier film polypropylene film dielectric double-sided metallized polyester carrier film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 4 sections polypropylene film dielectric double-sided metallized polyester carrier film polypropylene film dielectric 1 section polypropylene film/foil 2 sections metal foil metal foil single-sided metallized polypropylene film polypropylene film dielectric metallized polyphenylene sulfide film with vacuum-evaporated aluminum electrodes 1 section metallized polyphenylene sulfide film (smr) metallized impregnated paper 1 section metallized impregnated paper single-sided metallized polyester film 1 section single-sided metallized polyester film polypropylene film dielectric 1 section axial - polypropylene film/foil 2 sections metal foil single-sided metallized polypropylene film polypropylene film dielectric metal foil single-sided metallized polypropylene film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 1 section axial - single-sided metallized polypropylene film single-sided metallized polyester film 1 section axial - single-sided metallized polyester film axial - double-sided metallized polyester film winding scheme metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 11 marking iec climatic category approval marks top front lead spacing 10 mm manufacturer?s logo manufacturing plant iec climatic category approval marks top front series capacitance, capacitance tolerance, rated voltage manufacturing plant lead spacing 22.5 mm (large case sizes), 27.5 mm, 37.5 mm manufacturer?s logo dielectric code safety class self healing passive flammability category date code qa number capacitance tolerance date code capacitance, rated voltage series, dielectric code, safety class, self healing iec climatic category approval marks top front lead spacing 15 mm, 22.5 mm (small case sizes) manufacturer?s logo passive flammability category manufacturing plant capacitance tolerance date code capacitance, rated voltage series, dielectric code, safety class, self healing passive flammability category: b for volume 1750 mm 3 c for volume < 1750 mm 3 metallized polypropylene film emi suppression capacitors r46 (miniature) series, class x2, 275 vac, 110oc ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 094_r46_x2_275_110c_min ? 6/9/2016 12 marking cont'd iec climatic category approval marks top front lead spacing 10 mm manufacturer?s logo manufacturing plant iec climatic category approval marks top front series capacitance, capacitance tolerance, rated voltage manufacturing plant lead spacing 22.5 mm (large case sizes), 27.5 mm, 37.5 mm manufacturer?s logo dielectric code safety class self healing passive flammability category date code qa number capacitance tolerance date code capacitance, rated voltage series, dielectric code, safety class, self healing iec climatic category approval marks top front lead spacing 15 mm, 22.5 mm (small case sizes) manufacturer?s logo passive flammability category manufacturing plant capacitance tolerance date code capacitance, rated voltage series, dielectric code, safety class, self healing passive flammability category: b for volume 1750 mm 3 c for volume < 1750 mm 3 0 d q x i d f w x u l q j ' d w h & |