Part Number Hot Search : 
PF01411 FDP8874 SM6800AB AD7625 MAZ3200 20607 TDA91 CM1117F
Product Description
Full Text Search
 

To Download QPA1014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 1 of 16 - www.qorvo.com product description qorvo?s QPA1014 is a high-power, s- band mmic amplifier fabricated on qorvo?s 0.25um gan on sic production process (qgan25). covering 2.7 ? ? ? 3.7 ghz, the QPA1014 provides 40 w of saturated output power with 24 db large signal gain and 48% power-added efficiency. the QPA1014 is packaged in a plastic overmold qfn w ith a pure cu paddle offering easy handling with good t hermal properties. as a result, the QPA1014 has bias flexibility allowing the user to vary the voltage to achieve op timum system performance while maintaining high reliabili ty. the QPA1014 is matched to 50 ohms with integrated d c blocking caps on both i/o ports. with the high performance, good thermal characteristics and ease of handling a nd system integration, the QPA1014 is ideal for use in both commercial and military radar systems. lead-free and rohs compliant. evaluation boards are available upon request. ordering information part eccn description QPA1014 ear99 2.7?3.7 ghz 30 w gan power amplifier functional block diagram product features ? frequency range: 2.7 ? 3.7 ghz ? pout: 46 dbm (p in = 22 dbm) ? large signal gain: 24 db (p in = 22 dbm) ? pae: 48 % (p in = 22 dbm) ? bias: v d = 28 v, i dq = 450 ma, v g = ?2.7 v (typ) ? supports long pulse operation ? package dimensions: 6.0 x 6.0 x 0.85 mm performance is typical across frequency. please reference electrical specification table and data plots for more details. applications ? military radar ? commercial radar rf out rf in
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 2 of 16 - www.qorvo.com electrical specifications test conditions, unless otherwise noted: 25 c, v d = 28 v, i dq = 450 ma, pulse width = 100 us, duty cycle = 10% parameter min typ max units operational frequency range 2.7 3.7 ghz output power (p in = 22 ? dbm) frequency = 2.7 ghz 45.9 dbm frequency = 3.1 ghz 46.2 frequency = 3.7 ghz 45.5 power added efficiency (p in = 22 ? dbm) frequency = 2.7 ghz 48.1 % frequency = 3.1 ghz 53.2 frequency = 3.7 ghz 51.1 small signal gain frequency = 2.7 ghz 31.8 db frequency = 3.1 ghz 30.3 frequency = 3.7 ghz 29.3 input return loss frequency = 2.7 ghz 13.5 db frequency = 3.1 ghz 25.5 frequency = 3.7 ghz 7.5 output return loss frequency = 2.7 ghz 10.0 db frequency = 3.1 ghz 22.0 frequency = 3.7 ghz 10.0 2 nd harmonic (p out = 40 dbm) frequency = 2.7 ghz ?17.5 dbc frequency = 3.1 ghz ?29.5 frequency = 3.5 ghz ?37.0 3 rd harmonic (p out = 40 dbm) frequency = 2.7 ghz ?54.5 dbc frequency = 3.1 ghz ?62.0 frequency = 3.5 ghz ?64.0 output power temperature coefficient (p in = 22 dbm) ?0.013 dbm/c small signal gain temperature coefficient ?0.049 db/c recommended operating conditions conditio conditions parameter value drain voltage 28 v drain current (quiescent, i dq ) 450 ma drain current (under drive, i d ) 3.7 a gate voltage ?2.7 v operating temperature range ?40 to 85 ? c electrical specifications are measured at specified test conditions. specifications are not guaranteed over all recommended operating conditions.
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 3 of 16 - www.qorvo.com performance plots ? ? ? large signal (pulsed) test conditions unless otherwise noted: temp. = 25 c, v d = 28 v, i dq = 450 ma, pw = 100 us, duty cycle = 10% 40 41 42 43 44 45 46 47 48 49 50 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 output power (dbm) frequency (ghz) output power vs. frequency vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma p in = 20 dbm p in = 22 dbm p in = 24 dbm 25 30 35 40 45 50 55 60 65 70 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 power added eff. (%) frequency (ghz) power added eff. vs. frequency vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma p in = 20 dbm p in = 22 dbm p in = 24 dbm 1.0 1.5 2.0 2.5 3.0 3.5 4.0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 drain current (a) frequency (ghz) drain current vs. frequency vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma p in = 20 dbm p in = 22 dbm p in = 24 dbm -0.5 0.0 0.5 1.0 1.5 2.0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 gate current (ma) frequency (ghz) gate current vs. frequency vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma p in = 20 dbm p in = 22 dbm p in = 24 dbm 38 40 42 44 46 48 50 52 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 output power (dbm) frequency (ghz) output power vs. frequency vs. v d 25 v 28 v 30 v 32 v p in = 22 dbm, i dq = 450 ma, temp. = 25 c 25 30 35 40 45 50 55 60 65 70 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 power added eff. (%) frequency (ghz) power added eff. vs. frequency vs. v d 25 v 28 v 30 v 32 v p in = 22 dbm, i dq = 450 ma, temp. = 25 c
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 4 of 16 - www.qorvo.com performance plots ? ? ? large signal (pulsed) test conditions unless otherwise noted: temp. = 25 c, v d = 28 v, i dq = 450 ma, pw = 100 us, duty cycle = 10% 1.0 1.5 2.0 2.5 3.0 3.5 4.0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 drain current (a) frequency (ghz) drain current vs. frequency vs. v d 25 v 28 v 30 v 32 v p in = 22 dbm, i dq = 450 ma, temp. = 25 c -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 gate current (ma) frequency (ghz) gate current vs. frequency vs. v d 25 v 28 v 30 v 32 v p in = 22 dbm, i dq = 450 ma, temp. = 25 c 43 44 45 46 47 48 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 output power (dbm) frequency (ghz) output power vs. frequency vs. i dq 350 ma 450 ma p in = 22 dbm, v d = 28 v, temp. = 25 c 25 30 35 40 45 50 55 60 65 70 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 power added eff. (%) frequency (ghz) power added eff. vs. frequency vs. i dq 350 ma 450 ma p in = 22 dbm, v d = 28 v, temp. = 25 c 1.0 1.5 2.0 2.5 3.0 3.5 4.0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 drain current (a) frequency (ghz) drain current vs. frequency vs. i dq 350 ma 450 ma p in = 22 dbm, v d = 28 v, temp. = 25 c -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 gate current (ma) frequency (ghz) gate current vs. frequency vs. i dq 350 ma 450 ma p in = 22 dbm, v d = 28 v, temp. = 25 c
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 5 of 16 - www.qorvo.com performance plots ? ? ? large signal (pulsed) test conditions unless otherwise noted: temp. = 25 c, v d = 28 v, i dq = 450 ma, pw = 100 us, duty cycle = 10% 28 30 32 34 36 38 40 42 44 46 48 50 2 4 6 8 10 12 14 16 18 20 22 24 26 output power (dbm) input power (dbm) output power vs. input power vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma, freq. = 3.1 ghz 0 10 20 30 40 50 60 70 2 4 6 8 10 12 14 16 18 20 22 24 26 power added eff. (%) input power (dbm) power added eff. vs. p in vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma, freq. = 3.1 ghz 18 20 22 24 26 28 30 32 34 36 2 4 6 8 10 12 14 16 18 20 22 24 26 power gain (db) input power (dbm) power gain vs. input power vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma, freq. = 3.1 ghz 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 2 4 6 8 10 12 14 16 18 20 22 24 26 drain current (a) input power (dbm) drain current vs. input power vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma, freq. = 3.1 ghz 28 30 32 34 36 38 40 42 44 46 48 50 2 4 6 8 10 12 14 16 18 20 22 24 26 output power (dbm) input power (dbm) output power vs. input power vs. v d 25 v 28 v 30 v 32 v temp. = 25 c, i dq = 450 ma, freq. = 3.1 ghz 0 10 20 30 40 50 60 70 2 4 6 8 10 12 14 16 18 20 22 24 26 power added eff. (%) input power (dbm) power added eff. vs. input power vs. v d 25 v 28 v 30 v 32 v temp. = 25 c, i dq = 450 ma, freq. = 3.1 ghz
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 6 of 16 - www.qorvo.com performance plots ? ? ? large signal (pulsed) test conditions unless otherwise noted: temp. = 25 c, v d = 28 v, i dq = 450 ma, pw = 100 us, duty cycle = 10% 18 20 22 24 26 28 30 32 34 36 2 4 6 8 10 12 14 16 18 20 22 24 26 power gain (db) input power (dbm) power gain vs. input power vs. v d 25 v 28 v 30 v 32 v temp. = 25 c, i dq = 450 ma, freq. = 3.1 ghz 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 2 4 6 8 10 12 14 16 18 20 22 24 26 drain current (a) input power (dbm) drain current vs. input power vs. v d 25 v 28 v 30 v 32 v temp. = 25 c, i dq = 450 ma, freq. = 3.1 ghz 28 30 32 34 36 38 40 42 44 46 48 50 2 4 6 8 10 12 14 16 18 20 22 24 output power (dbm) input power (dbm) output power vs. input power vs. i dq 350 ma 450 ma v d = 28 v, temp. = 25 c, freq. = 3.1 ghz 0 10 20 30 40 50 60 70 2 4 6 8 10 12 14 16 18 20 22 24 power added eff. (%) input power (dbm) power added eff. vs. input power vs. i dq 350 ma 450 ma v d = 28 v, temp. = 25 c, freq. = 3.1 ghz 18 20 22 24 26 28 30 32 34 36 2 4 6 8 10 12 14 16 18 20 22 24 power gain (db) input power (dbm) power gain vs. input power vs. i dq 350 ma 450 ma v d = 28 v, temp. = 25 c, freq. = 3.1 ghz 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 2 4 6 8 10 12 14 16 18 20 22 24 drain current (a) input power (dbm) drain current vs. input power vs. i dq 350 ma 450 ma v d = 28 v, temp. = 25 c, freq. = 3.1 ghz
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 7 of 16 - www.qorvo.com performance plots ? ? ? large signal (long pulse comparison) test conditions unless otherwise noted: temp. = 25 c, v d = 28 v, i dq = 450 ma 40 41 42 43 44 45 46 47 48 49 50 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 output power (dbm) frequency (ghz) output power vs. freq., long pulse 100us 10% 300us 20% 15ms 30% p in = 22 dbm, i dq = 450 ma, temp. = 25 c 25 30 35 40 45 50 55 60 65 70 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 power added eff. (%) frequency (ghz) power added eff. vs. freq., long pulse 100us 10% 300us 20% 15ms 30% p in = 22 dbm, i dq = 450 ma, temp. = 25 c 1.0 1.5 2.0 2.5 3.0 3.5 4.0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 drain current (a) frequency (ghz) drain current vs. freq., long pulse 100us 10% 300us 20% 15ms 30% p in = 22 dbm, i dq = 450 ma, temp. = 25 c -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 gate current (ma) frequency (ghz) gate current vs. freq., long pulse 100us 10% 300us 20% 15ms 30% p in = 22 dbm, i dq = 450 ma, temp. = 25 c
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 8 of 16 - www.qorvo.com performance plots ? ? ? harmonics test conditions unless otherwise noted: temp. = 25 c, v d = 28 v, i dq = 450 ma, pw = 100 us, duty cycle = 10% -60 -50 -40 -30 -20 -10 0 32 34 36 38 40 42 44 46 harmonic level (dbc) output power (dbm) 2nd harmonic vs. p out vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma, f 0 = 3.1 ghz -80 -70 -60 -50 -40 -30 -20 -10 0 32 34 36 38 40 42 44 46 harmonic level (dbc) output power (dbm) 3rd harmonic vs. p out vs. temp. - 40 c +25 c +85 c v d = 28 v, i dq = 450 ma, f 0 = 3.1 ghz -60 -50 -40 -30 -20 -10 0 32 34 36 38 40 42 44 46 harmonic level (dbc) output power (dbm) 2nd harmonic vs. p out vs. freq. 2.7 ghz 3.1 ghz 3.5 ghz v d = 28 v, i dq = 450 ma, temp = 25 c -80 -70 -60 -50 -40 -30 -20 -10 0 32 34 36 38 40 42 44 46 harmonic level (dbc) output power (dbm) 3rd harmonic vs. p out vs. freq. 2.7 ghz 3.1 ghz 3.5 ghz v d = 28 v, i dq = 450 ma, temp = 25 c -60 -50 -40 -30 -20 -10 0 32 34 36 38 40 42 44 46 harmonic level (dbc) output power (dbm) 2nd harmonic vs. p out vs. v d 25 v 28 v 30 v i dq = 450 ma, temp. = 25 c, f 0 = 3.1 ghz -80 -70 -60 -50 -40 -30 -20 -10 0 32 34 36 38 40 42 44 46 harmonic level (dbc) output power (dbm) 3rd harmonic vs. p out vs. v d 25 v 28 v 30 v i dq = 450 ma, temp. = 25 c, f 0 = 3.1 ghz
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 9 of 16 - www.qorvo.com performance plots ? ? ? small signal test conditions unless otherwise noted: temp. = 25 c, v d = 28 v, i dq = 450 ma 15 20 25 30 35 40 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s21 (db) frequency (ghz) small signal gain vs. freq. vs. temp. -40 c +25 c +85 c v d = 28 v, i dq = 450 ma 15 20 25 30 35 40 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s21 (db) frequency (ghz) small signal gain vs. freq. vs. v d 25 v 28 v 30 v temp. = 25 c, i dq = 450 ma -30 -25 -20 -15 -10 -5 0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s11 (db) frequency (ghz) input return loss vs. freq. vs. temp. -40 c +25 c +85 c v d = 28 v, i dq = 450 ma -30 -25 -20 -15 -10 -5 0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s11 (db) frequency (ghz) input return loss vs. freq. vs. v d 25 v 28 v 30 v temp. = 25 c, i dq = 450 ma -30 -25 -20 -15 -10 -5 0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s22 (db) frequency (ghz) output return loss vs. freq. vs. temp. -40 c +25 c +85 c v d = 28 v, i dq = 450 ma -30 -25 -20 -15 -10 -5 0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s22 (db) frequency (ghz) output return loss vs. freq. vs. v d 25 v 28 v 30 v temp. = 25 c, i dq = 450 ma
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 10 of 16 - www.qorvo.com performance plots ? ? ? small signal test conditions unless otherwise noted: temp. = 25 c, v d = 28 v, i dq = 450 ma 15 20 25 30 35 40 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s21 (db) frequency (ghz) small signal gain vs. freq. vs. i dq 375 ma 450 ma 500 ma v d = 28 v, temp. = 25 c -30 -25 -20 -15 -10 -5 0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s11 (db) frequency (ghz) input return loss vs. freq. vs. i dq 375 ma 450 ma 500 ma v d = 28 v, temp. = 25 c -30 -25 -20 -15 -10 -5 0 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 s22 (db) frequency (ghz) output return loss vs. frequency vs. i dq 375 ma 450 ma 500 ma v d = 28 v, temp. = 25 c
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 11 of 16 - www.qorvo.com thermal and reliability information parameter test conditions value units thermal resistance ( jc ) (1) t base = 85c v d = 28 v, i dq = 450 ma p diss = 12.6 w 2.14 c/w channel temperature (t ch ) (quiescent) 112 c median lifetime (t m ) 1.95e11 hrs thermal resistance ( jc ) (1) t base = 85c, v d = 28 v, i dq = 450 ma, freq = 2.7 ghz, i d_drive = 2.984 a, p in = 25 dbm, p out = 46.1 dbm, p diss = 40.5 w, pw = 100 us, dc = 10% 1.04 c/w channel temperature (t ch ) (under rf drive) 127 c median lifetime (t m ) 3.09e10 hrs notes: 1. thermal resistance measured to back of package. median lifetime test conditions: v d = +40 ? v; failure criteria = 10 ? % reduction in i d_max during dc life testing 20 25 30 35 40 45 50 55 60 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 power dissipation (w) frequency (ghz) p diss vs. frequency vs. v d 25 v 28 v 30 v 32 v p in = 24 dbm, i dq = 450 ma, temp. = 85 c
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 12 of 16 - www.qorvo.com bias up procedure 1. set i d limit to 4500ma, i g limit to 40ma 2. set v g to ?6.0 v 3. set v d +28 v 4. adjust v g more positive until i dq = 450ma (v g ~ ?2.7 v typical) 5. apply rf signal bias down procedure 1. turn off rf supply 2. reduce v g to ?6.0v. ensure i dq ~ 0ma 3. set v d to 0 ? v 4. turn off v d supply 5. turn off v g supply applications circuit c4 1000 pf c5 1000 pf r2 c6 1.8 0.01 uf c2 1000 pf r1 1.8 c1 10 uf v g v d 28 27 23 26 22 4 18 rf out rf in c3 1000 pf
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 13 of 16 - www.qorvo.com bill of materials ref. des. component value manuf. part number c1 surface mount cap. cap, 1206, 10uf, 20%, 50v, 20%, x5r various c2 ? ? ? c5 surface mount cap. cap, 0402, 1000pf, 10%, 100v, x7r various c6 surface mount cap. cap, 0402, 0.01uf, 10%, 50v, x7r various r1, r2 surface mount res. res, 1.8 ohm, 5%, 1/10 w, 0402 various r3 ? ? ? r5 1 surface mount res. res, 0 ohm, 5%, 0402 various j1, j2 rf connector 2.92 mm end launch sw microwave 1092?01a?5 note: 1. replace r3?r5 with a metal trace, as they are no t needed for operation. thus, they are not shown in the schematic. evaluation board and mounting detail notes: 1. rf layer is 0.008? thick rogers corp. ro40003c ( r = 3.55). metal layers are 0.5 oz. copper. 2. via holes under the dut should be copper-filled to improve thermal and electrical performance.
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 14 of 16 - www.qorvo.com mechanical information pin description pin number symbol description 1-3, 5-17, 19-21, 24-25 nc no internal connection. recommend grounding at the pcb level. 4 rf input 50 ohm rf input. pad is dc blocked. 18 rf output 50 ohm rf output. pad is dc blocked. 22, 23 v d2 2 nd stage drain voltage; bias network is required (v d1 and v d2 can be tied together in application) 26 v d1 1 st stage drain voltage; bias network is required (v d1 and v d2 can be tied together in application) 27 v g2 2 nd stage gate voltage; bias network is required (v g1 and v g2 can be tied together in application) 28 v g1 1 st stage gate voltage; bias network is required (v g1 and v g2 can be tied together in application) 29 gnd ground connection.
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 15 of 16 - www.qorvo.com 0 5 10 15 20 25 30 35 40 45 50 55 60 120 130 140 150 160 170 180 190 200 210 220 230 maximum gate current (ma) channel temperature, t ch (c) i g_max vs. t ch vs. stage stage 1 stage 2 absolute maximum ratings parameter value ? / ? range drain voltage (v d ) 40 v drain current (i d1 /i d2 ) 0.39 / 3.5 a gate voltage range ?8 to 0 v gate current (i g ) see i g_max plot dissipated power (p diss ) 1 44.25 w input power (50 , 85 c) 2 28 dbm input power (3:1 vswr, 85 c) 2 28 dbm channel temperature, t ch 275 c mounting temperature (30 seconds) 260 c storage temperature ?55 to 150 c note: 1 t base = 85 c, t ch = 225 c 2 v d =28v, i dq =450 ma operation of this device outside the parameter rang es given above may cause permanent damage. these are stress ratings only, and functional operation of the device at the se conditions is not implied. recommended soldering temperature profile
QPA1014 2.7 ? ? ? 3.7 ghz 40 watt gan amplifier data sheet rev. a, november 11, 2016 - 16 of 16 - www.qorvo.com handling precautions parameter rating standard caution! esd-sensitive device esd ? ? ? human body model (hbm) tbd ansi/esd/jedec js-001 esd ? ? ? charge device model (cdm) tbd ansi/esd/jedec js-002 msl ? ? ? moisture sensitivity level tbd ipc/jedec j-std-020 solderability compatible with the latest version of j-std-020 lea d free solder, 260 c. rohs compliance this product is compliant with the 2011/65/eu rohs directive (restrictions on the use of certain hazar dous substances in electrical and electronic equipment), as amended by directive 2015/863/eu. this product a lso has the following attributes: ? lead free ? halogen free (chlorine, bromine) ? antimony free ? tbbp-a (c 15 h 12 br 4 0 2 ) free ? pfos free ? svhc free ? qorvo green contact information for the latest specifications, additional product i nformation, worldwide sales and distribution locati ons: tel: 1-844-890-8163 web: www.qorvo.com email: customer.support@qorvo.com for technical questions and application information : email: sjcapplications.engineering@qorvo.com important notice the information contained herein is believed to be reliable. qorvo makes no warranties regarding the information conta ined herein. qorvo assumes no responsibility or liabili ty whatsoever for any of the information contained herein. qorvo assumes no responsibility or liability whatsoever for the u se of the information contained herein. the information contained herein is provided "as is, where is" and with all faults, and the entire risk associated with such information i s entirely with the use r. all information contained herein is subject to cha nge without notice. customers should obtain and ve rify the latest relevant information before placing orders for qorvo products. the information contained herein or any use of such information does not grant, explicitly or implicitly, to any party a ny pa tent rights, licenses, or any other intellectual pr operty rights, whether with regard to such information itself or anything described by such information. qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life- sustaining applications, or other applications where a failure would reasonably be expected to cause severe perso nal injury or death. copyright 2016 ? qorvo, inc. | qorvo is a registere d trademark of qorvo, inc.


▲Up To Search▲   

 
Price & Availability of QPA1014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X