Part Number Hot Search : 
9L15A 20100C DF02G 2N6969 EZ480A12 805SF 10D10 KBPC1502
Product Description
Full Text Search
 

To Download PTFB211503ELV1R0XTMA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all published data at t case = 25c unless otherwise indicated esd: electrostatic discharge sensitive deviceobserve handling precautions! data sheet 1 of 14 rev. 04.1, 2016-06-14 ptfb211503el ptfb211503fl 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 - 6 0 - 5 5 - 5 0 - 4 5 - 4 0 - 3 5 - 3 0 - 2 5 - 2 0 3 1 3 3 3 5 3 7 3 9 4 1 4 3 4 5 4 7 4 9 e f f i c i e n c y ( % ) i m d ( d b c ) o u t p u t p o w e r ( d b m ) t w o - c a r r i e r w c d m a 3 g p p d r i v e - up v d d = 3 0 v , i d q = 1 . 2 0 a , ? = 2 1 7 0 m h z , 3 g p p w c d m a , p a r = 8 d b , 1 0 m h z c a r r i e r s p a c i n g , b w 3 . 8 4 m h z a c p r e f f i c i e n c y i m d u p i m d l o w rf characteristics two-carrier wcdma measurements (not subject to production testverifed by design/characterization in infneon test fxture) v dd = 30 v, i dq = 1.2 a, p out = 32 w avg, ? 1 = 2135 mhz, ? 2 = 2145 mhz, 3gpp signal, channel bandwidth = 3.84 mhz, peak/average = 8 db @ 0.01% ccdf characteristic symbol min typ max unit gain g ps 18 db drain effciency h d 29 % adjacent channel power ratio acpr C36 dbc thermally-enhanced high power rf ldmos fets 150 w, 2110 C 2170 mhz description the ptfb211503el and ptfb211503fl are thermally-enhanced, 150-watt, ldmos fets designed for cellular power amplifier applications in the 2110 to 2170 frequency band. features include i/o matching, high gain, and thermally-enhanced ceramic open-cavity packages with slotted and earless fanges. manufactured with infneon's advanced ldmos process, these devices provide excellent thermal performance and superior reliability. ptfb211503el h-33288-6 features ? broadband internal matching ? enhanced for use in dpd error correction systems ? typical two-carrier wcdma performance at 2170 mhz, 30 v - average output power = 32 w - linear gain = 18 db - effciency = 29% - intermodulation distortion = C34 dbc - adjacent channel power = C37 dbc ? typical cw performance, 2170 mhz, 30 v - output power at p 1db = 150 w - effciency = 55% ? increased negative gate-source voltage range for improved performance in doherty peaking amplifers ? integrated esd protection ? capable of handling 10:1 vswr @ 30 v, 150 w (cw) output power ? pb-free and rohs compliant ptfb211503fl h-34288-4/2
data sheet 2 of 14 rev. 04.1, 2016-06-14 ptfb211503el ptfb211503fl rf characteristics (cont.) two-tone measurement (tested in infneon test fxture) v dd = 30 v, i dq = 1.2 a, p out = 150 w pep, ? = 2170 mhz, tone spacing = 1 mhz characteristic symbol min typ max unit gain gps 16.5 18 db drain effciency h d 39 40 % intermodulation distortion imd C30 C28 dbc dc characteristics characteristic conditions symbol min typ max unit drain-source breakdown voltage v gs = 0 v, i ds = 10 a v (br)dss 65 v drain leakage current v ds = 28 v, v gs = 0 v i dss 1.0 a v ds = 63 v, v gs = 0 v i dss 10.0 a on-state resistance v gs = 10 v, v ds = 0.1 v r ds(on) 0.08 w operating gate voltage v ds = 30 v, i dq = 1.2 a v gs 1.6 2.1 3.0 v gate leakage current v gs = 10 v, v ds = 0 v i gss 1.0 a maximum ratings parameter symbol value unit drain-source voltage v dss 65 v gate-source voltage v gs C6 to +10 v junction temperature t j 200 c storage temperature range t stg C40 to +150 c thermal resistance (t case = 70c, 150 w cw) r qjc 0.27 c/w ordering information type and version order code package description shipping ptfb211503el v1 r0 PTFB211503ELV1R0XTMA1 h-33288-6, bolt-down tape & reel, 50 pcs ptfb211503el v1 r250 ptfb211503elv1r250xtma1 h-33288-6, bolt-down tape & reel, 250 pcs ptfb211503fl v2 r0 ptfb211503flv2r0xtma1 h-34288-4/2, earless fange tape & reel, 50 pcs ptfb211503fl v2 r250 ptfb211503flv2r250xtma1 h-34288-4/2, earless fange tape & reel, 250 pcs
ptfb211503el ptfb211503fl data sheet 3 of 14 rev. 04.1, 2016-06-14 0 1 0 2 0 3 0 4 0 1 5 1 6 1 7 1 8 1 9 3 1 3 3 3 5 3 7 3 9 4 1 4 3 4 5 4 7 4 9 g a i n ( d b ) o u t p u t p o w e r ( d b m ) t w o - c a r r i e r w c d m a 3 g p p v d d = 3 0 v , i d q = 1 . 2 0 a , ? = 2 1 7 0 m h z , 3 g p p w c d m a , p a r = 8 d b , 1 0 m h z c a r r i e r s p a c i n g , b w 3 . 8 4 m h z g a i n e f f i c i e n c y d r a i n e f f i c i e n c y ( % ) - 5 5 - 5 0 - 4 5 - 4 0 - 3 5 - 3 0 - 2 5 3 1 3 3 3 5 3 7 3 9 4 1 4 3 4 5 4 7 4 9 d r a i n e f f i c i e n c y ( % ) o u t p u t p o w e r ( d b m ) t w o - c a r r i e r w c d m a 3 g p p d r i v e - up v d d = 3 0 v , i d q = 1 . 2 0 a , 3 g p p w c d m a , p a r = 8 d b , 1 0 m h z c a r r i e r s p a c i n g , b w 3 . 8 4 m h z 2 1 7 0 l o w 2 1 7 0 u p 2 1 4 0 l o w 2 1 4 0 u p 2 1 1 0 l o w 2 1 1 0 u p 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 - 6 0 - 5 5 - 5 0 - 4 5 - 4 0 - 3 5 - 3 0 - 2 5 - 2 0 3 1 3 3 3 5 3 7 3 9 4 1 4 3 4 5 4 7 4 9 d r a i n e f f i c i e n c y ( % ) a c p ( d b c ) o u t p u t p o w e r ( d b m ) s i ngl e - c a r r i e r w c d m a d r i v e - u p v d d = 3 0 v , i d q = 1 . 2 0 a , ? = 2 1 7 0 m h z 3 g p p w c d m a , p a r = 8 d b , b w 3 . 8 4 m h z a c p l o w e f f i c i e n c y a c p u p - 5 0 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 2 0 8 0 2 1 0 0 2 1 2 0 2 1 4 0 2 1 6 0 2 1 8 0 2 2 0 0 i r l ( d b ) , a c p u p ( d b c ) f r e q u e n c y ( m h z ) s i ngl e - c a r r i e r w c d m a , 3 g p p b r oa db a nd v d d = 3 0 v , i d q = 1 . 2 0 a , p o u t = 4 0 w e f f i c i e n c y i r l a c p g a i n ( d b ) , e f f i c i e n c y ( % ) g a i n typical performance (data taken in a production test fxture)
data sheet 4 of 14 rev. 04.1, 2016-06-14 ptfb211503el ptfb211503fl 0 1 0 2 0 3 0 4 0 5 0 1 5 1 6 1 7 1 8 1 9 2 0 4 0 4 2 4 4 4 6 4 8 5 0 5 2 5 4 e f f i c i e n c y ( % ) g a i n ( d b ) o u t p u t p o w e r , p e p ( d b m ) t w o - t one d r i v e - up v d d = 3 0 v , i d q = 1 . 2 0 a , ? 1 = 2 1 7 0 m h z , ? 2 = 2 1 6 9 m h z e f f i c i e n c y g a i n 0 1 0 2 0 3 0 4 0 5 0 - 6 5 - 5 5 - 4 5 - 3 5 - 2 5 - 1 5 4 0 4 2 4 4 4 6 4 8 5 0 5 2 5 4 e f f i c i e n c y ( % ) i m d ( d b c ) o u t p u t p o w e r , p e p ( d b m ) t w o - t one d r i v e - up v d d = 3 0 v , i d q = 1 . 2 0 a , ? 1 = 2 1 7 0 m h z , ? 2 = 2 1 6 9 m h z e f f i c i e n c y i m d 3 - 5 0 - 4 5 - 4 0 - 3 5 - 3 0 - 2 5 - 2 0 - 1 5 - 1 0 - 5 1 5 2 0 2 5 3 0 3 5 4 0 4 5 5 0 5 5 6 0 2 0 7 0 2 0 9 0 2 1 1 0 2 1 3 0 2 1 5 0 2 1 7 0 2 1 9 0 2 2 1 0 f r e q u e n c y ( m h z ) t w o - t one b r oa dba nd p e r f or m a nc e v d d = 3 0 v , i d q = 1 . 2 0 a , p o u t = 6 3 w g a i n e f f i c i e n c y i r l i m d 3 r e t u r n l o s s ( d b ) , i m d ( d b c ) g a i n ( d b ) , e f f i c i e n c y ( % ) - 7 0 - 6 0 - 5 0 - 4 0 - 3 0 - 2 0 4 1 4 3 4 5 4 7 4 9 5 1 5 3 i m d ( d b c ) o u t p u t p o w e r , p e p ( d b m ) t w o - t one d r i v e - up a t s e l e c t e d fr e que nc i e s v d d = 3 0 v , i d q = 1 . 2 0 a , t o n e s p a c i n g = 1 m h z 2 1 7 0 m h z 2 1 4 0 m h z 2 1 1 0 m h z typical performance (cont.)
ptfb211503el ptfb211503fl data sheet 5 of 14 rev. 04.1, 2016-06-14 1 5 1 6 1 7 1 8 4 1 4 3 4 5 4 7 4 9 5 1 5 3 p o w e r g a i n ( d b ) o u t p u t p o w e r ( d b m ) c w p e r f or m a nc e g a i n v s . o ut put p ow e r v d d = 3 0 v , ? = 2 1 7 0 m h z i d q = 1 . 4 0 a i d q = 0 . 8 0 a i d q = 1 . 2 0 a 1 0 2 0 3 0 4 0 5 0 6 0 1 4 1 5 1 6 1 7 1 8 1 9 4 2 4 4 4 6 4 8 5 0 5 2 d r a i n e f f i c i e n c y ( % ) g a i n ( d b ) o u t p u t p o w e r ( d b m ) p ow e r s w e e p, c w g a i n & e f f i c i e nc y v s . o ut put p ow e r v d d = 3 0 v , i d q = 1 . 2 0 a , ? = 2 1 7 0 m h z g a i n e f f i c i e n c y + 2 5 o c + 8 5 o c C 1 0 o c - 7 0 - 6 0 - 5 0 - 4 0 - 3 0 - 2 0 4 0 4 5 5 0 5 5 i m d ( d b c ) o u t p u t p o w e r , p e p ( d b m ) i nt e r m odul a t i on d i s t or t i on v s . o ut put p ow e r v d d = 3 0 v , i d q = 1 . 2 0 a , ? 1 = 2 1 7 0 m h z , ? 2 = 2 1 6 9 m h z 3 r d o r d e r 7 t h 5 t h typical performance (cont.)
data sheet 6 of 14 rev. 04.1, 2016-06-14 ptfb211503el ptfb211503fl 0.1 0.3 0.5 0.2 0.4 0 . 1 0 . 3 0 . 5 0 0 . 2 0 . 4 0 . 6 0 . 1 0 . 3 0 . 5 0 . 2 0 . 4 0 . 6 - w a v e l e n g t h s t o w a r d g e n e r a t o r - - - > 0 . 0 5 0 . 4 5 0 . 0 5 0 . 4 5 < - - - w a v e l e n g t h s t o w a r d l o a d - 0 . 0 nornalized to 50 ohms b211503efl db211503efl oct. 14, 2009 1:47:14 pm z source z load 2080 mhz 2200 mhz z 0 = 50 w z source z load g s d broadband circuit impedance frequency z source w z load w mhz r jx r jx 2200 2.06 C6.08 2.19 C4.73 2170 2.17 C6.33 2.19 C4.82 2140 2.30 C6.59 2.20 C4.91 2110 2.43 C6.86 2.21 C5.00 2080 2.58 C7.14 2.22 C5.09 see next page for reference circuit information
ptfb211503el ptfb211503fl data sheet 7 of 14 rev. 04.1, 2016-06-14 ptfb211503 el/fl_input c 101 10 pf c 102 10 pf c 801 1000 pf c802 1000 pf c803 1000 pf tl101 tl102 tl103 tl104 tl105 1 2 3 4 tl106 tl107 tl108 tl109 1 2 3 tl110 tl111 tl112 tl113 tl114 tl115 tl116 tl117 tl118 tl119 tl 120 tl121 tl122 tl123 tl124 tl 125 tl126 tl127 tl128 tl129 r101 10 ohm tl130 1 2 3 4 tl131 c 103 4710000 pf c 104 4710000 pf tl132 tl133 tl134 tl135 r801 1200 ohm r802 1300 ohm r803 10 ohm r804 100 ohm r805 10 ohm 1 2 3 tl136 1 2 3 tl137 1 2 3 tl138 1 2 3 tl139 rf_in in out nc nc 1 2 3 4 5 6 7 8 s1 tl140 c 105 0. 6 pf c 106 2. 2 pf c 107 8. 2 pf r104 10 ohm s c b e 1 2 3 4 s2 3 s 3 b 2 1 1 5 0 3 e f l _ b d i n _ 0 8 - 1 9 - 2 0 1 0 gate dut (pin g ) reference circuit reference circuit input schematic for ? = 2170 mhz reference circuit output schematic for ? = 2170 mhz ptfb211503el/fl_output c201 1000000 pf c202 2200000 pf tl 201 tl 202 tl 203 tl 204 tl 205 tl 206 tl 207 tl 208 tl 209 tl 210 tl 211 tl 212 tl 213 tl 214 1 2 3 tl 215 c203 10000000 pf tl 216 tl 217 tl 218 1 2 3 tl 219 1 2 3 tl 220 1 2 3 tl 221 tl 222 tl 223 tl 224 1 2 3 tl 225 tl 226 1 2 3 tl 227 1 2 3 tl 228 c204 10000000 pf c205 10000000 pf c206 1000000 pf c207 8 .2 pf 1 2 3 tl 229 c 208 0 . 5 pf tl 230 c209 10000000 c210 2200000 pf 1 2 3 tl 231 b 2 1 1 5 0 3 e f l _ b d o u t _ 0 8 - 1 9 - 2 0 1 0 dut ( pin v) drain dut ( pin d) dut ( pin v) rf_ out v dd v dd
data sheet 8 of 14 rev. 04.1, 2016-06-14 ptfb211503el ptfb211503fl reference circuit (cont.) description dut ptfb211503el or ptfb211503fl pcb 0.508 mm [.020"] thick, e r = 3.48, rogers 4350, 1 oz. copper electrical characteristics at 2170 mhz transmission electrical dimensions: mm dimensions: mils line characteristics input tl101, tl129 0.095 , 54.17 w w = 1.016, l = 8.001 w = 40, l = 315 tl102 0.016 , 31.24 w w = 2.286, l = 1.270 w = 90, l = 50 tl103 0.026 , 54.17 w w = 1.016, l = 2.159 w = 40, l = 85 tl104 0.032 , 47.12 w w = 1.270, l = 2.692 w = 50, l = 106 tl105 0.005 , 6.67 w w = 13.970, l = 0.381 w = 550, l = 15 tl106 w1 = 13.970, w2 = 1.016, w3 = 13.970, w1 = 550, w2 = 40, w3 = 550, w4 = 1.016 w4 = 40 tl107, tl108, tl109 w = 1.016 w = 40 tl110, tl139 0.012 , 54.17 w w1 = 1.016, w2 = 1.016, w3 = 1.016 w1 = 40, w2 = 40, w3 = 40 tl111 (taper) 0.006 , 6.67 w / 8.37 w w1 = 13.970, w2 = 10.922, l = 0.483 w1 = 550, w2 = 430, l = 19 tl112 w1 = 17.780, w2 = 12.700 w1 = 700, w2 = 500 tl113 w1 = 1.270, w2 = 2.286 w1 = 50, w2 = 90 tl114 0.031 , 34.72 w w = 1.981, l = 2.540 w = 78, l = 100 tl115 0.027 , 63.89 w w = 0.762, l = 2.286 w = 30, l = 90 tl116 0.096 , 63.89 w w = .762, l = 8.136 w = 30, l = 320 tl117 0.029 , 54.17 w w = 1.016, l = 2.451 w = 40, l = 97 tl118 0.018 , 54.17 w w = 1.016, l = 1.524 w = 40, l = 60 tl119 0.021 , 54.17 w w = 1.016, l = 1.727 w = 40, l = 68 tl120 0.026 , 54.17 w w = 1.016, l = 2.159 w = 40, l = 85 tl121, tl122 0.002 , 54.17 w w = 1.016, l = 0.127 w = 40, l = 5 tl123, tl124 0.030 , 54.17 w w = 1.016, l = 2.540 w = 40, l = 100 tl125 0.053 , 6.67 w w = 13.970, l = 4.064 w = 550, l = 160 tl126 0.012 , 54.17 w w = 1.016, l = 1.021 w = 40, l = 40 tl127 0.134 , 47.12 w w = 1.270, l = 11.151 w = 50, l = 439 tl128 0.012 , 54.17 w w = 1.016, l = 1.016 w = 40, l = 40 tl130, tl133 0.000 , 144.35 w w = 0.025, l = 0.025 w = 1, l = 1 tl131 w1 = 10.922, w2 = 0.025, w3 = 10.922 w1 = 430, w2 = 1, w3 = 430, w4 = 0.025 w4 = 1 tl132, tl135 0.000 , 8.37 w w = 10.922, l = 0.000 w = 430, l = 0 tl134 (taper) 0.033 , 8.37 w / 47.12 w w1 = 10.922, w2 = 1.270, l = 2.540 w1 = 430, w2 = 50, l = 100 tl136, tl137 0.012 , 63.89 w w1 = 0.762, w2 = 0.762, w3 = 1.016 w1 = 30, w2 = 30, w3 = 40 tl138 0.012 , 54.17 w w1 = 1.016, w2 = 1.270, w3 = 1.016 w1 = 40, w2 = 50, w3 = 40 tl140 0.021 , 63.89 w w = 0.762, l = 1.778 w = 30, l = 70 table continued on page 9
ptfb211503el ptfb211503fl data sheet 9 of 14 rev. 04.1, 2016-06-14 reference circuit (cont.) electrical characteristics at 2170 mhz transmission electrical dimensions: mm dimensions: mils line characteristics output tl201 (taper) 0.074 , 5.33 w / 39.51 w w1 = 17.780, w2 = 1.651, l = 5.613 w1 = 700, w2 = 65, l = 221 tl202 (taper) 0.010 , 4.84 w / 5.33 w w1 = 19.685, w2 = 17.780, l = 0.787 w1 = 775, w2 = 700, l = 31 tl203 w1 = 12.700, w2 = 17.780 w1 = 500, w2 = 700 tl204 w1 = 1.651, w2 = 2.540 w1 = 65, w2 = 100 tl205 w1 = 1.270, w2 = 2.540 w1 = 50, w2 = 100 tl206 0.000 , 5.33 w w = 17.780, l = 0.025 w = 700, l = 1 tl207 0.047 , 47.12 w w = 1.270, l = 3.886 w = 50, l = 153 tl208 0.021 , 39.51 w w = 1.651, l = 1.753 w = 65, l = 69 tl209 0.057 , 4.84 w w = 19.685, l = 4.318 w = 775, l = 170 tl210, tl211 0.016 , 28.85 w w = 2.540, l = 1.270 w = 100, l = 50 tl212 0.035 , 39.51 w w = 1.651, l = 2.896 w = 65, l = 114 tl213 0.032 , 16.90 w w = 4.928, l = 2.540 w = 194, l = 100 tl214 0.032 , 17.05 w w = 4.877, l = 2.540 w = 192, l = 100 tl215, tl231 0.032 , 25.04 w w1 = 3.048, w2 = 3.048, w3 = 2.540 w1 = 120, w2 = 120, w3 = 100 tl216, tl217 0.095 , 25.04 w w = 3.048, l = 7.645 w = 120, l = 301 tl218, tl230 w = 3.048 w = 120 tl219, tl225 0.054 , 25.04 w w1 = 3.048, w2 = 3.048, w3 = 4.318 w1 = 120, w2 = 120, w3 = 170 tl220, tl221 0.029 , 25.04 w w1 = 3.048, w2 = 3.048, w3 = 2.286 w1 = 120, w2 = 120, w3 = 90 tl222, tl224 0.067 , 25.04 w w = 3.048, l = 5.359 w = 120, l = 211 tl223, tl226 0.010 , 25.04 w w = 3.048, l = 0.762 w = 120, l = 30 tl227, tl228 0.029 , 25.04 w w1 = 3.048, w2 = 3.048, w3 = 2.286 w1 = 120, w2 = 120, w3 =90 tl229 0.022 , 39.51 w w1 = 1.651, w2 = 1.651, w3 = 1.778 w1 = 65, w2 = 65, w3 = 70
data sheet 10 of 14 rev. 04.1, 2016-06-14 ptfb211503el ptfb211503fl reference circuit (cont.) circuit assembly information test fixture part no. ltn/ptfb211503ef find gerber fles for this test fxture on the infneon web site at http://www.infneon.com/rfpower reference circuit assembly diagram (not to scale) + + 10 f + 10 f s3 s1 s2 c102 r804 r803 r 802 r801 r805 c801 c802 c803 c101 c103 c104 c105 c106 c107 r101 r104 c201 c205 c202 c208 c209 c210 c203 c206 c204 c207 b 2 1 1 5 0 3 e f l _ c d _ 1 1 - 1 0 - 2 0 1 0 ptfb 211503 _out _ 02 ptfb 211503 _in _02 ro 4350 , .030 (60) ro4350 , .030 (60) rf_in rf_out v dd v dd v dd
ptfb211503el ptfb211503fl data sheet 11 of 14 rev. 04.1, 2016-06-14 reference circuit (cont.) component information component description suggested manufacturer p/n input c101, c102 chip capacitor, 10 pf atc atc100a100fw150xb c103, c104 chip capacitor, 4.71 f digi-key 493-2372-2-nd c105 chip capacitor, 0.6 pf atc atc100b0r6bw500xb c106 chip capacitor, 2.2 pf atc atc100b2r2bw500xb c107 chip capacitor, 8.2 pf atc atc100b8r2bw500xb c801, c802, c803 capacitor, 1000 pf digi-key pcc1772ct-nd r101, r104, r803, r805 resistor, 10 w digi-key p10ect-nd r801 resistor, 1200 w digi-key p1.2kgct-nd r802 resistor, 1300 w digi-key p1.3kgct-nd r804 resistor, 100 w digi-key p100ect-nd s1 voltage regulator digi-key lm78l05acm-ld s2 transistor digi-key bcp5616ta-nd s3 potentiometer, 2k w digi-key 3224w-202ect-nd output c201, c206 chip capacitor, 1 f digi-key 445-1411-2-nd c202, c210 chip capacitor, 2.2 f digi-key 445-1447-2-nd c203, c209 capacitor, 10 f digi-key 281m5002106k c204, c205 capacitor, 10 f digi-key 587-1818-2-nd c207 chip capacitor, 8.2 pf atc atc100b8r2bw500xb c208 chip capacitor, 0.5 pf atc atc100b0r5bw500xb
data sheet 12 of 14 rev. 04.1, 2016-06-14 ptfb211503el ptfb211503fl h - 33288 - 6 _po _01 _10 - 03 - 2012 22. 352 . 200 [. 880 . 008 ] 34 . 036 [1. 340 ] l c 1. 016 [. 040 ] 1.575 [.062] (sph) 4. 039 +. 254 - . 127 [ . 159 +. 010 - . 005 ] d g v v f e l c 19 . 558 . 510 [. 770 . 020 ] 9. 779 [. 385 ] 9. 398 [. 370 ] l c 2x 12. 700 [. 500 ] 4 x 30 2x 22 . 860 [. 900 ] 27 . 940 [1. 100 ] 2x r1.626 [r. 064 ] 45 x 2. 032 [45 x . 080 ] 4. 889 . 510 [. 192 . 020 ] 4 x 1.143 [. 045 ] (4 pls) 2x 5. 080 [. 200 ] (2 pls) 4x r1. 524 [r. 060 ] s diagram notesunless otherwise specifed: 1. interpret dimensions and tolerances per asme y14.5m-1994. 2. primary dimensions are mm. alternate dimensions are inches. 3. all tolerances 0.127 [0.005] unless specifed otherwise. 4. pins: d C drain; g C gate; s C source; v C v dd ; e, f C n.c. 5. lead thickness: 0.10 + 0.051/C0.025 mm [0.004 + 0.002/C0.001 inch]. 6. gold plating thickness: 0.25 micron [10 microinch] max. package outline specifcations package h-33288-6 diagram notesunless otherwise specifed: 1. interpret dimensions and tolerances per asme y14.5m-1994. 2. primary dimensions are mm. alternate dimensions are inches. 3. all tolerances 0.127 [.005] unless specifed otherwise. 4. pins: a = gate, b = source, c = drain, d = v dd , e, f = n.c. 5. lead thickness: 0.10 + 0.051/C0.025 mm [.004 +0.002/C0.001 inch]. 6. gold plating thickness: 0.25 micron [10 microinch] max.
ptfb211503el ptfb211503fl data sheet 13 of 14 rev. 04.1, 2016-06-14 diagram notesunless otherwise specifed: 1. interpret dimensions and tolerances per asme y14.5m-1994. 2. primary dimensions are mm. alternate dimensions are inches. 3. all tolerances 0.127 [0.005] unless specifed otherwise. 4. pins: d C drain; g C gate; s C source; v C v dd 5. lead thickness: 0.10 + 0.051/C0.025 mm [0.004 + 0.002/C0.001 inch]. 6. gold plating thickness: 0.25 micron [10 microinch] max. 23. 114 [. 910 ] 1 . 016 [. 040 ] 1. 575 [. 062 ] (sph ) 22 . 352 . 200 [. 880 . 008 ] 4. 039 +. 254 - . 127 [ . 159 +. 010 - . 005 ] s l c h - 34288 - 4 / 2 _po _03 _08 - 13 - 2012 l c d g c l 19 . 558 . 510 [. 770 . 020 ] 2 x 12.700 [. 500 ] 45 x 2.032 [45 x .080 ] 2x 1 . 143 [. 045 ] 9. 398 [. 370 ] 9 . 779 [. 385 ] 22 . 860 [. 900 ] 2x 5. 080 [. 200 ] 4. 889 . 510 [. 192 . 020 ] v v 2x 30 4x r0 . 508 +. 381 - . 127 [ r . 020 +. 015 - . 005 ] package outline specifcations (cont.) package h-34288-4/2 diagram notesunless otherwise specifed: 1. interpret dimensions and tolerances per asme y14.5m-1994. 2. primary dimensions are mm. alternate dimensions are inches. 3. all tolerances 0.127 [.005] unless specifed otherwise. 4. pins: d = drain; s = source; g = gate; v = v dd . 5. lead thickness: 0.10 + 0.051/C0.025 mm [.004 +0.002/C0.001 inch]. 6. gold plating thickness: 0.25 micron [10 microinch] max.
data sheet 14 of 14 rev. 04.1, 2016-06-14 edition 2016-06-14 published by infneon technologies ag 81726 munich, germany ? 2010 infneon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infneon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infneon technologies offce ( www.infneon.com/rfpower ). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infneon technologies offce. infneon technologies components may be used in life-support devices or systems only with the express written approval of in - fneon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. we listen to your comments any information within this document that you feel is wrong, unclear or missing at all? your feedback will help us to continuously improve the quality of this document. please send your proposal (including a reference to this document) to: highpowerrf@infneon.com to request other information, contact us at: +1 877 465 3667 (1-877-go-ldmos) usa or +1 408 776 0600 international ptfb211503el v1 / ptfb211503fl v2 revision history: 2016-06-14 data sheet previous version: 2011-03-07, data sheet page subjects (major changes since last revision) 2 updated ordering information


▲Up To Search▲   

 
Price & Availability of PTFB211503ELV1R0XTMA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X