Part Number Hot Search : 
CS9LASI 30106 11DQ03 TC264 TR13F 374543 BCR133L3 DS1236A
Product Description
Full Text Search
 

To Download PB61 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb605 thru PB610 6 amp single phase bridge rectifier 50 to 1000 volts pb-6 features ? low forward voltage and any mounting position ? surge overload rating of 150 amps ? silver plated copper leads dimensions inches mm dim min max min max note a .578 .618 14.69 15.71 2pl b .230 .270 5.84 6.86 c .750 --- 19.10 --- d .405 .444 10.30 11.30 2pl e .038 .042 0.97 1.07 4pl/typ g .145 --- 3.70 --- ? maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c microsemi catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage pb605 pb605 50v 35v 50v PB61 PB61 100v 70v 100v pb62 pb62 200v 140v 200v pb64 pb64 400v 280v 400v pb66 pb66 600v 420v 600v pb68 pb68 800v 560v 800v PB610 PB610 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 6.0a t a = 50 c peak forward surge current i fsm 150a 8.3ms, half sine maximum forward voltage drop per element v f 1.0v i f = 3.0a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 10 a 1 ma t a = 25 c t a = 100 c b c e d a ac + - a ac g  
 omp onents 20736 marilla street chatsworth       
     mcc revision:b 2013/01/01 tm micro commercial components www. mccsemi .com 1 of 3 notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 ? ul recognized file # e165989 mounting torgue: 4.5 in-lbs maximum ? mounting hole for #6 screw ? ? halogen free available upon request by adding suffix "-hf" ? moisture sensitivity level 1 ? epoxy meets ul 94 v-0 flammability rating compliant. see ordering information) lead free finish/rohs compliant (note1) ("p"suffix designates
pb605 thru PB610 instantaneous reverse leakage current - microamperes versus ereeeeversees seusrrurreeres versus seusrres ure rrrerss s s ure eversererss s s ure errureurre errureurreeres versus uereses s es revision: b 2013/01/01 mcc single phase, half wave 60hz resistive or inductive load 0 average forward rectified current - amperes versus e temperature - q c figure 3 forward derating curve 25 50 100 125 150 0 1 0 2 0 3 .0 amps 75 0 5 0 6 0 t icro commercial components www. mccsemi .com 2 of 3 .4 .6 .8 1.0 1.2 1.4 1.6 t a =25 c
mcc revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 3 ordering information device packing (part number)-bp bulk;1.6k/ctn ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. note : adding "-hf" suffix for halogen free, eg. part number-bp-hf


▲Up To Search▲   

 
Price & Availability of PB61

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X