Part Number Hot Search : 
CXA10 1N6103A MP5005W F4001 KA3031 ZUW61215 09510 164245
Product Description
Full Text Search
 

To Download MMBTSC2712 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBTSC2712 npn silicon epitaxial planar transistor for audio frequency general purpos e amplifier applications. the transistor is subdivided into four groups o, y, g and l, according to its dc current gain. features ? high voltage and high current: v ceo =50v, i c =150ma(max) ? high h fe : h fe =70~700 ? low noise: nf=1db(typ.), 10db(max) ? small package absolute maximum ratings (t a = 25 o c) symbol value unit collector base voltage v cbo 60 v collector emitter voltage v ceo 50 v emitter base voltage v ebo 5 v collector current i c 150 ma base current i b 30 ma power dissipation p tot 200 mw junction temperature t j 125 o c storage temperature range t s -55 to +125 o c sot-23 plastic package
MMBTSC2712 characteristics at t amb =25 o c symbol min. typ. max. unit dc current gain at v ce =6v, i c =2ma o y g l h fe h fe h fe h fe 70 120 200 350 - - - - 140 240 400 700 - - - - collector cutoff current at v cb =60v i cbo - - 0.1 a emitter cutoff current at v eb =5v i ebo - - 0.1 a collector saturation voltage at i c =100ma, i b =10ma v ce(sat) - - 0.25 v transition frequency at v ce =10v, i c =1ma f t 80 - - mhz collector output capacitance at v cb =10v, f=1mhz c ob - 2 3.5 pf noise figure at v ce =6v, i c =0.1ma, f=1khz, rg=10k ? nf - 1 10 db
MMBTSC2712 250 common emitter ta=25 c 2 0 i c - m a 80 160 6.0 7 6 4 v ce - v 0.5 ib=0.2ma 0 3.0 5.0 1.0 2.0 75 ta ( c ) 50 25 0 c o l l e c t o r p o w e r d i s s i p a t i o n , m w 100 50 200 150 125 100 240 i c - v ce p c - t a 1 0 0.1 100 1000 f t ( m h z ) common emitter ta=25 c v ce =10v i c , ma 10 100 f t - i c common emitter vce=1v vce=6v 0 100 h f e 10 1 0.1 i c, ma ta=100 c -25 25 3000 1000 hfe - i c 100 0.1 300100 0.01 v c e ( s a t ) , v 0.1 10 1 i c, ma ta=100 c -25 25 300 common emitter ic/ib=10 3 1 vce(sat) - i c common emitter ic/ib=10 ta=25 c 10 1 0.1 v b e ( s a t ) , v 0.1 1 i c, ma 10 30 v be(sat) - i c 100 300 i b - v be v be , v 1 0.3 0 0.4 common emitter vce=6v 100 i b , a 10 3000 1000 ta=100 c 1.2 0.8 -25 c 25 c


▲Up To Search▲   

 
Price & Availability of MMBTSC2712

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X