Part Number Hot Search : 
FC65PE 09016 MS6334TR RN2101F M3212 SWL524 9LV64 DG428
Product Description
Full Text Search
 

To Download MMBT2907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBT2907 / MMBT2907a pnp silicon epitaxial planar transistor for switching and af amplifier applications. the transistor is subdivided into one group according to its dc current gain. absolute maximum ratings (t a = 25 o c) parameter symbol value unit collector base voltage -v cbo 60 v collector emitter voltage MMBT2907 MMBT2907a -v ceo 40 60 v emitter base voltage -v ebo 5 v collector current -i c 600 ma power dissipation p tot 350 mw junction temperature t j 150 o c storage temperature range t stg - 55 to + 150 o c sot-23 plastic package
MMBT2907 / MMBT2907a characteristics at t a = 25 o c parameter symbol min. max. unit dc current gain at -i c = 0.1 ma, -v ce = 10 v at -i c = 1 ma, -v ce = 10 v at -i c = 10 ma, -v ce = 10 v at -i c = 150 ma, -v ce = 10 v at -i c = 500 ma, -v ce = 10 v MMBT2907 MMBT2907a MMBT2907 MMBT2907a MMBT2907 MMBT2907a MMBT2907 MMBT2907a h fe h fe h fe h fe h fe h fe h fe h fe h fe 35 75 50 100 75 100 100 30 50 - - - - - - 300 - - - - - - - - - - - collector base cutoff current at -v cb = 50 v MMBT2907 MMBT2907a -i cbo -i cbo - - 20 10 na na collector base breakdown voltage at -i c = 10 a -v (br)cbo 60 - v collector emitter breakdown voltage at -i c = 10 ma MMBT2907 MMBT2907a -v (br)ceo -v (br)ceo 40 60 - - v v emitter base breakdown voltage at -i e = 10 a -v (br)ebo 5 - v collector saturation voltage at -i c = 150 ma, -i b = 15 ma at -i c = 500 ma, -i b = 50 ma -v ce(sat) -v ce(sat) - - 0.4 1.6 v v base saturation voltage at -i c = 150 ma, -i b = 15 ma at -i c = 500 ma, -i b = 50 ma -v be(sat) -v be(sat) - - 1.3 2.6 v v gain bandwidth product at -i c = 50 ma , -v ce = 20 v, f = 100 mhz f t 200 - mhz collector output capacitance at -v cb = 10 v, f = 1 mhz c ob - 8 pf turn-on time at -v cc = 30 v, -i c = 150 ma, -i b1 = 15 ma t on - 45 ns delay time at -v cc = 30 v, -i c = 150 ma, -i b1 = 15 ma t d - 10 ns rise time at -v cc = 30 v, -i c = 150 ma, -i b1 = 15 ma t r - 40 ns turn-off time at -v cc = 6 v, -i c = 150 ma, -i b1 = -i b2 = 15 ma t off - 100 ns storage time at -v cc = 6 v, -i c = 150 ma, -i b1 = -i b2 = 15 ma t s - 80 ns fall time at -v cc = 6 v, -i c = 150 ma, -i b1 = -i b2 = 15 ma t f - 30 ns
MMBT2907 / MMBT2907a


▲Up To Search▲   

 
Price & Availability of MMBT2907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X