Part Number Hot Search : 
A5800779 SSG07P06 CONTROL SFT1012 LAS6381 IRFF113 60033 NJM2355D
Product Description
Full Text Search
 

To Download MBRD1080CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbrd10 20 ct thru mbrd1010 0 ct 10 amp schottky rectifier 20v-100v features x operatingtemperature (t j ) : -65 : to+15 0 : mcc part number recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbrd10 20 ct 20 14 20 mbrd10 30 ct 30 21 30 mbrd10 4 5ct 4 53245 mbrd10 50 ct 50 35 50 mbrd10 60 ct 60 42 60 mbrd108 0 ct 8 0 57 8 0 mbrd1010 0 ct 100 71 100 electrical characteristics @ 25 q c unless otherwise specified max average forward rectified current i (av) 10 a max surge current i fsm 150a 8.3ms, half sine peak forward voltage mbrd10 20 ct -4 5ct mbrd10 50 ct -60 ct mbrd108 0 ct v fm 0.65v 0.75v 0.8 0 v i fm = 5.0a peak reverse current mbrd102 0 ct - 10 0 ct mbrd10 20 ct -4 5ct mbrd10 50 ct - 10 0 ct i rm 0.5 ma 50ma 25ma t a = 25 : t a =100 : t a = 100 : www. mccsemi .com dimensions mm dim min max min max note a 0.087 0.094 2.20 2.40 b 0.000 0.005 0.00 0.13 c 0.026 0.034 0.66 0.86 d 0.018 0.023 0.46 0.58 e 0.256 0.264 6.50 6.70 f 0.201 0.215 5.10 5.46 g 0.190 4.83 h 0.236 0.244 6.00 6.20 j 0.386 0.409 9.80 10.40 pin 1.3 anode pin 2. 4 cathode inches o 0.043 0.051 1.10 1.30 q a d b l g v k c i j h o m f 1 2 3 i 0.086 0.094 2.18 2.39 k 0.114 2.90 l 0.055 0.067 1.40 1.70 m 0.063 1.60 q 0.000 0.012 0.00 0.30 v 0.211 5.35 e 4 (to-252) dpak mcc ? extremely fast switching ? extremely low forward drop. maximum ratings ? epoxy meets ul 94 v-0 flammability rating ? moisture sensitivity level 1 1 of 3 thermal resistance r jc 2.5 : /w ------ mbrd10100 ct 0.8 5 v x storage temperature(t stg ): -65 : to+150 : tm micro commercial components  
 omponents 20736 marilla street chatsworth       
     ? halogen free available upon request by adding suffix "-hf" ? lead free finish/rohs compliant ("p"suffix designates compliant. see ordering information) revision: c 2014/11/04
fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics average forward current amperes instantaneous forward current( amperes) instantaneous reverse current mill (amperes) peak forward surge current(amperes) instantaneous forward voltage (volts) reverse voltage. volts t, pulse duration ,sec. percent of rated peak reverse voltage% number of cycles at 60hz lead temperature ( c) t j =25 c t j =125 c t j =150 c pulse width=300 s 1% duty cycle t j =t j max 8.3ms single half sine-wave (jedec method) t j =25 c fig.5-typical junction capacitance fig.6-typical transient thermal impedance junction capacitance(pf) transient thermal impedance, c/ w t j =25 c f=1.0mh z vsig=50mvp-p mbrd1020ct-1045ct mbrd1050ct-10100ct mbrd1020ct-1045ct mbrd1050ct-10100ct mbrd1020ct-1045ct mbrd1050ct-10100ct t j =75 c t j =125 c schottky rectifier 5.0 3.0 0 0 20 40 60 80 100 120 150 150 75 0 1 100 10 60 1 0 1 0.1 0.01 0 0.2 1.0 1.6 100 10 1 0.1 4000 1 000 100 0.01 0.1 1 10 100 0.1 1 10 100 0.001 0.01 0.1 1 10 20 02040 60 80 100 www. mccsemi .com mbrd1020ct-mbrd10100ct micro commercial components mcc tm 2 of 3 revision: c 2014/11/04
mcc tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 2. 5kpcs/reel ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below . products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. revision: c 2014/11/04 note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of MBRD1080CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X