Part Number Hot Search : 
16652 2SC39 7438PC MSK690B T5111 T970006 H0101001 RGP15B
Product Description
Full Text Search
 

To Download MAZD024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zener diodes 1 publication date: september 2004 ske00020aed mazdxxx series silicon planar type for constant voltage, constant current, waveform clipper and surge absorption circuit features ? low noise type absolute maximum ratings t a = 25 c unit: mm parameter symbol rating unit repetitive peak forward current i frm 200 ma total power dissipation * p t 120 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c common electrical characteristics t a = 25 c 3 c * 1 note) 1. measuring methods are based on japanese industrial standard jis c 7031 measuring methods for diodes. 2. absolute frequency of input and output is 5 mhz. 3. * 1: the temperature must be controlled 25c for v z mesurement. v z value measured at other temperature must be adjusted to v z (25c) * 2: v z guaranteed 20 ms after current flow. 1: anode 2: cathode sssmini2-f2 package note) * :p tot = 100 mw achieved with a printed circuit board parameter symbol conditions min typ max unit forward voltage v f i f = 10 ma 0.9 1.0 v zener voltage * 2 v z i z specified value v zener operating resistance r z i z specified value ? reverse current i r v r specified value a marking symbol refer to the list of the electrical characteristics within part numbers (example) mazd062 : df 5 5 0.27 1 2 1.40 0.05 0.52 0.03 1.00 0.05 0.60 0.05 0 to 0.01 0.20 0.05 0.20 0.05 0.15 max. +0.05 ?0.02 0.12 +0.05 ?0.02 refer to the list of the electrical characteristics within part numbers
2 mazdxxx series ske00020aed marking symbol MAZD024 2.28 2.40 2.60 5 120 1.0 100 5 1f mazd027 2.50 2.70 2.90 5 120 1.0 110 5 2f mazd030 2.80 3.00 3.20 5 50 1.0 120 5 3f mazd033 3.10 3.30 3.50 5 20 1.0 130 5 4f mazd036 3.40 3.60 3.80 5 10 1.0 130 5 5f mazd039 3.70 3.90 4.10 5 10 1.0 130 5 6f mazd043 4.00 4.30 4.60 5 10 1.0 130 5 af mazd047 4.40 4.70 5.00 5 2.0 1.0 80 5 h mazd051 4.80 5.10 5.40 5 1.0 2.0 60 5 bf mazd056 5.30 5.60 6.00 5 0.5 2.5 40 5 cf mazd062 5.80 6.20 6.60 5 0.2 4.0 30 5 df mazd068 6.40 6.80 7.20 5 0.1 4.0 20 5 w mazd075 7.00 7.50 7.90 5 0.1 5.0 20 5 t mazd082 7.70 8.20 8.70 5 0.1 5.0 20 5 ef mazd091 8.50 9.10 9.60 5 0.1 6.0 20 5 ff mazd100 9.40 10.00 10.60 5 0.05 7.0 30 5 gf mazd110 10.40 11.00 11.60 5 0.05 8.0 30 5 jf mazd120 11.40 12.00 12.70 5 0.05 9.0 30 5 kf mazd130 12.40 13.00 14.10 5 0.05 10.0 35 5 lf mazd150 13.90 15.00 15.60 5 0.05 11.0 40 5 mf mazd160 15.30 16.00 17.10 5 0.05 12.0 50 5 nf mazd180 16.90 18.00 19.10 5 0.05 13.0 60 5 pf mazd200 18.80 20.00 21.20 5 0.05 15.0 80 5 rf mazd220 20.80 22.00 23.30 5 0.05 17.0 80 5 sf mazd240 22.80 24.00 25.60 5 0.05 19.0 100 5 uf mazd270 25.10 27.00 28.90 2 0.05 21.0 120 2 vf mazd300 28.00 30.00 32.00 2 0.05 23.0 160 2 xf mazd330 31.00 33.00 35.00 2 0.05 25.0 200 2 yf mazd360 34.00 36.00 38.00 2 0.05 27.0 250 2 zf mazd390 37.00 39.00 41.00 2 0.05 30.0 300 2 7f electrical characteristics within part numbers t a = 25 c 3 c v z (v) i r ( a) r z ( ? ) i z v r i z min nom max (ma) max (v) max (ma) part number zener voltage reverse current zener operating resistance
mazdxxx series 3 ske00020aed 0 160 40 120 80 0 200 150 100 50 total power dissipation p t (m w ) ambient temperature t a ( c ) glass epoxy board 10 3 04 81 2 10 2 10 1 1 10 10 3 10 2 zener voltage v z ( v ) zener current i z ( ma ) 4.7 v 5.1 v 5.6 v 6.2 v 6.8 v 7.5 v 8.2 v 9.1 v 10 v t a = 25c 10 3 0102030 10 2 10 1 1 10 10 3 10 2 11 v 12 v 13 v 14 v 15 v 16 v 18 v 20 v t a = 25c zener voltage v z ( v ) zener current i z ( ma ) 10 3 0204060 10 2 10 1 1 10 10 3 10 2 22 v 24 v 27 v 30 v 33 v 36 v 39 v t a = 25c zener voltage v z ( v ) zener current i z ( ma ) p t ? t a i z ? v z i z ? v z i z ? v z i z ? v z 10 3 02 46 10 2 10 1 1 10 10 3 10 2 zener voltage v z ( v ) zener current i z ( ma ) 2.7 v 3.0 v 3.3 v 3.6 v 3.9 v 4.3 v 2.4 v t a = 25c
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of MAZD024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X