technical data sheet 6 lake street, lawrence, ma 01844 1-800-446-1158 / (978) 794-1666 / fax: (978) 689-0803 website: http: //www.microsemi.com switching diode C metallurgically bonded C hermetically sealed C double plug construction qualified per mil-prf-19500/241 lds-0073 rev. 2 (100246) page 1 of 2 devices levels 1n3595aur-1 ll3595a mll3595a jan jantx jantxv maximum rating at 25c operating temperature: -65c to +175c storage temperature: -65c to +175c surge current a, sine 1s: 500ma surge current a, sine 1s: 4a total power dissipation: 500mw operating current: 150ma, t a = +25c d.c. reverse voltage (vrwm): 125v dc electrical characteristics v f i r v br ambient (c) i f ma min v max v ambient (c) v r v (dc) min a max a ambient (c) i r a min v max v 25 1 0.52 0.70 25 125 - 0.002 -55 100 150 - 25 5 0.60 0.765 150 125 - 3 25 10 0.65 0.80 25 50 0.74 0.88 25 100 0.79 0.92 25 200 0.83 1.00 ac electrical characteristics at 25c min max unit capacitance @ 0v - 8.0 pf t rr @ i f = 10ma v r = 35v - 3.0 sec do-213aa downloaded from: http:///
technical data sheet 6 lake street, lawrence, ma 01844 1-800-446-1158 / (978) 794-1666 / fax: (978) 689-0803 website: http: //www.microsemi.com lds-0073 rev. 2 (100246) page 2 of 2 package dimensions note: dimensions 1. dimensions are in inches. ltr inches millimeters notes 2. millimeters are given for general information only. min max min max 3. dimensions are pre-solder dip. bd .063 .067 1.60 1.70 4. referencing to dimension s, minimum clearance of glass body to bl .130 .146 3.30 3.70 mounting surface on all orientations. ect .016 .022 0.41 0.55 5. in accordance with asme y14.5m, diameters are equivalent to x s .001 min 0.03 min symbology. design data case: hermetically sealed glass package per mil-prf-19500/241 do-213aa outline lead material: copper clad steel lead finish: tin / lead thermal impedance (z jx ): 70c/w maximum polarity: cathode end is banded figure 1 . physical dimensions - 1n3595ur-1, 1n3595aur-1 (do-213aa) downloaded from: http:///
|