Part Number Hot Search : 
LTC1264 TD100 CD4069CN 71ACA BZX58 XT5001 NC303SOT MBR16100
Product Description
Full Text Search
 

To Download GBPC35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GBPC3502 thru GBPC3510 document number: GBPC3502 thru GBPC3510 www. smsemi .com aug.,20 2014 1 module type type v rrm v rsm GBPC3502 GBPC3504 GBPC3506 GBPC3508 GBPC3510 200v 400v 600v 800v 1000v 300v 500v 700v 900v 1100v maximum ratings and thermal characteristics (ta = 25 unless otherwise noted) symbol conditions values units i f(av) maximum average forward output rectified current tc =55 35 a i fsm peak forward surge current single half sine-wave superimposed on rated load (jedec method) 400 a i 2 t rating for fusing (t<8.3ms) 660 a 2 s visol a.c.50hz;r.m.s.;1min 2500 v r jc maximum thermal resistance (1) 1.2 /w t j , t stg operating junction and storage temperature range -55 to +150 weight approximate weight 15 g electrical characteristics (ta = 25 unless otherwise noted) notes: (1) unit case mounted on al plate heatsink (2) recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with m5 screw glass passivated single phase bridge rectifiers reverse voltage 200 to 1000v forward current 35 amp features y glass passivated die construction y integrally molded heatsink provides very low thermal resistance for maximum heat dissipation y the plastic material used carries ul flammability recognition 94v-0 y high surge current capability y high temperature soldering guaranteed: 260 /10 seconds, 0.375? (9.5mm) lead length, 5lbs. (2.3kg) tension mechanical data case: molded plastic case terminals: plated leads solderable per mil-std-750, method 2026 polarity: marked on body mounting position: any symbol conditions values units v f maximum instantaneous forward voltage per leg i fm =17.5a 1.1 v i r maximum dc reverse current at rated t a = 25 dc blocking voltage per leg t a = 125 5.0 500 a circuit - + ~ ~
GBPC3502 thru GBPC3510 document number:GBPC3502 thru GBPC3510 www. smsemi .com aug.,20,2014 2 performance curves 0 50 100 150 t c , case temperature (oc) fig.1 forward current derating curve 50 40 30 20 10 0 1 10 100 number of cycles at 60hz fig.3 max non-repetitive surge current 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) fig.5 typical reverse characteristics (per element) 100 10 1.0 0.1 0.01 tj=25oc pulse width=300 s single half-sine wave (jedec method) t j =25oc f =1mh z 0.1 1 10 100 v r , reverse voltage (v) fig.4 typical junction capacitance (per element) t j =25oc t j =125oc 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v f , instantaneous forward voltage (v) fig.2 typical forward characteristics (per element) mounted on a 220x220x50 mm al plate heatsink GBPC35 gbpc25 gbpc15 resistive or inductive load GBPC35 gbpc15, 25 GBPC35 gbpc15, 25 t j =150oc 500 400 300 200 100 0 1000 100 10 100 10 1.0 0.1 0.01 i fsm , peak fwd surge current (a) c j, capacitance (pf) i r , instantaneous reverse current ( a) i f, instantaneous forward current (a) i f , average forward current (a)
GBPC3502 thru GBPC3510 document number: GBPC3502 thru GBPC3510 www. smsemi .com aug.,20 2014 3 package outline information case: gbpc dimensions in inches (mm) 0.310(7.87) 0.290(7.36) 0.840(21.3) 0.740(18.8) 0.25 (6.35) 0.034(0.86) 0.030(0.76) 0.094(2.4) dia. ~ 0.673(17.1) 0.633(16.1) 0.582(14.8) 0.542(13.8) 0.732(18.6) 0.692(17.6) 0.673(17.1) 0.633(16.1) 1.135(28.8) 1.115(28.3) dia. 0. 220(5.59 ) 0. 200 ( 5.08 ) ~ 1.135(28.8) 1.115(28.3)


▲Up To Search▲   

 
Price & Availability of GBPC35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X