Part Number Hot Search : 
KGL4205 TA7666 CA12240 MBR1535 CS4412A TA7666 IDP23E60 D1790
Product Description
Full Text Search
 

To Download ET20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  global solutions: local support tm innovative technology for a connected world optotec tm series ET20,31,f1a,0909 thermoelectric module americas: +1 888.246.9050 europe: +46.31.704.67.57 asia: +86.755.2714.1166 clv.customerpos@lairdtech.com www.lairdtech.com suffix thickness (prior t o tinning) flatness & parallelism hot face cold face lead length 11 0.086 +/- 0.002 0.002 / 0.002 lapped lapped 2.0 tb 0.086 +/- 0.0005 0.0005 / 0.0005 lapped lapped 2.0 00 0.098 +/- 0.005 na / na metallized metallized 2.0 22 0.098 +/- 0.005 na / na pre-tinned pre-tinned 2.0 gg 0.098 +/- 0.005 na / na au plated au plated 2.0 f eatures ? miniature geometric sizes ? precise temperature control ? reliable solid state operation ? no sound or vibration ? dc operation ? rohs compliant appli cations ? laser diodes ? ccd cameras ? infrared (ir) sensors ? pump lasers ? crystal oscillators ? optical transceivers the optotec tm series is a miniature thermoelectric module (tem). this product series is primarily used in applications to stabilize the temperature of sensitive optical components in telecom and photonics industries. this product line is available in multiple confgurations and surface fnishing options. assembled with bismuth telluride semiconductor material and thermally conductive aluminum oxide ceramics, the optotec tm series is designed for lower current and lower heat-pumping applications. custom designs are available to accommodate metallization, pretinning, ceramic patterns, and solder posts, however moq applies. performance specifications hot side temperature (c) 25 50 qmax (watts) 4.2 4.7 delta tmax (c) 67 77 imax (amps) 2.0 2.0 vmax (volts) 3.5 4.0 module resistance (ohms) 1.62 1.82 suffix sealant color temp range description rt rtv white -60 to 204 c non-corrosive, silicone adhesive sealant ep epoxy black -55 to 150 c low density syntactic foam epoxy encapsulant sealing option
innovative technology for a connected world thr-ds-ET20,31,f1a,0909,11,w2.25 0709 any information furnished by laird technologies, inc. and its agents is believed to be accurate and reliable. all specifications are subject to change without notice. responsibility for the use and application of laird technologies materials rests with the end user, since laird technologies and its agents cannot be aware of all potential uses. laird technologies makes no warranties as to the fitness, merchantability or suitability of any laird technologies materials or products for any specific or general uses. laird technologies shall not be liable for incidental or consequential damages of any kind. all laird technologies products are sold pursuant to the laird technologies terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request. ? copyright 2009 laird technologies, inc. all rights reserved. laird, laird technologies, the laird technologies logo, and other marks are trade marks or registered trade marks of laird technologies, inc. or an affiliate company thereof. other product or service names may be the property of third parties. nothing herein provides a license under any laird technologies or any third party intellectual property rights. optotec tm series ET20,31,f1a,0909 thermoelectric module performance curves mechanical dra wing 0 . 0 1 . 0 2 . 0 3 . 0 4 . 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 d e l t a t ( c ) v o l t a g e ( v ) 0 . 0 1 . 0 2 . 0 3 . 0 4 . 0 5 . 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 d e l ta t (c ) q c (w ) 2 . 0 1 . 6 1 . 2 0 . 8 0 . 4 ceramic material 96% alumina ceramics solder construction: 232c snsb oper at ing tips ? max operating temperature: 80c ? do not exceed imax or vmax when operating module ? reference assembly guidelines for recommended installation ? solder tinning also available on metallized ceramics


▲Up To Search▲   

 
Price & Availability of ET20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X