Part Number Hot Search : 
BA2903KN 2N1651 EF100 GV860 13003A CXXXE TC2000 AD10201
Product Description
Full Text Search
 

To Download BR150-73XX-9V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miniature 4pdt dry circuit to 2 a mp to mil - prf - 39016 contact arrangement .......................... 4pdt (4 form c) weight ............................................................. 0.3 oz max. resi stive .......................................... 2 amp @ 28 vdc 0.5 amp @ 115v 60 + 400 hz (case ungrounded) inductive ........................................ 0.5 amp @ 28 vdc lamp ............................................. 0.1 amp @ 28 vdc low level ............................. 10 - 50a @ 10 - 50 mv dc or peak ac (note 4) life ................................... 100,000 operations minimum @ 1 amp load, 125 o c pull in power ............................................ 250 mw approx . operate/release time .................... 4 ms max, excluding bounce time at nominal coil voltage contact bounce time ...................... 2 ms max @ 1 amp 28 vdc contact load contact resistance before life ......................... 0.050 ohms max @ 1 amp and 6 vdc after life ............................ 0.150 ohms max @ 1 amp and 6 vdc temperature range ............................... - 65 o c to +125 o c vibration (note 2) ............................... 0.4" da 10 - 38 hz, 30 g's 38 - 2,000 hz shock (operating) (note 2) ........................ 75 g's 11 ms duty cycle ........................................................ continuous insulation resistance 10,000 megohms @ 500v 25 o c 1, 000 megohms @ 500v 125 o c dielectric strength: sea level: contact to case ...................................... 750 vrms contact to coil ........................................ 750 vrms coil to case ............................................ 500 vrms across open contacts ........................... 500 vrms 70,000 feet all points .................................................. 350 vrms m39016/14 qualified to er level m notes 1. for case gr ounded loads and other ratings, consult the factory. 2. for applications requiring other shock and vibration levels, consult the factory. 3. for other ratings consult the factory. 4. relay contacts which have switched high level currents are no longer suitable for switching low level loads. br150 miniature 4pdt dry circuit to 2 amp to mil-prf-39016 s pecifications general designed to meet the requirements of mil-prf-39016/14 contact rating (note 1) performance environmental electrical characteristics 1 www.microsemi.com ? 2015 microsemi corporation april 2015 rev. 3 downloaded from: http:///
model br150 part number br1 50 - 50()() - 6v br150 - 73()() - 9v br150 - 115()() - 12v br150 - 280()() - 18v br150 - 720()() - 26v br150 - 1040()() - 36v nominal coil voltage 6 vdc 9 vdc 12 vdc 18 vdc 26 vdc 36 vdc maximum coil voltage 7 vdc 11 vdc 1 4 vdc 22 vdc 35 vdc 42 vdc pull in voltage (max @+125 o c) 3.8 vdc 5.6 vdc 7.6 vdc 11.2 vdc 18.0 vdc 22.8 vdc pull in voltage (max) 2.7 vdc 4.2 vdc 5.4 vdc 8.4 vdc 13.5 vdc 17. 1 vdc drop out voltage (min) 0.3 vdc 0.4 vdc 0.6 vdc 0.8 vdc 1.5 vdc 1.9 vdc coil resistance 10% @ 25 o c 28 ohms 73 ohms 115 ohms 280 ohms 720 ohms 1040 ohms relay type nominal coil resistance terminal style mounting type nominal coil voltage br150 - 720 c 2 - 26v ? unless otherwise sp ecified, all tests made at nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, terminals styles and mounting types, consult the factory. ? unless otherwise specified, tolerances on decimal dimensions are .010". ? specifications contained herein are subject to change without notice. numbers for reference only schematic coil data: schematic terminal vie w w terminal styles general notes mounting codes 1 2 downloaded from: http:///
br150 - 03 / 0 4 .15 microsemi corporate headquarters one enterprise, aliso viejo, ca 92656 usa within the usa : +1 (800) 713-4113 outside the usa : +1 (949) 380-6100 sales : +1 (949) 380-6136 fax : +1 (949) 215-4996 e-mail: sales.support@microsemi.com microsemi corporation (nasdaq: mscc) offers a comprehensive portfolio of semiconductor and system solutions for comm unications, defense & securi ty, aerospace and industrial markets. products include high-performance and radiation-hardened analog mixed-signal integrated circuits, fpgas, socs and asi cs; power management products; timing and synchronization devices and precise time soluti ons, setting the worlds standard for time; voice processing devices; rf solutions; discrete components; security technologies and scalable anti-tamper products; power-over-ethernet ic s and midspans; as well as custom design capabilities and services. microsemi is head quartered in aliso viejo, calif., and has approximately 3,400 employees globally. learn more at www.microsemi.com . ? 201 5 microsemi corporation. all rights reserved. microsemi and the microsemi logo are trademarks of microsemi corporation. all other trademarks and service marks are the property of their respective owners. microsemi makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its products and services for any particular purpose, nor does microsemi assume any liability whatsoever arising out of the application or use of any product or circuit. the products sold hereunder and any other products sold by microsem i have been subject to li mited testing and should not be used in conjunction with missi on-critical equipment or applications. any performance specifications are believed to be reliable but are not verified, and buyer must conduct and complete all performance and other testing of the products, alone and together with, or installed in, any end-products. buyer shall not rely on any data and performance specifications or para meters provided by micr osemi. it is the buyer's responsibility to independently determine suitability of any products and to test and verify the same. the information provided by microsemi hereunder is provi ded "as is, where is" and with all faults, and the entire risk associated with such information is entirely with the buyer. microsemi does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other ip rights, whether with regard to such information itself or anything described by such in formation. information provided in this document is proprietary to microsemi, and microsemi reserves the ri ght to make any changes to the information in this document or to any products and services at any time without notice. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BR150-73XX-9V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X