Part Number Hot Search : 
SB1630C 1H330 CGL3K 1344A MCSO1V HA16103 180N75 CGL3K
Product Description
Full Text Search
 

To Download AIIS-DIO32-00A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aiis-3400p (poe) aiis-3400u (usb 3.0) compact vision system, supports intel ? 6th generation core i cpu, 4-ch camera interface for gige poe or usb 3.0 specifcations processor system cpu i7-6700 i7-6700te i5-6500 i5-6500te i3-6100 i3-6100te g4400 g4400te g3900 g3900te core 4 4 4 4 2 2 2 2 2 2 base frequency 3.4 ghz 2.4 ghz 3.2 ghz 2.3 ghz 3.7 ghz 2.7 ghz 3.3 ghz 2.9 ghz 2.8 ghz 2.6 ghz l3 cache 8 mb 8 mb 6 mb 6 mb 4 mb 4 mb 3 mb 3 mb 2 mb 2 mb chipset h110 bios ami 128mb spi flash memory technology dual channel ddr4 1866/2133 mhz (non-ecc) max. capacity 32 gb (16 gb per dimm) socket 260-pin so-dimm x 2 graphics chipset integrated integrated intel hd graphics ethernet interface 10/100/1000 mbps controller lan1: intel i219lm, lan2: intel i210at (both support wake on lan) camera interface poe (aiis-3400p) controller ch1 ~ ch4: intel i210 compliant ieee 802.3af power output 15w per channel / 30w for 1 & 2 channel (note: selected by bios) camera interface usb 3.0 (aiis-3400u) controller ch1 ~ ch4: pd720202 compliant usb 3.0 power output 4.5w per channel storage internal 2.5" hdd bay 1 (max. 9.5 mm height) cfast 1 front i/o display vga + dvi-d usb 4 usb3.0 serial 2 (rs-232/422/485, via bios setting ; rs-485 support auto-fow control) isolated dio (default) 4 di and 4 do channels isolated dio (optional) aiis-e730-ae (16-ch di, 16-ch do) high output driving capacity (500 ma max./channel) interrupt capable for all 16 di channel supports 3~30 v dc isolated input channel dry/wet contact support high-voltage isolation on output channels (2,500 v dc ) internal connector usb 1 usb 2.0 connector watchdog timer output system reset interval programmable 1 ~ 255 sec/min power requirement power type atx/at power input voltage 19 v dc ~ 24 v dc ( 10%) minimum power input dc 19-24v @ 8-6.3a power adapter ac to dc, dc24v/9.16a, 220w (optional) cooling system fan 1 (6cm / 27.7 cfm) miscellaneous led indicators power, hdd, temperature control power on/off switch environment operating non-operating temperature 0 ~ 45 c (32 ~ 113 f)* -40 ~ 70 c (-40 ~ 158 f) humidity 10 ~ 95% @ 40 c, non-condensing 10 ~ 95% @ 60 c, non-condensing vibration 0.5grms, random, 5~500hz, 3 axes, 1 hr/axis 2g, sine wave, 5~500hz, 3 axes, 1 hr/axis shock 10g, half sine wave, 11 ms duration physical characteristics dimension (w x h x d) 230 x 70 x 175 mm (9.06" x 2.76" x 6.89") weight 1.8 kg (3.97 lb) (w/o cpu cooler) * depend on cpu ? intel ? 6th generation core i cpu (lga1151) ? aiis-3400p: 4-ch gbe poe (power over ethernet) C powered device auto detection and classifcation C ieee 802.3af compliant, supports ieee 1588 C compatible with gige cameras ? aiis-3400u: 4-ch usb 3.0 with dedicated controller C maximize the usb3.0 bandwidth for multi-cameras C compatible with usb 3.0 cameras ? compact & thoughtful design C volume less than 3 liter C isolated digital i/o C internal usb 2.0 connector aiis-3400p aiis-3400u all product specifications are subject to change without notice. last updated: 4-oct-2016 intelligent inspection systems features
optional accessories part number description 98r2124000e din-rail bracket 96psa-a220w24p4-1 220watt dc24 adapter 1702002600 power cord 3-pin ul/csa (usa) 125 v 10a 1.83 m 180d 1700022940-01 power cord pse 7a 125 v 3p 3 m dac-st01 1702002605 power cord 2p (france) 10a/16a 220 v 1.83 m 90d 1700023217-01 8-ch dio cable for wiring board adam-3925-ae 8-ch dio db-25 wiring terminal, din-rail mount AIIS-DIO32-00A1E isolated dio module, 32-ch, 9-pin usb interface aiis-e730-ae isolated dio module, 32-ch, mio with pciex1 interface pcl-10137-1e 32-ch dio cable 1m for wiring terminal adam-3937-be 32-ch dio db-37 wiring terminal, din-rail mount note: if there is no 19~24v dc source in your facility, this adapter is required to power on the system dimensions unit: mm [inch] aiis-3400p (poe) aiis-3400u (usb 3.0) packing list items part number quantity bare system aiis-3400 1 startup manual (en/cn) 2001340000 1 startup manual (tc) 2001340010 1 driver cd 2061340000 1 wallmount bracket 1960014487t006 2 rubber foot 1990006571s000 4 cpu cooler 1960060620n001 1 4-pin phoenix dc power connector 1652003234 1 2-pin phoenix dc power connector 1652002205 1 front view ordering information part number camera interface display usb 3.0 isolated dio com 232/422/485 aiis-3400p-00a1e 4-ch gige poe vga+dvi-d 4 8-ch 2 aiis-3400u-00a1e 4-ch usb 3.0 vga+dvi-d 4 8-ch 2 aiis-3400p aiis-3400u 70.30 [2.77] 175.40 [6.91] 230 [9.06] 67 [2.64] 32-ch isolated dio (optional module aiis-e730-ae) 32-ch isolated dio (optional module aiis-e730-ae) dvi dvi lan 1 & 2 lan 1 & 2 audio jack audio jack 4-ch poe 4-ch usb3.0 (dedicated controller) power button power button 4 usb3.0 4 usb3.0 8-ch isolated dio 8-ch isolated dio com2 com2 com1 com1 19v~24v dc input 19v~24v dc input vga vga www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of AIIS-DIO32-00A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X