Part Number Hot Search : 
ADV7311 ST380C APE1516 SZ5251B 2SK603 MR1122R MTR2815 P4SMA480
Product Description
Full Text Search
 

To Download 99782716 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  24 x 48 hour counters chm24 part number 99782716 ?vac?: capacity 100,000 hrs (99,999.99 hrs) ?vdc?: capacity 1,000,000 hrs (999,999.99 hrs) ?operation indicator ?panel mounted ?ip65 (with accessory 26546847) ?highly resistant to shocks and impacts ?compact size ?excellent visibility due to the large digit size ? ? part numbers specifications accessories ? type operating frequency (hz) voltages 99782716 chm24 60 187? 264? vac general characteristics counting capacity vac?: 99,999.99 vdc?: 999,999.99 reset to zero not included read accuracy 1/100 h height digits (mm) 4 colour of hour numbers white on a black background colour of decimal digits red on a black background accuracy vac?: frequency + 30 ms vdc?: < 0.003?% (24 hrs) counting input mode addition operation indicator vac?: rotating red lines/dc?: 1/100 hr 1 digit in 36 s protection rating ip52 or ip65 with accessory (26546847) mounting position any temperature limits use (c) - 10? +50 temperature limits stored (c) - 40? +80 certifications ce - ul (pending) connections (panel mounted version) screw terminals - 6.35 mm faston connectors tightening torque (nm) 0,8 connection capacity 2,5 mm 2 consumption vdc? :? 10? 30? approx.? 500? mw/100? 130? approx.? 750? mw/ vac? 50? hz? :? 20? 30? approx.? 0.3? va/100? 130? approx.? 0.6? va/187? 264? approx.? 1.2? va vibration resistance 50 m/s 2 (10 - 500?hz) iec 68 - 2 - 6 test voltage for ac models 2?000 vac 50?hz weight (g) 50 description code set of seals 26546847 adaptor for 50 x 25 mm cut - out - fixed with screws 26546843 adaptor for 50 x 25 mm cut - out - fixed with clips 26546844 dimensions (mm) chm24 unless otherwise specified, the characteristics given are applicable to all or part of the product range selected 02/11/2015 www.crouzet.com
dimensions (mm) panel cut - out dimensions (mm) 26546843 - adaptor for cut - out dimensions (mm) 26546844 - adaptor for cut - out unless otherwise specified, the characteristics given are applicable to all or part of the product range selected 02/11/2015 www.crouzet.com
unless otherwise specified, the characteristics given are applicable to all or part of the product range selected 02/11/2015 www.crouzet.com


▲Up To Search▲   

 
Price & Availability of 99782716

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X