Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download 3SMAJ5913B-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings @ 25 o c unless otherwise specified steady state power dissipation p d 3.0w operation and storage temperature t j , t stg -55 o c to +150 o c 2. forward current @ 200ma. 3. mounted on 5.0mm2 (1oz thick) iand areas. lead temperature at t l =75 3sma j5913 b www. mccsemi .com do-214ac (sma ) (lead frame) 3.0 watt surface mount silicon z ener diodes maximum forward voltage (note: 3) 1 of 4 v f 1.5v(note: 2) 0.070" 0.090" 0.085" suggested solder pad layout  dimensions inches mm dim min max min max note a .079 .096 2.00 2.44 b .050 .064 1.27 1.63 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 f .065 .091 1.65 2.32 g .189 .220 4.80 5.59 h .157 .181 4.00 4.60 j .090 .115 2.25 2.92 h j e f g a b d c 3sma j5913 b thruthru 3sm3smaaj59j5917b resistance r thjl 25/w thermal junction to lead revision: a 2018/01/01 mechanical data features note: 1. high temperature solder exemptions applied, see eu directive annex 7. o c epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 terminals solderable per mil-std-750, method 2026 polarity is indicated by cathode band. packaging: standard 12mm tape (see eia 481) maximum temperature for soldering: 260 o c for 10 seconds. surface mount application ? 3.3thru 4.7 volt voltage range ? low inductance, low profile mounting ? glasss passivated junction ? high specified maximum current(izm)when adequately heat sinking ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) ? halogen free available upon request by adding suffix "-hf" thermal junction to ambient resistance r thja 135/w lead temperature at t a =15 o c micro commercial components m c c r micro com mercial components 20736 marilla street chatsworth ca 91311 phone:(818) 701-4933 fax: (818) 701-4939
note 1: tolerance and vol t age design a tion - the type numbers listed indicate a toler ance of +/- 5%. electrical characteristics (t l =30cunless otherwise noted) (v f =1.5volts max @ i f =200madc for all types.) 2 of 4 www. mccsemi .com revision: a 201 8/01/01 zener voltage v z (1) test current i zt maximum dynamic impedance z zt @i zt knee current i zk knee impedance z zk maximum reverse current i r reverse voltage v r maximum dc zener current i zm volts ma ohms ma ohms a volts ma 3smaj5913b 3.3 113.6 10 1 500 100 1 908 h13b 3smaj5914b 3.6 104.2 9 1 500 75 1 832 h14b 3smaj5915b 3.9 96.1 7.5 1 500 25 1 768 h15b 3smaj5916b 4.3 87.2 6 1 500 5 1 696 h16b 3smaj5917b 4.7 79.8 5 1 500 5 1.5 638 h17b mcc part number device marking micro commercial components m c c r
1k 500 200 100 50 20 10 5 2 1 0.5 1 2 5 10 20 50 100 200 500 vz = 150v 91v 62v 22v 12v 6.8v tj - 25 c iz(ms) = 0.1 iz(dc) iz, zener test current ( ma ) 200 100 70 50 30 20 10 7 5 3 2 5 7 10 20 30 50 70 100 iz (dc ) =1ma 10ma 20ma iz (ms) = 0.1 iz (dc) vz, zener voltage ( volts ) 1k 500 300 200 100 50 30 20 10 .1 .2.3 5 1 2 3 5 10 20 50 100 rectangular nonrepetitive waveform tj = 25 c prior to initial pulse pw , pulse width (ms ) zz, dynamic impedance (ohms) ppk, peak surge power (watts) zz, dynamic impedance (ohms) www. mccsemi .com 3 of 4 revision: a 201 8/01/01 rating and characteristics curves 2.5 2 1.5 1 0.5 0 20 40 60 80 100 120 140 150 180 tl,leadtemperature ( c ) 8 6 4 2 0 -2 -4 3 4 6 8 10 12 vz@izt vz, zener voltage ( volts ) pd, maximum pow er dissipation (watts) vz, temperature coefficient(mv/ c ) 3 tl t a ta, ambient temperature (c) micro commercial components m c c r f ig. 1 - s teady s tate p o wer derating f ig. 2 - zener v oltage- 5.1 to 12 volts fig. 5-effect of zener voltage f i g. 7- p uls e ra ting curve fig. 6-effect of zener current
www. mccsemi .com 4 of 4 revision: a 201 8/01/01 3 d e vic e packi n g part number-tp tape&reel: 7.5kpcs/r eel ordering information : ***important no tice*** micr o commercia l components corp. rese rve s the right to make changes without furt her notice to any prod uct herein to make c orrections, modif icat ions , enhancements , i mpr ove ments , or oth er changes . micr o commerci al components co rp . do es not assume any liabilit y a rising out of the application or u se of any product de scribed herein; neither does it convey any lic ense under its patent rights ,no r the ri ghts of oth ers . the u ser of products in s uch applications shall assum e all risks of su ch use and will agree to hold micr o co mmerc ia l componen ts cor p . and all the comp anies w hose produc ts are represented on our website, harmles s again st all dam age s. ***life support*** mcc's products are not authorized f or us e as critical components in l ife suppor t de vice s or s ystems with out the express written approval of micro co mmerc ial compone nts corporatio n. ***customer awareness*** count erf ei ting o f semi conductor parts is a growi ng problem in the industry. micro commerci al com ponents (mcc) is taking strong measures to p rotec t ourselves and our customers from th e proliferat ion of co unterfeit pa rts. mcc strongly enc ou rages custome rs to purc has e mcc par ts eithe r directly from mcc or from au thorized mcc dis tributors who a re listed by coun try on ou r web page ci ted below. products customers b uy either from mcc dir ectly or from authorized mcc distributors are genuine parts, have ful l tra ceability, meet mcc's quality standards for hand ling an d storag e. mcc will not provide any warranty co v erage or other assistan ce for parts bought fro m unauthorized sources. m cc is committed to combat th is g loba l problem and encourage our customer s to do the ir part in s topping thi s practice by buying direct or from author ized distribut ors. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf micro commercial components m c c r


▲Up To Search▲   

 
Price & Availability of 3SMAJ5913B-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X