Part Number Hot Search : 
MBR3035 TS522I AUIRF 035150 D1B1200 E100N20 PA3202 DBLS206G
Product Description
Full Text Search
 

To Download 2SC1116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC1116 description ? with to-3 package ? wide area of safe operation applications ? for audio and general purpose applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 180 v v ceo collector-emitter voltage open base 120 v v ebo emitter-base voltage open collector 6 v i c collector current 10 a p c collector power dissipation t c =25 ?? 100 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC1116 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =25ma ;i b =0 120 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 180 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 6 v v cesat collector-emitter saturation voltage i c =5a; i b =0.5a 2.0 v i cbo collector cut-off current v cb =180v; i e =0 0.1 ma i ebo emitter cut-off current v eb =5v; i c =0 0.1 ma h fe dc current gain i c =3a ; v ce =4v 50 f t transition frequency i c =1a ; v ce =12v 10 mhz
inchange semiconductor product specification 3 silicon npn power transistors 2SC1116 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SC1116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X