( 5 : 1 ) a aa a a aa a b bb b b bb b c cc c c cc c d dd d d dd d e ee e e ee e f ff f f ff f a aa a a aa a b bb b b bb b c cc c c cc c d dd d d dd d 163 o 19089x conec abc p.c.b. edge dim. in mm r rr r date drawn t h i s d r a w i n g m a y n o t b e c o p i e d o r r e p r o d u c e d i n a n y w a y , a n d m a y n o t b e p a s s e d o n t o a t h i r d p a r t y w i t h o u t w r i t t e n p e r m i s s i o n . o w n e r s h i p a n d c o p y r i g h t o f c o n e c g m b h d-old norm appd. tolerance material: title: dwg no: din- sh: part no: name date name description rev. d o n o t a l t e r c a d d r a w i n g b y h a n d scale: 16k1a2731 a3 1 d-sub male 90 see notes schmidt 29.11.10 29.11.10 fischer 9pos. solder pin angled 0.590inch threaded insert, plastic bracket, fixing plate 2:1 (5:1) 163 19089x a original 3 x b ?5129 12.03.2014 k.h. 30,88 - 0,45 0,31 + 1 2 , 6 - 0 , 4 3 0 , 3 3 + 0 , 9 6 - 0 , 1 8 0 , 1 2 + 8,26 - 0,03 0,22 + 16,84 - 0,05 0,2 + fixing-plate see note 8 notes: 1. metalshells: steel; min. 315in tin over 40-80 in nickel 2. insulators: pbt gf ul 94 v-0; black 3. contacts: copper alloy; plating (see part no.) : o please add a for gold flash over nickel o please add b for 20in hard gold over min. 50in n ickel o please add c for 30in hard gold over min. 50in n ickel 4. plastic brackets: pbt gf ul 94 v-0; black 5. threaded inserts: copper alloy; min. 200in ti n over 80in nickel 6. fixing-plate: pbt gf ul 94 v-0; black 7. maximum torque value for thread: 6 in.lb 8. connector is part marked: 163 o 19089x conec abc 24,99 - 0,12 0,13 + 7 , 1 ` 0 , 2 1 5 , 5 ` 0 , 2 1 9 , 5 ` 0 , 2 2 0 , 4 4-40 unc 3,23 - 0,28 0,32 + 6,3 ` 0,3 3 , 3 - 0 0 , 1 + n ( 4 x ) p.c.b. hole drillings (p.c.b. top side) 3,1 ` 0,1 n (4x) 1 1 - 0 0,1 + n (9x) 8 24,99 - 0,12 0,13 + 1 6 , 4 1 5 , 0 5 ` 0 , 1 2 , 8 4 ` 0 , 1 1,37 ` 0,1 4,11 ` 0,1 5,49 ` 0,1 2,74 ` 0,1 1 0 0,6 n ` 0,05 (9x) 1 4 , 1 5 - 0 , 2 6 0 , 3 4 + 1 6 , 9 9 - 0 , 2 6 0 , 3 4 + directive 2002/95/ec rohs compliant b b b o (see note 3)
|