Part Number Hot Search : 
133AX 10D20 2SC2371 MPC603 M18SP6RQ LX550 C4064G 1008F
Product Description
Full Text Search
 

To Download XKUO-A56-A072-V126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dvp-7016he 1-ch full hd h.264 minipcie video capture card with sdk ? 1 channel hdmi/dvi-d/dvi-a/ypbpr channel video inputs with h.264 software compression ? 30/25 fps (ntsc/pal) at up to full hd resolution for recording and display ? mini pcie x1 (gen2) host interface ? windows/linux os supported introduction dvp-7016he is a mini pcie-bus, software compression video capture card with 1 video and 1 audio inputs. dvp-7016he supports h.264 compression format at up to full hd resolution at real-time frame rate (30/25fps). with an easy-to-use software development kit (sdk), dvp-7016he is an ideal solution for various video capture applications. specifcations video video standard ntsc/pal video input 1 x hdmi/dvi-d/dvi-a/ypbpr compression s/w h.264 max. resolution / fps 1920 x 1080 @ 60/50 fps (input) 1920 x 1080 @ 30/25 fps (output) raw data format yv12/nv12/yuy2/rgb24/rgb32 audio audio input hdmi embedded audio/ audio l/r format stereo / 16-bit / 32000 ~ 48000hz system requirements cpu (display) intel ? core? 2 duo e2200 2.2 ghz cpu (recording) intel ? core? 2 quad q9400 2.6 ghz memory 2 gb vga 1024 x 768, directx 9.0c operating system windows xp/xpe/vista/7/8/8.1/10; linux 2.6.14 or higher; 32/64 bits physical characteristics host interface mini pcie x1 (gen 2) operating temperature -20 ~ 70 c (-4 ~ 158 f) storage temperature -40 ~ 85 c (-40 ~ 185 f) dimensions 30 x 51 mm certifcation ce/fcc versatile sdk support (for windows only) advantech provides a software development kit (sdk), a set of development tools that allows a software engineer to integrate video capture modules into different types of system. functions include video recording, playback and instant preview. ? software library ? sdk manual ? sample program new last updated : 4-may-2016 all product specifications are subject to change without notice. intelligent video platforms features
connection diagram pin defnition dvp-7016he card dimensions ordering information part number description dvp-7016he 1-ch full hd h.264 minipcie video capture card with sdk xmse1-mc-hdv-cb hdmi/vga cable (optional) XKUO-A56-A072-V126 hdmi/vga cable (optional) unit: mm connector dimensions unit: mm 47.75 mm height: 5mm 30.00 mm video audio poles part no. dimensions (mm) a b c d 20 wr-m20s10 9.00 10.50 12.30 10.70 30 wr-m30s10 14.00 15.50 17.30 15.70 40 wr-m40s10 19.00 20.50 22.30 20.70 50 wr-m50s10 24.00 25.50 27.30 25.70 poles dimensions (mm) a b c d 2 1.25 4.25 3.05 7.10 3 2.50 5.50 4.30 8.35 4 3.75 6.75 5.55 9.60 5 5.00 8.00 6.80 10.85 6 6.25 9.25 8.05 12.10 7 7.50 10.50 9.30 13.35 8 8.75 11.75 10.55 14.60 poles dimensions (mm) a b c d 9 10.00 13.00 11.80 15.85 10 11.25 14.25 13.05 17.10 11 12.50 15.50 14.30 18.35 12 13.75 16.75 15.55 19.60 13 15.00 18.00 16.80 20.85 14 16.25 19.25 18.05 22.10 15 17.50 20.50 19.30 23.35 www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of XKUO-A56-A072-V126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X