Part Number Hot Search : 
74LVC2G ARL754 LC2272 5TRPBF PSA3195C ADA400 SB106 2SJ164
Product Description
Full Text Search
 

To Download STEVAL-ISV013V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data brief for further information contact your local stmicroelectronics sales office. september 2011 doc id 022189 rev 1 1/5 5 STEVAL-ISV013V1 250 w dc-dc solar module demonstration board for distributed photovoltaic architecture features input voltage range from 10 v to 45 v output voltage range from 350 v to 430 v digital control section managed by the stm32 several i/o connectors to be connected to the photovoltaic panel (input side) and the inverter (output side) ready to be connected to a plm or zigbee ? external module for communication possibility to meter and monitor the status of the panel fire and anti-theft protections rohs compliant description the STEVAL-ISV013V1 demonstration board is a fully integrated module designed for a smart junction box in distributed photovoltaic architecture. the module represents an easy-to- use, fully-protected solution to implement precise photovoltaic panel control, diagnostics and protection. the STEVAL-ISV013V1 demonstration board is the base element for a new photovoltaic panel configuration able to increase the panel energy produced and to simplify the photovoltaic field design and implementation. furthermore, the maintenance cost will be re duced as the device is able to monitor the status of the individual panels and to communicate these data to a remote control unit. the STEVAL-ISV013V1 demonstration board uses an isolated converter, which is the input of the panel output. this voltage is stepped up to the voltage defined by the inverter, needed to create a sinusoidal output with a magnitude big enough to transfer energy to the grid. the module features an embedded mppt (maximum power point tracking) algorithm based on the ?perturb and observe? (p&o) technique to search for the best operating point of the panel in order to maximize the energy produced in every environmental condition. the module is internally protected from a surge or lightning reaching the connection wires. the STEVAL-ISV013V1 demonstration board includes a plm or zigbee ? module for communication. the plm is supported by a proprietary protocol stack for networking. a gateway to rs485 in modbus is available. the unit is designed to operate in a harsh environment, offering a high level of protection and very high reliability. the zigbee ? module is based on system-on-chip (soc) technology, integr ating both ieee 802.15.4 radio transceiver and co mputing capabilities and is designed to run a fully compliant zigbee ? pro network protocol stack. STEVAL-ISV013V1 STEVAL-ISV013V1 www.st.com
schematic circuit STEVAL-ISV013V1 2/5 doc id 022189 rev 1 1 schematic circuit figure 1. isolated full-bridge boost converter 0603/0805 d31 spv1001d40 d32 spv1001d40 c1 0.22u 630v 1 j1+ smb 1 j-spare1 1 j-spare2 4,5,6 1 j1- vout+_ext d18 n.m. 7,8,9 voltag e max 3.3v c4 2.2u 250v c2 2.2u 250v c82 10n 630v 1206 l6 10uh r116 0 ohm source1 1210 c3 22u 100v f1 fuse 1206 1,2,3,5,6,7 8,9,10,12,13,14 10,11,12 1,2,3 r2 7.5m 1% l5 n.m. r3 7.5m 1% r5 51k 1% i_sens_pv+ d2pak d2pak l1 80uh, 8a q3 sth180n10f3-2 q1 sth180n10f3-2 q4 sth180n10f3-2 q2 sth180n10f3-2 tr1 d1 stth12r06g d3 stth12r06g 6.3x6.3 1 2 j2 con2 gate 3 9x26.5 p.22.5 gate 2 gate 1 gate 4 vin_sens_pv h2pak h2pak h2pak vol tag e max 50v h2pak voltag e max 50v 1206 vbus_sens 0603 1206 out2 out1 vinput voltag e max 205v to gnd vout+ d8 n.m. d2 smbj70ca r1 150k 1% r4 4.7k 1% source2 vout- i_sens_pv- 0805/smb d30 spv1001d40 r6 3m ohm am10164v1
STEVAL-ISV013V1 schematic circuit doc id 022189 rev 1 3/5 figure 2. auxiliary power supply r8 5.1m 6x6? c80 n.m. c33 ? r52 18k d19 ts821 r15 5.1m sod123/323 r9 910k r112 300k sod123/323 c81 n.m. 1206 1206 r113 10k gnd c35 ? r55 560k r48 22k ic14 ts432 r51 1.8m gnd 1206 2220/1210 630v smb n.m. 1206 1206 gnd c31 100n c32 ? c34 ? 1206 r19 150k r11 5.1m c9 ? d5 smaj70 gnd vout+ c14 ? r17 1m r12 1.5m vinput r27 300k r16 1.5m c16 33u 100v d7 ts821 c5 ? c11 ? 100v d12 stth1r06a gnd q5 stn1hnk60 r13 5.1m 3 4 1 2 5 + - ic1a ts7221 r23 51k d9 stth3l06u 1206 c15 ? l3 1mh c13 10n r14 910k d11 1n4148 r24 620k 1% r20 2.7m 1206 q6 mmbta42 1206 c6 10n r36 3.3k r35 24k 1% r34 120k 1% c18 100n c23 10n 1206 1206 1206 gnd gnd 1206 1206 r49 240k r26 62 ohm r25 62 ohm c30 ? c10 470p 1206 250v q8 std20nf20 c22 10n r32 10k comp 1 vfb 2 isense 3 rt/ct 4 gnd 5 out 6 vi 7 vref 8 ic2 uc3843b c24 100n gnd 2 input 1 output 3 ic4 ld2981abu33tr c20 10u 16v r39 220 ohm r40 220 ohm c12 22u 1206 c26 470p 25v c19 10u 16v c25 47u 63v 250v 100v d14 bat48 d15 bat48 d16 n.m (sma) 3.3v r43 0.22 ohm r38 10 ohm d13 stps1l60 1210 q7 mmbta42 0805 1 2 jp1 3.3v gnd 1 2 jp2 ic13 ts432 q9 bc847 r41 330k r37 27k c17 2.2u r44 n.m. c27 33p r42 470k q10 bc847 r45 470k d17 1n4148 c8 10u c29 4.7n c28 33p 25v r29 750 ohm r18 1k r30 10k 1206 1206 r28 750 ohm 1206 r33 100k c21 10n l2 22uh tr 2 4 1206 5 2 1 . 3 tr 2 6 d4 stps2h100 d10 5.1v vcc r21 n.m. r31 1.5k 1% 5v d33 sma/smb 12x12 sod123/323 1206 250v r10 1.5m l7 n.m. r114 n.m. 1206 1206 1206 r22 n.m. 1206 r115 0 ohm 1206 smb/sma 0805/0603 1210 sma 1206/0805 r47 110k 1% 1206/0805 0805/0603 6.3x6.3 vinput diam 8 e 10 1206/0805 sot89 r50 220k r54 470k q11 bc847 0805/1206 diam 8 e 12.5 dpak 1206 0805/0603 c7 100p r53 18k 3 4 1 5 2 + - ic3a ts7211 gnd d6 n.m. r7 1.5m r46 110k 1% 1206 2220/1210 0805 sma 1206 am10165v1
revision history STEVAL-ISV013V1 4/5 doc id 022189 rev 1 2 revision history table 1. document revision history date revision changes 07-sep-2011 1 initial release.
STEVAL-ISV013V1 doc id 022189 rev 1 5/5 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STEVAL-ISV013V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X