Part Number Hot Search : 
SS4036G B240010 Q68000 EPA3578 MIC809S VSC7924 15N50C1 FH601S
Product Description
Full Text Search
 

To Download SS1C240000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date: 06/10/11 ' no. 50r06009 cosmo electronics corporation reed relay SS1C240000 sheet 1 of 2 rev. 2 1. outside dimension : unit ( mm ) 2. schematic : top view tolerance : 0.1mm 24.13 kuan hsi SS1C240000 5.08 2.54 10.16 0.5 7.0 7.0 0.4 3.0 0.25 2.54
product specification date: 06/10/11 ' no. 50r06009 cosmo electronics corporation reed relay SS1C240000 sheet 2 of 2 rev. 2 3.0 coil ratings (at 20 ) 3.1 coil resistance 2000 ? (10 ) 3.2 nominal coil voltage 24 vdc 3.3 maximum continuous voltage 28 vdc 3.4 must operate 18 vdc 3.5 must release 2.4 vdc 3.6 rated current 12 ma 4.0 electronical characteristics 4.1 contact resistance 150 m ? (max) 4.2 operate time 1.0 ms (max) 4.3 bounce time 2.0 ms (max) 4.4 release time 1.0 ms (max) 4.5 insulation resistance (100 vdc open contact) 10 9 ? (min) 4.6 power 3 va (max) 4.7 switching voltage 100 vdc (max) 4.8 switching current 0.25 a (max) 4.9 carry current 0.5 a (max) 4.10 breakdown voltage (across open contact) 200 vdc (min) (between coil & contact) 1000 vdc (min) 4.11 life expectancy (signal level) 5x10 7 4.12 operating temp -40 to 85 4.13 storage temp -50 to 125 4.14 resonant frequency 3.5 khz 4.15 vibration (10-2000hz) 20 g (max) 4.16 minimum permissible load 100 mvdc 10ua


▲Up To Search▲   

 
Price & Availability of SS1C240000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X