Part Number Hot Search : 
P18CA SMBJ22A PRS28G MAX2335 43000 MAZ8110 87871 UN212Y
Product Description
Full Text Search
 

To Download SM6S20CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount automotive transient volage suppressor power: 4600wa t t s voltage range: 10 - 36v 260c for 10 seconds at terminals sm6s10a(ca) - sm6s36a(ca) 1 of 3 maximum ratings and thermal characteristics (t c = 25? unless otherwise noted) peak pulse power dissipation with 10/1000 s waveform 4600 10/10,000 s waveform p ppm 3600 w steady state power dissipation p d 6.0 w peak pulse current with a 10/1000 s waveform (note 1) i ppm see table 1 a peak forward surge current, 8.3ms single half sine-wave i fsm 600 a typical thermal resistance junction to case r jc 0.95 ?/w operating junction and storage temperature range t j , t stg ?5 to +175 ? notes: (1) non-repetitive current pulse derated above t a =25? flammability classification 94v-0 resistance for maximum heat dissipation features mechanical data 0.093(2.4) 0.116(3.0) 0.059(1.5) 0.098(2.5) 0.098(2.5) 0.138(3.5) 0.366(9.3) 0.343(8.7) 0.406(10.3) 0.382(9.7) 0.342(8.7) 0.327(8.3) 0.413(10.5) 0.374(9.5) 0.539(13.7) 0.524(13.3) lead 2/metal heatsink 0.020(0.5) 0.028(0.7) 0.016 (0.4) min. 0.197(5.0) 0.185(4.7) lead 1 0.628(16.0) 0.592(15.0) do-218ab dimensions in inches and (millimeters) www.sunmate.tw ! ! ! ! plastic package has underwriters laboratory ideally suited for load dump protection ! low leakage current at tj = 175c ! high temperature soldering guaranteed: ! ! case: do-218ab mounting position: any weight: 0.091 oz., 2.58 g symbol value unit integrally molded heatsink provides a very low thermal o characteristic
sm6s30ca sm6s33ca sm6s36ca sm6s28ca sm6s26ca sm6s24ca sm6s22ca SM6S20CA sm6s18ca sm6s17ca sm6s16ca sm6s15ca sm6s14ca sm6s13ca sm6s12ca sm6s11ca sm6s10ca 2 of 3 electrical characteristics (t c = 25 c unless otherwise noted) maximum maximum max. peak maximum reverse reverse pulse clamping est current stand-off leakage leakage current voltage at v (br) i t voltage at v wm at v wm at 10/1000 si ppm (v) v wm i d tc=175 o c waveform v c min. max. (ma) (v) ( a) i d ( a) (a) (v) 11.1 13.6 5.0 10.0 15 250 245 18.8 sm6s10a 11.1 12.3 5.0 10.0 15 250 271 17.0 12.2 14.9 5.0 11.0 10 150 229 20.1 sm6s11a 12.2 13.5 5.0 11.0 10 150 253 18.2 13.3 16.3 5.0 12.0 10 150 209 22.0 sm6s12a 13.3 14.7 5.0 12.0 10 150 231 19.9 14.4 17.6 5.0 13.0 10 150 193 23.8 sm6s13a 14.4 15.9 5.0 13.0 10 150 214 21.5 15.6 19.1 5.0 14.0 10 150 178 25.8 sm6s14a 15.6 17.2 5.0 14.0 10 150 198 23.2 16.7 20.4 5.0 15.0 10 150 171 26.9 sm6s15a 16.7 18.5 5.0 15.0 10 150 189 24.4 17.8 21.8 5.0 16.0 10 150 160 28.8 sm6s16a 17.8 19.7 5.0 16.0 10 150 177 26.0 18.9 23.1 5.0 17.0 10 150 151 30.5 sm6s17a 18.9 20.9 5.0 17.0 10 150 167 27.6 20.0 24.4 5.0 18.0 10 150 143 32.2 sm6s18a 20.0 22.1 5.0 18.0 10 150 158 29.2 22.2 27.1 5.0 20.0 10 150 128 35.8 sm6s20a 22.2 24.5 5.0 20.0 10 150 142 32.4 24.4 29.8 5.0 22.0 10 150 117 39.4 sm6s22a 24.4 26.9 5.0 22.0 10 150 130 35.5 26.7 32.6 5.0 24.0 10 150 107 43.0 sm6s24a 26.7 29.5 5.0 24.0 10 150 118 38.9 28.9 35.3 5.0 26.0 10 150 99 46.6 sm6s26a 28.9 31.9 5.0 26.0 10 150 109 42.1 31.1 38.0 5.0 28.0 10 150 92 50.1 sm6s28a 31.1 34.4 5.0 28.0 10 150 101 45.4 33.3 40.7 5.0 30.0 10 150 86 53.5 sm6s30a 33.3 36.8 5.0 30.0 10 150 95 48.4 36.7 44.9 5.0 33.0 10 150 78 59.0 sm6s33a 36.7 40.6 5.0 33.0 10 150 86 53.3 40.0 48.9 5.0 36.0 10 150 72 64.3 sm6s36a 40.0 44.2 5.0 36.0 10 150 79 58.1 note: for all types maximum v f = 1.9v at i f = 100a measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum www.sunmate.tw type breakdown voltage t
3 of 3 power derating curve 0 2.0 4.0 6.0 8.0 0 50 100 150 200 power dissipation (w) reverse surge power (w) pulse width (ms) 1/2 i pp exponential waveform 1,000 10,000 10 100 case temperature ( c) 0 50 100 150 0 10 20 30 40 input peak pulse current % time, ms (t) pulse waveform reverse power capability t a = 25 c pulse width (t d ) is defined as the point where the peak current decays to 50% of i pp t d t r = 10 s peak value i pp half value i pp 2 load dump power characteristics (10ms exponential waveform) 0 2,000 1,000 3,000 4,000 5,000 6,000 25 50 75 100 125 150 175 load dump power (w) case temperature ( c) www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of SM6S20CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X