Part Number Hot Search : 
BTA106 SDR522CT SCL4047B IR2E51Y 74LVT1 GS711 30410 AKA0600S
Product Description
Full Text Search
 

To Download S3144EUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s3144 unipolar hall - effect digital switch 1 v 3.1 0 nov 1 , 20 1 3 f eat u r es a n d b e n ef i ts ? 4.5v to 24v operation ? - 40 c to 150 c superior temperature operation ? bipolar t e c hno l ogy ? open - collector 25 ma output ? reverse battery protection ? small size sot 23 3l or sip 3l ? solid - state reliability ? resistant to physical stress ? activa te with small, commer cially available permanent magnets application examples ? a uto m ot i ve, c on s um er and indu s t ri al ? s o l i d - s ta t e s w i t c h ? b r u s h l e s s dc m otor c omm uta t i on ? s pe ed d ete c t i on ? l i n ear p os i t i on dete c t i on ? a ngul ar pos i t i on d ete c t i on ? p r o xi m i t y d e te c t i on 3 pin sot23 (suffix so) 3 pin sip (suffix ua) v dd out voltage regulatr chopper hall plate gnd sip package sot package pin 1 ? v dd pin 1 ? v dd pin 2 ? gnd pin 2 ? out pin 3 ? out pin 3 ? gnd f unctional block diagram
s3144 unipolar hall - effect digital switch 2 v 3.1 0 nov 1 , 20 1 3 general descri p tion s the s3144 is a uni polar hall - e ffect sensor ic fabr i ca t- ed from bipolar technology. the de v i c e i n teg r a t es a vo l t a g e r e gu l ato r , revers e battery protection diode, h a l l s en s or w i th d y na m i c of f s et c an c e l l a t i on s y s te m , temperature compensation circuitry, small signal a m- plifier, s c hm i tt t r i gger and a n open - collector out put to sink up to 25 ma. with suitable output pull up, they can be used wi th bipolar or cmos logic circuits. these hall - effect switches are monolithic integrated circuits with tighter magnetic specifications, designed to ope r ate continuously over extended temperatures to +150 c ,and are more stable with both temperature and supp ly voltage changes. the unipolar switching cha r- acteris tic makes these devices ideal for use with a si m- ple bar or rod ma g net. thanks to its wide operating voltage range and exten d- ed choice of temperature range, it is quite suitable for use in automotive, in dustrial and consumer applic a- tions. the device is delivered in a small outline transistor (sot) or in a plastic single in line ( sip 3l flat) . both 3- l ead packages are rohs compliant. glossary of terms millitesla (mt), gauss units of magnetic flux densit y: 1mt = 10 gauss rohs restriction of hazardous substances operating point ( b op ) magnetic flux density applied on the branded side of the package which turns the output driver on (v out = v dson ) release point (b rp ) magnetic flux density appli ed on the branded side of the package which turns the output driver off (v out = high)
s3144 unipolar hall - effect digital switch 3 v 3.1 0 nov 1 , 20 1 3 pin definitions and descriptions absolute maximum ratings p ar am eter s y m b o l v al ue un i ts s upply v oltage v dd 28 v s upply cu rr ent i dd 50 m a output v o ltage v o ut 28 v output cu rr ent i o ut 50 m a s to r age t e m pe r atu r e range t s - 65 to 170 c o pe r at i ng t e m pe r atu r e r a nge s y m b o l v al ue un i ts t e m pe r atu r e s uffix ? e ? t a - 40 to 85 c t e m pe r atu r e s uffix ? k ? t a - 40 to 125 c t e m pe r atu r e s uffix ? l ? t a - 40 to 150 c e xc eed i ng t he ab s o l ute m a x i m u m r at i ngs m a y c a us e pe r m anent da m age. e xpo s ur e to ab s o l ute - m a xi m u m - r ated c o ndi t i o ns f or e x- ten ded pe r i o ds m a y a ff e c t de v i c e r e l i a bi l i t y sot p i n sip pi n na m e t y pe f un c t i o n 1 1 v dd s upply s upply v oltage pin 2 3 out output open d r ain output pin 3 2 gnd g r ound g r ound pin
s3144 unipolar hall - effect digital switch 4 v 3.1 0 nov 1 , 20 1 3 general electrical specifications dc o pe r a t i ng p a r a m ete r s t a = 25c , v dd = 4. 5v to 2 4v ( un l e s s ot he r w i s e s p e c i f i ed) p ar am eter s y m b o l t e s t cond i t i ons m i n t y p max un i ts s upply v o ltage v dd ope r ating 4.5 24 v s upply cu rr ent i dd b < b rp 4 5 7 m a output s atu r ation v o ltage v d so n i o ut = 20 m a , b > b op 0.3 0.5 v output leakage cu rr ent i o ff b < b rp v o ut = 24v 0.1 10 a output rise t i m e t r r l = 820? , c l = 20pf 0.04 2.0 s output f all t i m e t f r l = 820? , c l = 20pf 0.18 2.0 s magnetic specifications dc operating parameters vdd = 4 . 5 to 24v (unless otherwise specified) package parameter symbol test conditions min typ max units ua operating point b op ta=25c,vdd=12v dc 150 170 190 g release point b rp 100 125 160 g hysteresis b hyst 45 g so operating point b op ta=25c,vdd=12v dc - 190 - 170 - 150 g release point b rp - 160 - 125 - 100 g hysteresis b hyst 45 g output behavior versus magneti c pole dc operating parameters ta = - 40c to 150 c , vdd = 4. 5 to 24v (unless otherwise specified) test conditions (ua) test conditions (so) out b < b rp b > b rp high b > b op b < b op low the sot - 23 device is reversed from the ua pack age. the sot - 23 outp ut transistor will be turned on (drops low) in the presence of a sufficiently strong nor th pole magnetic field applied to the marked face.
s3144 unipolar hall - effect digital switch 5 v 3.1 0 nov 1 , 20 1 3 application information package information package ua, 3 - pin sip: 4.0 0.01 1 2 3 1.27 2.13 1.87 1.00 1.20 45 1 1.52 0.1 3 1 0.75 0.05 3.0 0.01 0.44 0.01 0.05 0.05 1.6. 0.1 0.84(nom) 3 1 6 1 6 1 3 1 14 .5 1 active area depth: sensor location 1 2 3 notes: 1). controlling dimension : mm ; 2). le a ds must be free of flash and plating voids ; 3). do not bend leads within 1 mm of lead to package interface ; 4). pinout: pin 1 v dd pin 2 gnd pin 3 output 0.39 0.01 0.38 0.01 2.54
s3144 unipolar hall - effect digital switch 6 v 3.1 0 nov 1 , 20 1 3 package so , 3- pin sot - 23 ordering information part no. pb - free temperature code package code packing s3144 esot yes - 40c to 85c sot - 23 7- in. reel, 3000 pieces/reel s3144 eua yes - 40c to 85c to - 92 bulk, 1000 pieces/bag s3144 k sot yes - 40c t o 12 5c sot - 23 7- in. reel, 3000 pieces/reel s3144 k ua yes - 40c to 12 5c to - 92 bulk, 1000 pieces/bag s3144 lsot yes - 40c to 150c sot - 23 7- in. reel, 3000 pieces/reel s3144 lua yes - 40c to 150c to - 92 bulk, 1000 pieces/bag 2.70 3.10 1.00 1.30 0.70 0.90 0.00 0.10 0.35 0.50 0.10 0.25 0.20 m in 2.60 3. 00 1.50 1.8 0 1.70 2.10 3 2 1 top side vie end notes 1). pinout: pin 1 v dd pin 2 output pin 3 gnd 2). all dimensions are in millimeters;


▲Up To Search▲   

 
Price & Availability of S3144EUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X