Part Number Hot Search : 
GPFC250 06PBF 1206C HMC1105 045984 GPFC250 0V8X20 CNY171FM
Product Description
Full Text Search
 

To Download QPP-016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  xemod reserves the right to make changes t o this specification without further notice. before the product described here is written into specifications or used in critical applications, the performance characteristics should be verified by contacting xemod. xemod quikpac data www.xemod.com rev. b (05/09/01) page 1 of 3 qpp - 016 qpp - 016 120w, 869 - 894mhz quikpac module data class ab power stage general description: the qpp - 016 quikpac? rf power module is a class ab amplifier stage designed for use in the output stage of linear rf power amplifiers for cellular base stations. t he power transistors are fabricated using xemod?s advanced design ldmos process. this unit has a factory set, regulated and temperature compensated gate bias, eliminating the need for the user to provide adjustable gate bias voltage circuits and make indiv idual bias adjustments during stage alignment. features: single polarity operation matched for 50 w rf interfaces xemos fet technology stable performance quikpac system compatible quikclip or flange mounting standard operating conditions parameter symbol min nom max units frequency range f 869 894 mhz supply (drain) voltage v d 26.0 28.0 32.0 vd c bias (gate) voltage v g 11.0 12.0 13.0 vdc bias (gate) current, average i g 40 ma rf source & load impedance w 50 ohms load impedance for stable operation (all phases) vswr 10:1 operating baseplate temperature t op - 20 +90 oc output dev ice thermal resistance, channel to baseplate q jc 0.8 oc/w maximum ratings parameter symbol value units supply (drain) voltage v dd 35 vdc control (gate) voltage, v dd = 0 vdc v g 15 vdc input rf power p in 10 w load impedance for continuous operatio n without damage vswr 3:1 output device channel temperature 200 oc lead soldering temperature +190 oc storage temperature t stg - 65 to +150 oc performance at 28vdc & 25oc parameter symbol min nom max units supply (drain) voltage v d1,2 27.5 28.0 28.5 vdc quiescent current (total) (1) i dq 900 1,000 1,100 ma power output at 1 db compression (single tone) p - 1 120 130 w gain at 24w pep (two tone) g 13.0 14.0 db gain variation over frequency at 24w output (two tone) d g 0.3 0.5 db input return loss (50 w ref) at 24w (two tone) irl 12.0 14.0 db drain efficiency at 120w p out (single tone) h 43 45 % drain efficiency at 120w pep (two tone) h 32 35 % 3 rd order imd product (2 tone at 120w pep;1 mhz spacing) - 30 - 28 dbc
xemod quikpac data www.xemod.com rev. b (05/09/01) page 2 of 3 qpp - 016 performance at 28vdc & 25oc (continued) parameter symbol min nom max units imd variation ? 100 khz to 25 mhz tone spacing 1.0 2.0 db 2 nd harmonic at 120w p out (single tone) dbc 3 rd harmonic at 120w p out (single tone) dbc group (signal) delay t d 4.0 ns transmission phase flatness 0.5 degrees cdma acpr at 24w pout avg 46 db performance at 28vdc over temperature parameter symbol min nom max units power output at 1 db compression (single tone) p - 1 w gain variation over frequen cy at 24w output (single tone) d g db input return loss (50 w ref) at 24w pep (two tone) irl db drain efficiency at 120w pep (two tone) h % 3 rd order imd product (2 tone at 120w pep;1 mhz spacing) dbc group (signal) delay t d 4.0 ns transmission phase flatness 0.5 degrees notes: this gr - version quikpac module has an internally regulated gate voltage that is preset at the factory. a voltage of +12vdc ( 1v) should be applied to each gate lead (pins 1 and 5 ). no further adjustment is required. the gate voltage is thermally compensated for operation over the temperature range listed in the data sheet. although the module will operate with lower voltages applied, the internal regulator is not functioning and the specified performance may not be achieved. gate voltage must be applied coincident with or after application of the drain voltage to prevent potentially destructive oscillations. bias voltages should never be applied to a module unless it is terminated on both input and output . the quiescent current set during manufacture will be within the range specified in the performance section (nominal 10%) and is selected to balance imd, input return loss, and efficiency. this setting is suitable for most applications. modules with dif ferent optimization profiles are available by special order. internal rf decoupling is included on all bias leads. no additional bypass elements are required, however some applications may require energy storage on the drain leads to accommodate time - vary ing waveforms. the rf leads are internally protected against dc voltages up to 100v. care should be taken to avoid video transients that may damage the active devices.
xemod quikpac data www.xemod.com rev. b (05/09/01) page 3 of 3 qpp - 016 package styles this model is available in both b2 (h10537) and b2f (h10894) package s tyles. style b2f is shown for reference. please see the applicable outline drawing for specific dimensions.


▲Up To Search▲   

 
Price & Availability of QPP-016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X