Part Number Hot Search : 
1660CT 3220A X4166 D150N2 T100A 2003M 00111 MBR5200D
Product Description
Full Text Search
 

To Download Q65111A6054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2015-11-30 1 2015-11-30 ir oslux (810nm) - 20 version 1.1 sfh 4780s ordering information features: ? ir lightsource with high efficiency ? double stack emitter ? low thermal resistance (max. 25 k/w) ? centroid wavelength 810 nm ? narrow half angle (+/- 10) applications ? infrared illumination notes depending on the mode of operation, these devices e mit highly concentrated non visible infrared light which can be hazardous to the human eye. products which i ncorporate these devices have to follow the safety precautions given in iec 60825-1 and iec 62471. type: radiant intensity ordering code i e [mw/sr] i f = 1 a, t p = 10 ms sfh 4780s 2900 ( 2200) Q65111A6054 note: measured at a solid angle of ? = 0.001 sr
2015-11-30 2 version 1.1 sfh 4780s maximum ratings (t a = 25 c) characteristics (t a = 25 c) parameter symbol values unit operation and storage temperature range t op ; t stg -40 ... 85 c junction temperature t j 145 c reverse voltage v r 1 v forward current i f 500 ma surge current (t p 200 s, d = 0) i fsm 2 a power consumption p tot 1.8 w esd withstand voltage (acc. to ansi/ esda/ jedec js-001 - hbm) v esd 2 kv thermal resistance junction - solder point r thjs 25 k / w note : for the forward current and power consumption pleas e see "maximum permissible forward current" diagram parameter symbol values unit peak wavelength (i f = 1 a, t p = 10 ms) (typ) peak 820 nm centroid wavelength (i f = 1 a, t p = 10 ms) (typ) centroid 810 nm spectral bandwidth at 50% of i max (i f = 1 a, t p = 10 ms) (typ) ? 30 nm half angle (typ) ? 10 dimensions of active chip area (typ) l x w 0.75 x 0.75 mm x mm rise and fall times of i e ( 10% and 90% of i e max ) (i f = 1 a, r l = 50 ?) (typ) t r / t f 8/ 14 ns forward voltage (i f = 0.5 a, t p = 100 s) (typ (max)) v f 3.3 ( 3.6) v forward voltage (i f = 1 a, t p = 100 s) (typ (max)) v f 3.6 v total radiant flux (i f = 1 a, t p = 100 s) (typ) e 680 mw total radiant flux (i f = 1 a, t p = 10 ms) (typ) e 600 mw
version 1.1 sfh 4780s 2015-11-30 3 grouping (t a = 25 c) temperature coefficient of i e or e (i f = 1 a, t p = 10 ms) (typ) tc i -0.3 % / k temperature coefficient of v f (i f = 1 a, t p = 10 ms) (typ) tc v -2 mv / k temperature coefficient of wavelength (i f = 1 a, t p = 10 ms) (typ) tc 0.3 nm / k group min radiant intensity max radiant intensity typ radiant intensity i f = 1 a, t p = 10 ms i f = 1 a, t p = 10 ms i f = 1 a, t p = 10 ms i e, min [mw / sr] i e, max [mw / sr] i e, typ [mw / sr] sfh 4780s 2200 4400 2900 note: measured at a solid angle of ? = 0.001 sr only one group in one packing unit (variation lower 2:1). relative spectral emission 1) page 12 i rel = f (), t a = 25 c, i f =1a, single pulse, t p = 10 ms radiant intensity 1) page 12 i e / i e (1 a) = f(i f ), single pulse, t p = 100 s, t a = 25c parameter symbol values unit 700 0 nm % ohf05650 20 40 60 80 100 i rel 750 800 850 950 ohf05651 i f a 10 5 10 5 10 10 1 e (1 a) i e i -1 0 -2 10 5 10 -1 5 10 0 10 1 -2
2015-11-30 4 version 1.1 sfh 4780s max. permissible forward current i f = f (t s ), r thjs = 25 k/w forward current 1) page 12 i f = f(v f ), t a = 25c, single pulse, t p = 100 s, permissible pulse handling capability i f = f (t p ), t s = 85 c, duty cycle d = parameter 0 50 0 100 200150 250 350300 400 550 i f 450 ma ?c t s ohf05649 20 40 60 80 100 ohf05652 f i v a 2.5 f v 5 5 0 10 1 10 10 -1 10 -2 3 3.5 4 4.5 2 1 0 -1 -2 -3 -4 -5 10 10 10 10 10 t p 10 10 s 10 0 t t a i f d = i p t f p t ohf05648 1 0.5 0.010.05 0.1 0.2 0.02 0.005 d = 0.5 1.0 1.5 2.0 2.5
version 1.1 sfh 4780s 2015-11-30 5 radiation characteristics 1) page 12 i rel = f(?), t a = 25c package outline dimensions in mm. package ir oslux ohf05653 0? 20? 40? 60? 80? 100? 120? 0.4 0.6 0.8 1.0 100? 90? 80? 70? 60? 50? 0? 10? 20? 30? 40? 0 0.2 0.4 0.6 0.8 1.0 ?
2015-11-30 6 version 1.1 sfh 4780s approximate weight: 32 mg recommended solder pad dimensions in mm [inch].
version 1.1 sfh 4780s 2015-11-30 7 reflow soldering profile product complies to msl level 3 acc. to jedec j-std -020d.01 0 0 s oha04525 50 100 150 200 250 300 50 100 150 200 250 300 t t ?c s t t p t t p 240 ?c 217 ?c 245 ?c 25 ?c l oha04612 profile featureprofil-charakteristik ramp-up rate to preheat* ) 25 c to 150 c 2 3 k/s time t s t smin to t smax t s t l t p t l t p 100 120 60 10 20 30 80 100 217 2 3 245 260 3 6 time25 c to t p time within 5 c of the specified peaktemperature t p - 5 k ramp-down rate*t p to 100 c all temperatures refer to the center of the package, measured on the top of the component* slope calculation d t/ d t: d t max. 5 s; fulfillment for the whole t-range ramp-up rate to peak* ) t smax to t p liquidus temperaturepeak temperature time above liquidus temperature symbolsymbol uniteinheit pb-free (snagcu) assembly minimum maximum recommendation k/sk/s s ss s c c 480
2015-11-30 8 version 1.1 sfh 4780s taping dimensions in mm [inch]. tape and reel 12 mm tape with 2500 pcs. on ? 330 mm reel d 0 2 p p 0 1 p w f e direction of unreeling n w 1 2 w a ohay0324 label leader: trailer: 13.0 direction of unreeling 0.25 min. 160 mm * min. 400 mm * *) dimensions acc. to iec 60286-3; eia 481-d
version 1.1 sfh 4780s 2015-11-30 9 tape dimensions [mm] tape dim ensions in m m reel dimensions [mm] reel dim ensions in m m barcode-product-label (bpl) dry packing process and materials note: moisture-sensitive product is packed in a dry bag c ontaining desiccant and a humidity card. regarding dry pack you will find further informatio n in the internet. here you will also find the norm ative references like jedec. w p 0 p 1 p 2 d 0 e f 12 + 0.3 / - 0.1 4 0.1 4 0.1 or 8 0.1 2 0.05 1.5 0.1 1.75 0.1 5.5 0.05 a w n min w 1 w 2max 330 12 60 12.4 + 2 18.4 oha04563 (g) group: 1234567890 (1t) lot no: (9d) d/c: 1234 (x) prod no: 123456789 (6p) batch no: 1234567890 lx xxxx rohs compliant bin1: xx-xx-x-xxx-x ml x temp st xxx c x pack: rxx demy xxx x_x123_1234.1234 x 9999 (q)qty: semiconductors osram opto xx-xx-x-x example x_x123_1234.1234 x x_x123_1234.1234 x example example example xxx xxx x_x123_1234.1234 x x_x123_1234.1234 x xx-xx-x-x xx-xx-x-x example example example example example example example xxx xxx x_x123_1234.1234 x x_x123_1234.1234 x xx-xx-x-x xx-xx-x-x example pack: rxx xxx x_x123_1234.1234 x x_x123_1234.1234 x xx-xx-x-x example pack: rxx pack: rxx demy demy example 1234 1234 example example example example example example example example example (9d) d/c: (9d) d/c: 1234 1234 example example example example example 1234 1234 example pack: rxx pack: rxx demy example example example example example (9d) d/c: (9d) d/c: example example example example (9d) d/c: 1234 example example example example (9d) d/c: example example example example example example example example example example example example example example example example example example example example example 1234567890 1234567890 example example example example example example example example example example example example example example example example example example example example example example (6p) batch no: (6p) batch no: 1234567890 1234567890 semiconductors semiconductors example example example example example example example example example (6p) batch no: (6p) batch no: 1234567890 1234567890 example semiconductors semiconductors osram opto osram opto example example 1234567890 x_x123_1234.1234 x pack: rxx demy x_x123_1234.1234 x (9d) d/c: 1234 (9d) d/c: 1234567890 (6p) batch no: 1234567890 osram opto xxx x_x123_1234.1234 x xx-xx-x-x pack: rxx demy semiconductors oha00539 osram moisture-sensitive label or print barcode label desiccant humidity indicator barcode label osram please check the hic immidiately after bag opening. discard if circles overrun. avoid metal contact. wet do not eat. comparatorcheck dot parts still adequately dry.examine units, if necessary examine units, if necessary 5% 15% 10% bake unitsbake units if wet, change desiccantif wet, humidity indicator mil-i-8835 if wet, moisture level 3 floor time 168 hours moisture level 6 floor time 6 hours a) humidity indicator card is > 10% when read at 23 ?c 5 ?c, or reflow, vapor-phase reflow, or equivalent processing (peak package 2. after this bag is opened, devices that will be subjected to infrared 1. shelf life in sealed bag: 24 months at < 40 ?c and < 90% relative humidity (rh). moisture level 5a at factory conditions of (if blank, seal date is identical with date code). a) mounted withinb) stored at body temp. 3. devices require baking, before mounting, if:bag seal date moisture level 1 moisture level 2 moisture level 2a 4. if baking is required, b) 2a or 2b is not met. date and time opened: reference ipc/jedec j-std-033 for bake procedure. floor time see below if blank, see bar code label floor time > 1 yearfloor time 1 year floor time 4 weeks 10% rh. _ < moisture level 4moisture level 5 ?c). opto semiconductors moisture sensitive this bag contains caution floor time 72 hoursfloor time 48 hours floor time 24 hours 30 ?c/60% rh. _ < level if blank, seebar code label
2015-11-30 10 version 1.1 sfh 4780s transportation packing and materials dimensions of transportation box in mm width length height 349 5 349 5 33 5 oha02044 packvar: r077 additional text p-1+q-1 multi topled muster osram optosemiconductors (6p) batch no: (x) prod no: 1 0 (9d) d/c: 11 (1t) lot no: 210021998 123gh1234 0 24 5 (q)qty: 2000 0144 (g) group: 260 c rt 240 c r 3 220 c r ml bin3: bin2: q-1-20 bin1: p-1-20 lsy t676 22a temp st r18 demy packvar: r077 additional text p-1+q-1 multi topled muster osram opto semiconductors (6p) batch no: (x) prod no: 1 0 (9d) d/c: 11 (1t) lot no: 210021998 123gh1234 0 2 4 5 (q)qty: 2000 0144 (g) group: 260 c rt 240 c r 3 220 c r ml bin3: bin2: q-1-20 bin1: p-1-20 lsy t676 22a temp st r18 demy osram packingsealing label barcode label moisture level 3 floor time 168 hours moisture level 6 floor time 6 hours a) humidity indicator card is > 10% when read at 23 ?c 5 ?c, or reflow, vapor-phase reflow, or equivalent processing (peak package 2. after this bag is opened, devices that will be subjected to infrared 1. shelf life in sealed bag: 24 months at < 40 ?c and < 90% relative humidity (rh). moisture level 5a at factory conditions of (if blank, seal date is identical with date code). a) mounted withinb) stored at body temp. 3. devices require baking, before mounting, if:bag seal date moisture level 1 moisture level 2 moisture level 2a 4. if baking is required, b) 2a or 2b is not met. date and time opened: reference ipc/jedec j-std-033 for bake procedure. floor time see below if blank, see bar code label floor time > 1 yearfloor time 1 year floor time 4 weeks 10% rh. _ < moisture level 4moisture level 5 ?c). opto semiconductors moisture sensitive this bag contains caution floor time 72 hoursfloor time 48 hours floor time 24 hours 30 ?c/60% rh. _ < level if blank, seebar code label barcode label
version 1.1 sfh 4780s 2015-11-30 11 disclaimer language english will prevail in case of any discre pancies or deviations between the two language word ings. attention please! the information describes the type of component and shall not be considered as assured characteristics . terms of delivery and rights to change design reser ved. due to technical requirements components may c ontain dangerous substances. for information on the types in question please con tact our sales organization. if printed or downloaded, please find the latest ve rsion in the internet. packing please use the recycling operators known to you. we can also help you C get in touch with your nearest sales office. by agreement we will take packing material back, if it is sorted. you must bear the costs of transport . for packing material that is returned to us unsorted or which w e are not obliged to accept, we shall have to invoi ce you for any costs incurred. components used in life-support devices or systems must be expressly authorized for such purpose! critical components* may only be used in life-suppo rt devices** or systems with the express written ap proval of osram os. *) a critical component is a component used in a li fe-support device or system whose failure can reaso nably be expected to cause the failure of that life-support device or system, or to affect its safety or the ef fectiveness of that device or system. **) life support devices or systems are intended (a ) to be implanted in the human body, or (b) to supp ort and/or maintain and sustain human life. if they fail, it i s reasonable to assume that the health and the life of the user may be endangered.
2015-11-30 12 version 1.1 sfh 4780s glossary 1) typical values: due to the special conditions of the manufacturing processes of led, the typical data or calculated correlations of technical parameters can only reflect statistical figures. these do not nec essarily correspond to the actual parameters of each single product, which could differ from the typical data a nd calculated correlations or the typical characteristic line. if requested, e.g. because of technical improvements, these typ. data will be changed without any further notice.
2015-11-30 13 version 1.1 sfh 4780s published by osram opto semiconductors gmbh leibnizstra?e 4, d-93055 regensburg www.osram-os.com ? all rights reserved.


▲Up To Search▲   

 
Price & Availability of Q65111A6054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X