Part Number Hot Search : 
UB8BT EMICO 1660C L0380R 56083 01220 Q7010LH5 IRF2903Z
Product Description
Full Text Search
 

To Download MOV-14DXXXK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features n high voltage rating n high current rating n bidirectional n surge protection n fast response time n rohs compliant* n agency listing: applications n power supplies n power systems n line voltage n telecom systems n white goods / appliances MOV-14DXXXK series - metal oxide varistor *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. industry standard compliance standard ul 1449 file number e313168 general information the MOV-14DXXXK series of 14 mm radial leaded varistor devices protects against overvoltage transients such as lightning, power contact and power induction. the metal oxide varistors offer a choice of varistor voltages from 18 v to 1800 v and v rms voltages from 11 v to 1100 v. the devices have a high current handling, high energy absorption capability and fast response times to protect against transient faults up to rated limits. absolute maximum ratings (@ t a = 25 c unless otherwise noted) parameter symbol min. typ. max. unit operating temperature t opr -40 25 +85 ?c storage temperature t stg -40 25 +125 ?c rated wattage p w 0.60 watt varistor voltage temperature coeffcient v tc 0 0.1 0.05 % / ?c response time t r 10 25 ns varistor voltage tolerance v tol -10 0 10 % electrical characteristics (@ t a = 25 c unless otherwise noted) *rohs compliant lead free *rohs compliant versions available lead free versions are rohs compliant* bourns part no. max. continuous voltage (v) voltage @ 1 ma dc (v) voltage @ class current max. peak current max. energy max. cap. (8/20 s) (8/20 s) (j) (pf) r.m.s. d.c. min. nom. max. class current (a) max. clamping voltage (v) one time 8/20 s 1 khz mov-14d180k 11 14 16 18 20 10 36 1000 4.0 11100 mov-14d220k 14 18 20 22 24 10 43 1000 5.0 9100 mov-14d270k 17 22 24 27 30 10 53 1000 6.0 7400 mov-14d330k 20 26 30 33 36 10 65 1000 7.5 6100 mov-14d390k 25 31 35 39 43 10 77 1000 8.6 5100 mov-14d470k 30 38 42 47 52 10 93 1000 10.0 4300 mov-14d560k 35 45 50 56 62 10 110 1000 11.0 3600 mov-14d680k 40 56 61 68 75 10 135 1000 14.0 2900 mov-14d820k 50 65 74 82 90 50 135 4500 22.0 2400 mov-14d101k 60 85 90 100 110 50 165 4500 28.0 2000 mov-14d121k 75 100 108 120 132 50 200 4500 32.0 1700 mov-14d151k 95 125 135 150 165 50 250 4500 40.0 1300 mov-14d181k 115 150 162 180 198 50 300 4500 50.0 1100 mov-14d201k 130 170 185 200 225 50 340 4500 57.0 1000 mov-14d221k 140 180 198 220 242 50 360 4500 60.0 900 mov-14d241k 150 200 216 240 264 50 395 4500 63.0 830 mov-14d271k 175 225 243 270 297 50 455 4500 70.0 740 mov-14d301k 190 250 270 300 330 50 500 4500 77.0 670 mov-14d331k 210 275 297 330 363 50 550 4500 85.0 610 mov-14d361k 230 300 324 360 396 50 595 4500 93.0 560 mov-14d391k 250 320 351 390 429 50 650 4500 100.0 510 mov-14d431k 275 350 387 430 473 50 710 4500 115.0 460 mov-14d471k 300 385 423 470 517 50 775 4500 125.0 430 mov-14d511k 320 415 459 510 561 50 845 4500 125.0 390 mov-14d561k 350 460 504 560 616 50 925 4500 125.0 360 mov-14d621k 385 505 558 620 682 50 1025 4500 125.0 320 mov-14d681k 420 560 612 680 748 50 1120 4500 130.0 290 mov-14d751k 460 615 675 750 825 50 1240 4500 143.0 270 mov-14d781k 485 640 702 780 858 50 1290 4500 148.0 260 mov-14d821k 510 670 738 820 902 50 1355 4500 157.0 240 mov-14d911k 550 745 819 910 1001 50 1500 4500 175.0 220 mov-14d102k 625 825 900 1000 1100 50 1650 4500 190.0 200 mov-14d112k 680 895 990 1100 1210 50 1815 4500 213.0 180 mov-14d152k 940 1200 1350 1500 1650 50 2475 4500 329.0 150 mov-14d182k 1100 1465 1620 1800 1980 50 2970 4500 335.0 100 14d201 k 5
14d431k 5 t h 16.5 (.649) max. 0.8 0.1 (.031 .004) 7.5 0.8 (.295 .031) 20.0 (.787) min. product dimensions MOV-14DXXXK series - metal oxide varistor n0vv* f f /e0v this is an rohs compliant molded radial package with 100 % sn plating on the terminations. internal construction how to order mov - 14d nn (n) k (tr) model designator mov = metal oxide varistor disc diameter 14d = 14 mm nominal varistor voltage see electrical characteristics table multiplier of voltage digits 0 = no multiplier 1 = nn * 10 1 2 = nn * 10 2 varistor voltage tolerance k = 10 % packaging blank = bulk tr = tape & reel* examples: mov-14d270k = 27 v, bulk pack mov-14d331ktr = 330 v, tape & reel * models mov-14d911k, 102k, 112k, 152k and 182k are not available in tape & reel packaging. part number dim. h (max.) dim. t (max.) mov-14d180k 20.0 (.787) 3.8 (.150) mov-14d220k 20.0 (.787) 3.9 (.154) mov-14d270k 20.0 (.787) 4.2 (.165) mov-14d330k 20.0 (.787) 3.8 (.150) mov-14d390k 20.0 (.787) 4.0 (.157) mov-14d470k 20.0 (.787) 4.2 (.165) mov-14d560k 20.0 (.787) 4.3 (.169) mov-14d680k 20.0 (.787) 4.4 (.173) mov-14d820k 20.0 (.787) 3.8 (.150) mov-14d101k 20.0 (.787) 4.0 (.157) mov-14d121k 20.0 (.787) 4.2 (.165) mov-14d151k 20.0 (.787) 4.4 (.173) mov-14d181k 20.0 (.787) 3.6 (.142) mov-14d201k 20.0 (.787) 3.8 (.150) mov-14d221k 20.0 (.787) 3.9 (.154) mov-14d241k 20.0 (.787) 4.0 (.157) mov-14d271k 20.0 (.787) 4.2 (.165) mov-14d301k 20.0 (.787) 4.4 (.173) part number dim. h (max.) dim. t (max.) mov-14d331k 20.0 (.787) 4.6 (.181) mov-14d361k 20.0 (.787) 4.8 (.189) mov-14d391k 20.0 (.787) 5.0 (.197) mov-14d431k 20.0 (.787) 5.2 (.205) mov-14d471k 20.0 (.787) 5.4 (.213) mov-14d511k 20.0 (.787) 5.5 (.217) mov-14d561k 22.0 (.866) 6.0 (.236) mov-14d621k 22.0 (.866) 6.4 (.252) mov-14d681k 22.0 (.866) 6.5 (.256) mov-14d751k 22.0 (.866) 6.7 (.264) mov-14d781k 22.0 (.866) 6.9 (.272) mov-14d821k 22.0 (.866) 7.3 (.287) mov-14d911k* 22.0 (.866) 7.7 (.303) mov-14d102k* 22.0 (.866) 8.2 (.323) mov-14d112k* 22.0 (.866) 8.7 (.343) mov-14d152k* 22.0 (.866) 9.7 (.382) mov-14d182k* 22.0 (.866) 11.7 (.461) * not available in tape & reel packaging. specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. 3312 - 2 mm smd trimming potentiometer
10 1 100 1000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 current (a) voltage (v) max. leakage current test current waveform 10 -6 to 10 -3 a: direct current 10 -1 to 10 4 a: 8/20 s max. clamping voltage 680 560 470 390 330 270 220 180 100 1000 10000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 current (a) voltage (v) 182 152 112 102 911 821 781 751 681 621 561 511 471 100 10 1000 10000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 current (a) voltage (v) max. clamping voltage 431 391 361 331 301 271 241 221 201 181 151 121 101 820 max. clamping voltage max. leakage current test current waveform 10 -6 to 10 -3 a: direct current 10 -1 to 10 4 a: 8/20 s max. leakage current test current waveform 10 -6 to 10 -3 a: direct current 10 -1 to 10 4 a: 8/20 s 10 0 10 1 10 2 10 3 10 4 10 0 10 1 10 2 10 3 10 4 10 0 10 1 10 2 10 3 10 4  
   performance graphs v-i characteristics mov-14d180k to mov-14d680k mov-14d820k to mov-14d431k mov-14d471k to mov-14d182k bourns part number bourns part marking mov-14d180k 14d180k mov-14d220k 14d220k mov-14d270k 14d270k mov-14d330k 14d330k mov-14d390k 14d390k mov-14d470k 14d470k mov-14d560k 14d560k mov-14d680k 14d680k mov-14d820k 14d820k mov-14d101k 14d101k mov-14d121k 14d121k mov-14d151k 14d151k mov-14d181k 14d181k mov-14d201k 14d201k mov-14d221k 14d221k mov-14d241k 14d241k mov-14d271k 14d271k mov-14d301k 14d301k mov-14d331k 14d331k mov-14d361k 14d361k mov-14d391k 14d391k mov-14d431k 14d431k mov-14d471k 14d471k mov-14d511k 14d511k mov-14d561k 14d561k mov-14d621k 14d621k mov-14d681k 14d681k mov-14d751k 14d751k mov-14d781k 14d781k mov-14d821k 14d821k mov-14d911k 14d911k mov-14d102k 14d102k mov-14d112k 14d112k mov-14d152k 14d152k mov-14d182k 14d182k note: the 5 marking on mov products is for traceability of production assembly for quality assurance compliance. typical part marking specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. 3312 - 2 mm smd trimming potentiometer
cddfn5-0504n - tvs/steering diode array packaging information tape & reel item symbol 14 mm disc reel outside diameter rd 355 (13.98) reel inner diameter rd1 30 (11.81) tape width rw 55 (2.165) reel width rw1 63 (2.48) pitch of component p 25.4 1.0 (1.00 0.04) feed hole pitch p0 12.7 1.0 (0.50 0.04) feed hole center to pitch p1 8.95 0.7 (0.352 0.3) feed hole center to component center p2 12.7 1.0 (0.50 0.04) lead to lead distance f 7.50 0.8 (0.30 0.03) component alignment dh 4.0 max. (0.157) max. tape width w 18.0 0.5 (0.71 0.02) hole down tape width w0 12.0 0.8 (0.47 0.03) hole position w1 9.0 0.5 (0.35 0.02) hole down tape position w2 3.0 max. (0.12) max. height from center to component base h 19.0 1.0 (0.75 0.04) seating plane height h0 16.0 0.5 (0.63 0.02) component height h1 40.0 max. (1.57) max crimp length c 2.60 typ. (0.10) max feed hole diameter d0 4.0 0.2 (0.16 0.08) total tape thickness t 0.6 0.3 (0.02 0.01) length of clippped height l 1.0 max. (0.04) max quantity per reel mov-14d180k C 14d391k mov-14d431k - 14d821k - 1000 500 rev. 02/17 specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. MOV-14DXXXK series - metal oxide varistor rd1 rd rw rw1 h1 h w0 w1 t f p0 p1 d0 l p2 p h w2 w rd1 rd rw rw1 h1 h w0 w1 t f p0 p1 d0 l p2 p w2 w h dimensions: mm (inches) bulk 250.0 (9.84) 170.0 (6.69) 60.0 (2.36) quantity: mov-14d180k - mov14d391k = 1000 pcs. per box mov-14d431k - mov14d182k = 500 pcs. per box note: models mov-14d911k, 102k, 112k, 152k and 182k are not available in tape & reel packaging.


▲Up To Search▲   

 
Price & Availability of MOV-14DXXXK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X