Part Number Hot Search : 
74LVC2G 6FR20M 2SAR544R DTA12 LM320S R9110 LBRD2 BCM84
Product Description
Full Text Search
 

To Download MBR2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electron ics technology co., ltd to-220-3l plastic-encapsulate diodes MBR2030CT, 35ct, 40ct, 45ct, 50ct, 60ct schottky barrier rectifier features z schottky barrier chip z guard ring die construction for transient protection z low power loss,high efficiency z high surge capability z high current capability and low forward voltage drop z for use in low voltage, high fr equency inverters,free wheeling, and polarity protection applications maximum ratings ( t a =25 unless otherwise noted ) value symbol parameter mbr 2030ct mbr 2035ct mbr 2040ct mbr 2045ct mbr 2050ct mbr 2060ct unit v rrm peak repetitive reverse voltage v rwm working peak reverse voltage v r dc blocking voltage 30 35 40 45 50 60 v v r(rms) rms reverse voltage 21 24.5 28 31.5 35 42 v i o average rectified output current @t c =125 20 a i fsm non-repetitive peak forward surge current 8.3ms half sine wave 150 a p d power dissipation 2 w r ja thermal resistance from junction to ambient 50 /w t j junction temperature 125 t stg storage temperature -55~+150 to-220-3l 1. anode 2. cathode 3. a node www.cj-elec.com 1 b ,oct,2014
electrical characteristics (t a =25 unless otherwise specified) parameter symbol device test conditions min typ max unit MBR2030CT 30 mbr2035ct 35 mbr2040ct 40 mbr2045ct 45 mbr2050ct 50 reverse voltage v (br) mbr2060ct i r =0.1ma 60 v MBR2030CT v r =30v mbr2035ct v r =35v mbr2040ct v r =40v mbr2045ct v r =45v mbr2050ct v r =50v reverse current i r mbr2060ct v r =60v 0.1 ma MBR2030CT-2045ct 0.7 forward voltage v f mbr2050ct,2060ct i f =10a 0.8 v typical total capacitance c tot MBR2030CT-2060ct v r =4v,f=1mhz 650 pf www.cj-elec.com 2 b,oct,2014
www.cj-elec.com 3 b,oct,2014 to-220-3l package outline dimensions m i n m ax m i n m ax a 4. 4 70 4. 67 0 0 . 17 6 0. 1 84 a 1 2 . 52 0 2 . 8 20 0. 0 99 0 . 11 1 b 0. 7 10 0. 91 0 0 . 02 8 0. 0 36 b1 1 . 17 0 1 . 3 70 0. 0 46 0 . 05 4 c 0. 3 10 0. 53 0 0 . 01 2 0. 0 21 c 1 1 . 17 0 1 . 3 70 0. 0 46 0 . 05 4 d 10 . 01 0 10 . 31 0 0 . 39 4 0. 4 06 e 8. 5 00 8. 90 0 0 . 33 5 0. 3 50 e 1 12 . 06 0 12 . 46 0 0 . 47 5 0. 4 91 e e1 4 . 98 0 5 . 1 80 0. 1 96 0 . 20 4 f 2. 5 90 2. 89 0 0 . 10 2 0. 1 14 h 0. 0 00 0. 30 0 0 . 00 0 0. 0 12 l 13 . 40 0 13 . 80 0 0 . 52 8 0. 5 43 l1 3 . 56 0 3 . 9 60 0. 1 40 0 . 15 6 3 . 73 5 3 . 9 35 0. 1 47 0 . 15 5 sy m bo l d im e n s io n s in m illim e t e r s d im e n s io n s in in c h e s 0. 10 0 t y p 2 . 54 0 t y p


▲Up To Search▲   

 
Price & Availability of MBR2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X