Part Number Hot Search : 
TB627 MUR820 SR315 G4BC30FD AD101 KBPC1 MC504 P4KE91
Product Description
Full Text Search
 

To Download MAP30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the bel power solutions MAP30/40/42 series of power supplies combines low cost and universal input in a board - only power solution to meet commercial and industrial requirements. full international safety, emi and esd compliance ensure worldwide acceptance. all units bear the ce mark. fixed frequency operation simplifies system level operation. the MAP30/40/42 series is configured to the international standard 3 x 5 inch footprint. input and output connections are made via popular single - row molex connec tors. single output models feature wide - range output adjustability to meet a wide variety of standard and user - specific output voltage requirements. ? universal input 85 - 264 vac ? input transient & esd compliance to en61000 - 4 - 2/ - 3/ - 4 ? meets en55022 conducted and radiated limits ? greater than 311,000 hours mtbf ? remote sense (MAP30, map42) ? rohs compliant ? ce marked to low voltage directive
2 MAP30/40/42 series tech.support@psbel.com model 9 output voltage adjustment range max output current peak output current 1 line regulation load regulation ripple & noise 2 initial setting accuracy MAP30 - 1005g 5v 4.7v to 5.8v 6a 8a 8 0.2% 1% 1% 4.9v to 5.1v map42 - 1005 5v 4.7v to 5.8v 8a 11a 0.2% 1% 1% 4.9v to 5.1v map42 - 1012 g 12v/15v 11v to 18v 3.4/2.7a 3 4.6/3.7a 3 0.2% 1% 1% 11.9v to 12.1v map42 - 1024 g 24v/28v 23v to 29v 1.7/1.4a 3 2.3/1.9a 3 0.2% 1% 1% 23.8v to 24.2v model 9 output voltage adjustment range output current peak output current 4 line regulation load regulation ripple & noise 2 initial setting accuracy maximum output power map40 - 3000g +5v 4.7v to 5.5v 3a 5a 0.2% 2% 1% 4.9v to 5.1v 40 w 7 +12v fixed 2a 3.5a 1% 3.5% 5 1% 11.5v to 12.5v - 12v fixed 0.3a 0.5a 1% 2% 6 1% - 11.5v to - 12.5v map40 - 3100g +5v 4.75v to 5.25v 3a 5a 0.2% 2% 1% 4.9v to 5.1v +12v fixed 2a 3.5a 1% 3.5% 5 1% 11.5v to 12.5v 40 w 7 - 12v fixed 0.3a 0.5a 1% 2% 1% - 11.4v to - 12.6v map40 - 3101g +5v 4.75v to 5.25v 3a 5a 0.2% 2% 1% 4.9v to 5.1v 40 w 7 +24v fixed 1a 1.5a 1% 3.5% 5 1% 23.0v to 25.0v - 12v fixed 0.3a 0.5a 1% 2% 1% - 11.5v to - 12.5v map40 - 3105g +5v 4.7v to 5.8v 3a 5a 0.2% 2% 1% 4.9v to 5.1v 40 w 7 +12v fixed 2a 3.5a 1% 3.5% 5 1% 11.5v to 12.5v - 5v fixed 0.5a 1a 1% 2% 1% - 4.75v to - 5.25v map40 - 3500g +5v 4.7v to 5.8v 5a 6a 0.2% 2% 1% 4.9v to 5.1v 40 w 7 +12v fixed 1a 3.5a 1% 3.5% 5 1% 11.5v to 12.5v - 12v fixed 0.3a 0.5a 1% 2% 1% - 11.4v to - 12.6v map40 - 3003g +5v 4.7v to 5.8v 3a 5a 0.2% 2% 1% 4.9v to 5.1v 40 w 7 +15v fixed 1.5a 3a 1% 3.5% 5 1% 14.7v to 15.3v - 15v fixed 0.2a 0.5a 1% 2% 6 1% - 14.3v to - 15.7v 1 peak ratings may be used as maximum output current with 100 linear feet per minute (lfm) forced air cooling. 2 maximum peak to peak noise expressed as a percentage of output voltage, 20 mhz bandwidth. 3 map42 - 1012 g output currents are expressed as 12v/15v operation. map42 - 1024 g output currents are expressed as 24v/28v operation. 4 peak loads for 30 seconds or less are acceptable, (10% duty cycle max.). 5 quasi regulated output. see regulation curves for more information. 6 requires a minimum load of 0.5a on v1 or 0.3a on v2. 7 needs 170 lfm forced air cooling for use at 50c ambient. 8 needs 200 lfm forced air cool ing for use at 50c ambient. 9 non - g models use lead solder exemption and are not recommended for new designs. xxx model highlighted in yellow is not recommended for new designs.
MAP30/40/42 series 3 asia - pacific +86 755 298 85888 europe, middle east +353 61 225 977 north america +1 408 785 5200 ? 2016 bel power solutions & protection bcd.00563 _a c parameter conditions / description min nom max units input voltage - ac continuous input range map42 MAP30, map40 85 90 264 264 vac input frequency ac input 47 63 hz brown out protection lowest ac input voltage that regulation is maintained with full rated loads. 85 vac hold - up time nominal ac input voltage (115vac), full rated load. 15 ms input current 90 vac (40w load). 1.2 a rms input protection non - user serviceable internally located ac input line fuse. inrush surge current internally limited by thermistor, vin = 264 vac (one cycle), 25 c 38 a pk operating frequency switching frequency of power supply (fixed frequency). 23 25 30 khz parameter conditions / description min nom max units efficiency full load @120 vac 70% typical minimum loads single output models; MAP30, map42. all multiple output models, see regulation graphs. 0.0 amps ripple and noise full load, 20 mhz bandwidth. see model selection chart. output power multiple output models with convection cooling. 40 watts overshoot / undershoot output voltage overshoot/undershoot at turn - on, v1. 1 % regulation varies by output, total regulation includes: line changes from 90 - 132 vac or 175 - 264, changes in load starting at 20% load and changing to 100% load. see regulation graphs. transient response recovery time, to within 1% of initial set point due to a 50 - 100% load change, 4% max. deviation. (main output only of multiple output units). 500 s turn - on delay time required for initial output voltage stabilization. 1 2 sec turn - on rise time time required for output voltage to rise from 10% to 90%. 20 ms parameter conditions / description min nom max units overvoltage protection MAP30 - 1005 g , map42 - 1005 map42 - 1012 g map42 - 1024 g main output only of multiple output units. 5.8 20.0 32.0 5.8 6.8 22.0 37.0 6.8 v overload protection fully protected against output overload and short circuit. automatic recovery upon removal of overload condition. 130 % remote sense total cable drop, single output models only. 250 mv 8 power fail warning is not available for map80 - 1024 g . the map80 - 1012 g is an open collector output, capable of sinking 35 ma, maximum .
4 MAP30/40/42 series tech.support@psbel.com parameter conditions / description min nom max units agency approvals approved to the latest edition of the following standards; ul/csa60950 - 1 2 nd , iec60950 - 1 2 nd and en60950 - 1 2 nd . dielectric withstand voltage input to chassis input to output (tested by manufacturer only) 2121 4242 vdc electromagnetic interference fcc cfr title 47 part 15 sub - part b - conducted en55022 / cispr 22 conducted (note 1) en55022 / cispr 22 radiated (note 2) b b b class input transient protection en61000 - 4 - 5 level 3 line to line line to ground 1 2 kv insulation resistance input to output 7 m leakage current per en60950, 264vac map42, map40 - 3100 g / 3001 g / 3105 g / 3500 g 500 a MAP30 - 1005 g , map40 - 3000 g , map40 - 3003 g 750 parameter conditions/description min nom max units altitude operating non - operating 10k 40k asl ft. operating temperature derate linearly above 50c by 2.5% per c at 100% load: to a maximum temperature of 70c at 50% load: 0 0 50 70 c storage temperature - 40 85 c temperature coefficient 0c to 70c (after 15 minute warm - up) 0.02 0.03 %/c relative humidity non - condensing 5 95 %rh shock operating, peak acceleration 20 g vibration random vibration, 10hz to 2khz, 3 axis 6 g rms 12v output current figure 1 . map40 - 3500 g typical quasi regulation performance for +12v output 14.25 13.75 13.25 12.75 12.25 11.75 11.25 +5 v @ 5.0 amps +5 v @ 3.0 amps +5 v @ 1.0 amps v @ 0 amps +5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.9 1.0 0.8
MAP30/40/42 series 5 asia - pacific +86 755 298 85888 europe, middle east +353 61 225 977 north america +1 408 785 5200 ? 2016 bel power solutions & protection bcd.00563 _a c 12v output current fig ure 2. map40 - 3000/3100/3105 g typical quasi regulation performance for +12v o utput 15v output current figure 3 . map40 - 3003 g typical quasi regulation performance for +15v output figure 4. electrical connectors parameter conditions / description min nom max units dimensions 127.0 x 76.2 x see table below 5.0 x 3.0 x see table below mm in weight 0.26 0.6 k g lb 13.5 13.0 12.5 12.0 11.5 11.0 +5 v @ 3.0 amps +5 v @ 1.8 amps +5 v @ 0.6 amps v @ 0 amps +5 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.8 2.0 1.6 17.0 16.5 16.0 15.5 15.0 14.5 14.0 13.5 v @ 3.0 amps +5 +5 v @ 1.8 amps +5 v @ 0.6 amps v @ 0 amps +5 0 0.15 0.3 0.45 0.6 0.75 1.05 1.2 1.35 1.5 0.9 v1 v1 gnd gnd +sense -sense pin 6 pin 1 n/c v1 v1 gnd gnd +sense -sense pin 7 pin 1 MAP30 j2 j1/j2 mates with molex (series 2139 or series 41695) .156" (4mm) center crimp terminal housing or equivalent v2 v1 v1 gnd gnd v3 pin 6 pin 1 map40 j2 map42 j2 j1 neutral pin 1 line pin 2 j3 safety earth ground (0.250" x 0.032" faston)
6 MAP30/40/42 series tech.support@psbel.com single output models multiple output models model height model height MAP30 - 1005 g 1.16" (29.5) map40 - 3000 g 1.16" (29.5) map42 - 1005 1.25" (31.8) map40 - 3003 g 1.16" (29.5) map42 - 1012 g 1.25" (31.8) map40 - 3100 g 1.25" (31.8) map42 - 1024 g 1.25" (31.8) map40 - 3101 g 1.25" (31.8) map40 - 3105 g 1.25" (31.8) map40 - 3500 g 1.60" (40.6) table 1. MAP30/40/42 series height figure 1. mechanical drawing nuclear and medical applications - products are not designed or intended for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems. technical revisions - the appear ance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. specifications are subject to change without notice. . .


▲Up To Search▲   

 
Price & Availability of MAP30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X