Part Number Hot Search : 
ACD2T ML9XX17 ODUCT 0J226 AON3402 CXD3611R COMPONEN SF0140
Product Description
Full Text Search
 

To Download LTA-1000M-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lite-on dcc release lite-on technology corp. / optoelectronics no.90,chien 1 road, chung ho, new taipei city 23585, taiwan, r.o.c. tel: 886-2-2222-6181 fax: 886-2-2221-1948 / 886-2-2221-0660 http://www.liteon.com/opto led displayproduct data sheetLTA-1000M-01 spec no.: ds30-2006-172effective date: 12/05/2006revision: - bns-od-fc001/a4 bns-od-fc001/a4 bns-od-fc001/a4 bns-od-fc001/a4
lite - on technology corpor ation property of lite - on only part no.:lta - 1000m - 01 page: 0 of 6 bns - od - c131/a4 led display lta - 1000m - 01 data sheet rev description by - original spec phanomko r n j. spec . no . : ds30 - 2006 - 172 d a t e : 06 /nov/06 r e v . no . : - page no. : 0 of 5
lite - on technology corpor ation property of lite - on only part no.:lta - 1000m - 01 page: 1 of 6 bns - od - c131/a4 features rectangular light bar. large, bright, uniform light emitting areas. low power requirement. high brightness & high contrast. solid state reliability. categorized for luminous intensity. lead - free package (according to rohs) description the lta - 1000 m - 01 is a ten rectangular light sources array display designed for a variety of applications where a continuously large, bright source of light is required. this device utilizes green led chips, which are made from gap on a transparent gap substrate, this device utilizes yellow led chips, which are made from gaasp on a transparent gap substrate and this device utilizes hi - eff red led chips, which are made from gaasp on a transparent gap substrate, and has a black face and w hite segments. device part no. description multi color universal ten rectangular bar lta - 1000 m - 01
lite - on technology corpor ation property of lite - on only part no.:lta - 1000m - 01 page: 2 of 6 bns - od - c131/a4 package dimensions notes: 1. all dimensions are in millimeters. tolerances are ? 0.25 mm unless otherwise note. 2. pin tips shift tolerance is ? 0.4 mm. internal circuit diagram
lite - on technology corpor ation property of lite - on only part no.:lta - 1000m - 01 page: 3 of 6 bns - od - c131/a4 pin connection no. connection 1 anode a 2 anode b 3 anode c 4 anode d 5 anode e 6 anode f 7 anode g 8 anode h 9 anode j 10 a node k 11 cathode k 12 cathode j 13 cathode h 14 cathode g 15 cathode f 16 cathode e 17 cathode d 18 cathode c 19 cathode b 20 cathode a
lite - on technology corpor ation property of lite - on only part no.:lta - 1000m - 01 page: 4 of 6 bns - od - c131/a4 absolute maximum rating at ta=25 o c parameter green yellow hi - eff red unit power dissipation pe r segment 75 60 75 mw peak forward current per segment ( 1/10 duty cycle, 0.1ms pulse width ) 100 80 100 ma continuous forward current per segment derating linear from 25 per segment 25 0.33 20 0.27 25 0.33 ma ma/ reverse voltage per segment 5 5 5 v operating temperature range - 35 to +105 storage temperature range - 35 to +105 soldering conditions: 1/16 inch below seating plane for 3 seconds at 260 0 c or of temperature unit (during assembly) not over max temperature rating above . electrical / optical characteristics at ta=25 o c green parameter symbol min. typ. max. unit test condition average luminous intensity i v 800 2800 ? cd i f =10ma p eak emission wavelength ? p 565 nm i f =20ma spectral line half - width ? ? 30 nm i f =20ma dominant wavelength ? d 569 nm i f =20ma forward voltage per segment v f 2.1 2.6 v i f =20ma reverse current per segment i r 100 ? a v r =5v luminous intensity matching ratio i v - m 2:1 i f =10ma
lite - on technology corpor ation property of lite - on only part no.:lta - 1000m - 01 page: 5 of 6 bns - od - c131/a4 yellow parameter symbol min. typ. max. unit test condition average luminous intensity i v 540 2000 ? cd i f =10ma peak emission wavelength ? p 585 nm i f =20ma spectral line half - width ? ? 35 nm i f =20ma dominant wav elength ? d 588 nm i f =20ma forward voltage per segment v f 2.1 2.6 v i f =20ma reverse current per segment i r 100 ? a v r =5v luminous intensity matching ratio i v - m 2:1 i f =10ma hi - eff red parameter symbol min. typ. max. unit test condition av erage luminous intensity i v 540 2000 ? cd i f =10ma peak emission wavelength ? p 650 nm i f =20ma spectral line half - width ? ? 40 nm i f =20ma dominant wavelength ? d 630 nm i f =20ma forward voltage per segment v f 2.1 2.6 v i f =20ma reverse current per se gment i r 100 ? a v r =5v luminous intensity matching ratio (similar light area) i v - m 2:1 i f =10ma note: luminous intensity is measured with a light sensor and filter combination that approximates the cie (commision internationale de l eclairage) eye - re sponse curve.
lite - on technology corpor ation property of lite - on only part no.:lta - 1000m - 01 page: 6 of 6 bns - od - c131/a4 typical electrical / optical characteristic curves (25 o c ambient temperature unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of LTA-1000M-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X