Part Number Hot Search : 
SCT32110 MC88920 MDW1041 75EIB LA1135 C68HC71 MC529 BUL65A
Product Description
Full Text Search
 

To Download LBZX84B18LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. zener voltage regulators 225 mw sot-23 surface mount lbzx84b2v0lt1g series 1 anode 3 cathode absolute maximum tatings (ta=25c) parameter 225 +125 ? 55 to + 1 25 ? 55 to + 1 25 mw p tj tstg topr symbol limits unit c c c power dissipation junction temperature storage temperature operating temperature device marking code device marking device marking device marking c2 55 e2 65 f2 75 h2 85 j2 95 l2 a5 62 c5 72 15 e5 82 25 f5 92 35 a2 45 lbzx84b3v6lt1g lbzx84b3v9lt1g lbzx84b4v3lt1g lbzx84b4v7lt1g lbzx84b5v1lt1g lbzx84b5v6lt1g lbzx84b6v2lt1g lbzx84b6v8lt1g lbzx84b7v5lt1g lbzx84b8v2lt1g lbzx84b9v1lt1g lbzx84b10lt1g lbzx84b11lt1g lbzx84b12lt1g lbzx84b13lt1g lbzx84b15lt1g lbzx84b16lt1g LBZX84B18LT1G lbzx84b20lt1g lbzx84b22lt1g lbzx84b24lt1g lbzx84b27lt1g lbzx84b30lt1g lbzx84b33lt1g lbzx84b36lt1g 05 ? ? ? ? features ? non-wire bonding structure improves ? high demand voltage range (3.6v-36v) ? this is a pb-free device construction ? silicon epitaxial planar ordering information device package shipping lbzx84b2v0lt1g series sot-23 3000/tape&reel *see specific marking table. pb-free package is available 02 12 32 42 52 lbzx84b2v0lt1g lbzx84b2v2lt1g lbzx84b2v7lt1g lbzx84b3v0lt1g lbzx84b3v3lt1g 22 lbzx84b2v4lt1g 1 3 2 sot? 23 lbzx84b2v0lt3g series sot-23 10000/tape&reel 1/7
leshan radio company, ltd. electrical characteristics (ta=25 q c) notes) 1. the zener voltage (v z ) is measured 40ms after power is supplied. 2. the operating resistances (z z , z zk ) are measured by superimposing a minute alternating current on the regulated current (i z ). 3.600 3.845 5 100 5 1000 1.0 10 1.0 3.890 4.160 5 100 5 1000 1.0 5 1.0 4.170 4.430 5 100 5 1000 1.0 5 1.0 4.550 4.750 5 100 5 800 0.5 2 1.0 4.980 5.200 5 80 5 500 0.5 2 1.5 5.490 5.730 5 60 5 200 0.5 1 2.5 6.060 6.330 5 60 5 100 0.5 1 3.0 device v z (v) i z (ma) i z (ma) i z v r (v) 6.650 6.930 5 40 5 60 0.5 0.5 3.5 7.280 7.600 5 30 5 60 0.5 0.5 4.0 8.020 8.360 5 30 5 60 0.5 0.5 5.0 8.850 9.230 5 30 5 60 0.5 0.5 6.0 9.770 10.210 5 30 5 60 0.5 0.1 7.0 10.760 11.220 5 30 5 60 0.5 0.1 8.0 11.740 12.240 5 30 5 80 0.5 0.1 9.0 12.910 13.490 5 37 5 80 0.5 0.1 10.0 14.340 14.980 5 42 5 80 0.5 0.1 11.0 15.850 16.510 5 50 5 80 0.5 0.1 12.0 17.560 18.350 5 65 5 80 0.5 0.1 13.0 19.520 20.390 5 85 5 100 0.5 0.1 15.0 21.540 22.470 5 100 5 100 0.5 0.1 17.0 23.720 24.780 5 120 5 120 0.5 0.1 26.190 27.530 5 150 5 150 0.5 0.1 21.0 29.190 30.690 5 200 5 200 0.5 0.1 23.0 32.150 33.790 5 250 5 250 0.5 0.1 25.0 35.070 36.870 5 300 5 300 0.5 0.1 27.0 lbzx84b3v6lt1g lbzx84b3v9lt1g lbzx84b4v3lt1g lbzx84b4v7lt1g lbzx84b5v1lt1g lbzx84b5v6lt1g lbzx84b6v2lt1g lbzx84b6v8lt1g lbzx84b7v5lt1g lbzx84b8v2lt1g lbzx84b9v1lt1g lbzx84b10lt1g lbzx84b11lt1g lbzx84b12lt1g lbzx84b13lt1g lbzx84b15lt1g lbzx84b16lt1g LBZX84B18LT1G lbzx84b20lt1g lbzx84b22lt1g lbzx84b24lt1g lbzx84b27lt1g lbzx84b30lt1g lbzx84b33lt1g lbzx84b36lt1g 19.0 z z ( ? )z zk ( ? ) i r ( a) min. max. max. max. max. (ma) zener voltage operating resistance rising operating resistance reverse current 2.020 2.200 5 100 5 1000 0.5 120 0.5 2.220 2.410 5 100 5 1000 0.5 120 0.7 2.430 2.630 5 100 5 1000 0.5 100 1.0 2.690 2.910 5 110 5 1000 0.5 100 1.0 3.010 3.220 5 120 5 1000 0.5 50 1.0 3.320 3.530 5 120 5 1000 0.5 20 1.0 lbzx84b2v0lt1g lbzx84b2v2lt1g lbzx84b2v4lt1g lbzx84b2v7lt1g lbzx84b3v0lt1g lbzx84b3v3lt1g lbzx84b2v0lt1g series 2/7
leshan radio company, ltd. electrical characteristic curves (ta=25 q c) fig.1 zener voltage characteristics zener current : i z ( a) 300 200 100 0 05 0 25 100 150 power dissipation : pd (mw) ambient temperature : ta ( c) fig.2 derating curve fig.3 zener voltage-temp. coefficient characteristics ? 0.08 ? 0.06 ? 0.04 ? 0.02 0.00 0.02 0.04 0.06 0.08 0.10 iz=5ma iz=500 a 210 20 30 zener voltage : vz (v) temp. coefficient characteristics (% / c) lbzx84b2v0lt1g series 3/7
leshan radio company, ltd. notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. base 2. emitter 3. collector sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 lbzx84b2v0lt1g series 4/7
leshan radio company, ltd. tape & reel and packaging specifications for small-signal transistors, fets and diodes embossed tape and reel is used to facilitate automatic pick and place equipment feed requirements. the tape is used as the shipping container for various products and requires a minimum of handling. the antistatic/conductive tape provides a secure cavity for the product when sealed with the ?peel?back? cover tape.  two reel sizes available (7"and 13",)  used for automatic pick and place feed systems  minimizes product handling  eia 481, ?1, ?2  sot?23, sc?70/sot?323, sc?89, sc?88/sot?363, sc?88a/sot?353, sod?323, sod-523 in 8 mm tape use the standard device title and add the required suffix as listed in the option table below (table 1). note that the individu al reels have a finite number of devices depending on the type of product contained in the tape. also note the minimum lot size is one full reel for each line item, and orders are required to be in increments of the single reel quantity. tape width pitch reel size devices per reel device (mm) mm mm(inch) and minimum suffix order quantity sot?23 8 4 178 (7) 3,000 t1 8 330 (13) 10,000 t3 sc?70/sot?323 8 4 178 (7) 3,000 t1 8 330 (13) 10,000 t3 table 1. embossed tape and reel ordering information package typical reel orientations direction of feed sod-323 8 mm sc-59, sc-70, sc-75,sot-23 8 mm sc-88, sot-363 t1 orientation 8 mm sc-88a, sot-353 t1 orientation 8 mm sc?89 8 4 178 (7) 3,000 t1 8 330 (13) 10,000 t3 sc?88/sot-363 8 4 178 (7) 3,000 t1 8 330 (13) 10,000 t3 sc?88a/sot-353 8 4 178 (7) 3,000 t1 8 330 (13) 10,000 t3 sod-323 8 4 178 (7) 3,000 t1 8 330 (13) 10,000 t3 sod-523 8 4 178 (7) 3,000 t1 8 330 (13) 10,000 t3 5/7
k t b 1 k 0 see note 1 top cover tape d a 0 b 0 p embossment p 0 p 2 10 pitches cumulative tolerance on tape 0.2mm( 0.008?? ) e w f center lines of cavity d 1 for components 2.0mm x 1.2mm and larger user direction of feed bar code label *top cover tape thickness(t 1 ) 0.10mm (0.004?? )max. embossed carrier embossment embossed tape and reel data for discretes carrier tape specifications r min tape and components shall pass around radius ?r? without damage bending radius maximum component rotation typical component cavity center line 100 mm (3.937 ??) 250 mm (9.843??) 1 mm(.039?? ) max 1 mm max 10 o typical component center line for machine reference only including draft and radii concentric around b 0 camber (top view) allowable camber to be 1 mm/100 mm nonaccumulative over 250 mm tape dimensions tape size b 1 max d d 1 efkp 0 p 2 rmin tmax wmax 4.55mm (.179??) 8.2mm (.323??) 12.1mm (.476??) 20.1mm (.791??) 1.5+0.1mm - 0.0 (.059+.004?? - 0.0) 1.0min (.039??) 1.5mm min (.060??) 1.75 0.1mm (.069 .004) 3.5 0.05mm (.138.002??) 5.5 0.05mm (.217 .002??) 7.5 0.10mm (.295 .004??) 11.5 0.1mm (.453 .004??) 2.4mm max (.094??) 6.4mm max (.252??) 7.9mm max (.311??) 11.9mm max (.468??) 4.0 0.1mm (.157 .004??) 2.0 0.1mm (.079 .002??) 25mm (.98??) 30mm (1.18??) metric dimensions govern - english are in parentheses for reference only. note 1: a 0 , b 0 , and k 0 are determined by component size. the clearance between the components and the cavity must be within .05 mm min. to.50 mm max., note 2: the component cannot rotate more than 10 o within the determined cavity. note 3: if b 1 exceeds 4.2 mm (.165?) for 8 mm embossed tape, the tape may not feed through all tape feeders. 0.6mm (.024??) 8.3mm (.327??) 12 .30mm (.470 .012??) 16.3mm (.642??) 24.3mm (.957??) 8mm 12mm 16mm 24mm leshan radio company, ltd. 6/7
reel dimensions metric dimensions govern ?? english are in parentheses for reference only embossed tape and reel data for discretes a t max outside dimension measured at edge g inside dimension measured near hub 20.2mm min (.795??) 1.5mm min (.06??) 13.0mm 0.5mm (.512 .002??) 50mm min (1.969??) full radius size a max g t max 8 mm 12mm 16mm 24 mm 330mm (12.992??) 330mm (12.992??) 360mm (14.173??) 360mm (14.173??) 8.4mm+1.5mm, -0.0 (.33??+.059??, -0.00) 12.4mm+2.0mm, -0.0 (.49 ??+ .079??, -0.00) 16.4mm+2.0mm, -0.0 (.646??+.078??, -0.00) 24.4mm+2.0mm, -0.0 (.961??+.070??, -0.00) 14.4mm (.56??) 18.4mm (.72??) 22.4mm (.882??) 30.4mm (1.197??) leshan radio comp any , ltd. storage conditions temperature: 5 to 40 deg.c (20 to 30 deg. c is preferred) humidity: 30 to 80 rh (40 to 60 is preferred ) recommended period: one year after manufacturing (this recommended period is for the soldering condition only. the characteristics and reliabilities of the products are not restricted to this limitation) 7/7


▲Up To Search▲   

 
Price & Availability of LBZX84B18LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X