u.s. cage code 06324 series its www.glenair.com e-mail: sales@glenair.com b-36 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2010 glenair, inc. printed in u.s.a. b application notes: 1. in-line cylindrical receptacle with rear-end backshell for use with metric thread backend connector accessories. 2. connector/backshell class a (non-environmental)not supplied with wire sealing grommet; class r (environmental)supplied with backshell and grommet. 3. standard materials confguration consists of aluminum alloy. for platings, see table ii fnish options. 4. standard contact material consists of copper alloy with silver plating or gold plating. 5. a broad range of metric connector accessories are available. see our website and/or contact the factory for complete information. 6. standard insert material is synthetic rubber. add fr prefx to front of part number to specify fre resistant inserts. its 3101 a (m) and its 4101 a (m) its 3101 r (m) and its 4101 r (m) in-line cylindrical receptacle assembly with backshell for use with metric cable glands mod code option (see table ii) metric thread alternate insert rotation (w, x, y, z) omit for normal (see section a) contact gender p - pin s - socket shell size and insert arrangement (see contact arrangements, section a) its 31 01 a 20-27 p y m25 xxx reverse bayonet coupling contact type 31 - solder 41 - crimp 01 - in-line connector/backshell class a - non-environmental; supplied with backshell only r - environmental; supplied with backshell and grommet ?q k m ?a l m thread
u.s. cage code 06324 series its www.glenair.com e-mail: sales@glenair.com b-37 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2010 glenair, inc. printed in u.s.a. b its 3101 a (m) and its 4101 a (m) its 3101 r (m) and its 4101 r (m) in-line cylindrical receptacle assembly with backshell for use with metric cable glands table i: dimensions ?a k l m ?q +0 +0.2 she ll s ize -0.1 -0 m t hre a d 10 sl 18.2 2.8 50.0 14.3 m12x1,5 21.8 14 s 24.5 3.3 52.5 14.5 m16x1,5 28.8 16 s 27.2 3.3 52.5 14.5 m16x1,5 30.5 16 27.2 3.3 61.0 19.1 m16x1,5 30.5 18 30.7 4.0 66.5 19.1 m20x1,5 33.8 20 34.0 4.0 69.5 19.1 m25x1,5 36.9 22 37.3 4.0 69.5 19.6 m25x1,5 39.5 24 40.9 4.0 71.5 20.6 m32x1,5 43.9 28 46.7 4.0 76.5 20.7 m32x1,5 48.4 32 53.4 4.0 82.5 22.3 m36x1,5 56.0 36 59.6 4.0 87.5 22.3 m40x1,5 62.4 40 65.5 4.0 92.5 22.3 m48x1,5 68.6 0.1 0.2 ma x. contact options sym description b0 connector less contacts b1 connector with gold plated contacts omit for standard version (silver plated) finish options sym description and rohs compliant (*) f2 bright nickel plating (*) f6 black electrodeposited paint (*) f7 black zn-co plating (*) f8 olive drab zn-co plating f11 electroless nickel (*) omit for standard version (cadmium olive drab finish) table ii: modification codes m thread other m threads available on request
|