Part Number Hot Search : 
2SK2095N C14AFE MIC44 APM7322K MP050 SC1101 2SA1804 AO4466
Product Description
Full Text Search
 

To Download GSA1602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16.0a glass passivated rectifier 70 140 280 420 560 700 v 16 .0a v 100 200 400 600 800 1000 v v c l assification 94v-o glass passivated die construction low forward voltage drop high surge current capability terminals: plated leads solderable per polarity: see diagram mounting position: any case: to-220ac, molded plastic gsa1601-gsa1607 features ! ! ! lo w reverse leakage current ! ! plastic material has ul flammability   me c hanical data ! ! mil- st d-202, method 208 ! ! weight: 2.24 grams (approx.) ! ! mounting torque: 11.5 cm-kg (10 in-lbs) max. ! lead free: for rohs / lead free version maximum r a tings and electrical characteristics @t a =2 5 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol gsa unit p eak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 rm s reverse voltage v r(rm s) 35 av erage rectified output current @t c = 105 c i av 16 a non-repeti tive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 250 a forward v o ltage @i f = fm 1.1 pe a k reverse current @t a = 25 c a t rated dc blocking voltage @t a = 125 c i rm 10 100 a typical junction capacitance (note 2) c j 100 pf operat i ng and storage temperature range t j , t stg -65 to +150 c note: 1. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com 1601 gsa 1602 gsa 1603 gsa 1604 gsa 1605 gsa 1606 gsa 1607 gsa1601-gsa1607 dimensions in inches and (millimeters) to-220ac 1 2 max.412(10.5) max.05(1.5) .06(1.52) .05(1.27) .594(15.1) .587(14.9) .56(14.22) .53(13.46) .037(0.94) .027(0.68) dia .16(4.06) .14(3.56) .205(5.20) .195(4.95) .154(3.91) .148(3.74) pin 1 2 .185(4.70) .175(4.44) .11(2.79) .10(2.54) .025(0.64) .014(0.35) .27(6.86) .23(5.84) .055(1.40) .045(1.14) alldatasheet
 50 100 0 200 250 300 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive surge current 8.3 ms single half-sine-wave jedec method 10 100 1000 0.1 1.0 10 100 v , reverse voltage (v) fig. 4 typical junction capacitance r c , cap acitance (pf) j 0 4 8 12 16 20 0 50 100 150 i , a verage forward current (a) (av) t , case temperature ( c) fig. 1 forward current derating curve c 0.1 1.0 10 100 0.2 0.6 1.0 1.4 i , inst antaneous forward current (a) f v , inst antaneous forward voltage (v) fig. 2 typical forward characteristics f pulse width = 300 s 2% duty cycle m z ibo seno electronic engineering co., ltd. www.senocn.com gsa1601-gsa1607 150 gsa1601-gsa1607 alldatasheet


▲Up To Search▲   

 
Price & Availability of GSA1602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X