Part Number Hot Search : 
102FXJ FD400R4E DTA115 FD400R4E F7103Q PM1JDXX KBL6011 D1776
Product Description
Full Text Search
 

To Download GA107201111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 1 2 - 8 - 046 / j /ss page 1 of 11 spec ification p art no. : g a. 107 .201111 p roduct name : m agnetic mount cellular penta - band antenna f eature : d elivers hig h performance for all 2g/3g/3.5 networks worldwide 8 00mhz to 2200mhz m agnetic mount s uperior super magnet C
spe - 1 2 - 8 - 046 / j /ss page 2 of 11 1. i ntroduction t he ga. 107 magnetic cellular band antenna delivers marked improvements in efficiency and gain across all common frequencies in use for cellular bands today. now one antenna can be used in pla ce of multiple part numbers. s mall enough to be used indoors and outdoors, the antenna performance has been designed to take advantage of any metal plate (ground - plane) it attaches to deliver best of class performance. t he ga.107 features a superior su per magnet made form neodymium n35, giving the antenna a maximum pull - force of 1.92 kilogram - force ( kgf ) . a reliable return loss of <10db when mounted on a metal plate ensures it complies with the industry standards set by module makers and networks worl dwide.
spe - 1 2 - 8 - 046 / j /ss page 3 of 11 2. s pecification p enta - band cellular c ommunication system a mps g sm d cs p cs u mts f requency ( m hz) 8 24 ~ 896 8 80 ~ 960 1 710~ 1880 1 850 ~ 1990 1 71 0 ~ 2170 p eak gain (dbi) f ree space 2 .6 5 .0 - 2.2 - 2.3 - 2.1 w ith metal ground 0 .1 - 0.3 - 1.0 - 1.0 - 0.7 e fficiency f ree space 3 5% 4 5% 2 1% 2 2% 2 2% w ith metal ground 4 4% 4 0% 2 4% 2 6% 2 6% i mpedance 5 0? p olarization l inear r adiation pattern o mni directional v .s.w.r. < 2.0 : 1 i nput power 5 0 w m echanical d imensions l ength 116 mm ,29.5 mm base c able type r g - 174 c able length 2 m p ull force 1 .92 kgf max. c asing 3 00 series stainless steel with b lack duracoat finish c onnector s ma male e nvironmental t emperature range - 40c to 85c h umidity n on - condensing 65c 95% rh * note C rf characteristic shown in th is data sheet is measured with rg - 174 and sma(m) connector in room temperature.
spe - 1 2 - 8 - 046 / j /ss page 4 of 11 3. anten na characteristic s 3.1 r eturn loss
spe - 1 2 - 8 - 046 / j /ss page 5 of 11 3.2 a ntenna efficiency
spe - 1 2 - 8 - 046 / j /ss page 6 of 11 4. a ntenna radiation pattern s 4 .1 radiation pattern (free space)
spe - 1 2 - 8 - 046 / j /ss page 7 of 11 4.2 r adiation pattern (on ground plane)
spe - 1 2 - 8 - 046 / j /ss page 8 of 11 5. m agnetic pull force ( kilogram - force ( kgf )
spe - 1 2 - 8 - 046 / j /ss page 9 of 11 6. d rawing
spe - 1 2 - 8 - 046 / j /ss page 10 of 11 7. p ackaging
spe - 1 2 - 8 - 046 / j /ss page 11 of 11 t aoglas makes no warranties based on the accuracy or completeness of the contents of this documen t and reserves the right to make changes to specifications and product descriptions at any time without notice. t aoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties without ex press permission is stric tly prohibited. c opyright ? taoglas ltd.


▲Up To Search▲   

 
Price & Availability of GA107201111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X