Part Number Hot Search : 
FX510 SM3P2 1S205Q D82C43C ENA1511A N60CT BU4325G BU4325G
Product Description
Full Text Search
 

To Download FSM101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. FSM101 thru fsm107 sm-1 (do-213ab) technical specifica tion s of surf ace mount f ast recover y rectifier vol t age range - 50 to 1000 v olts current - 1.0 ampere notes : 1. measured at 1.0 mhz and applied reverse voltage of 4.0vdc 2. thermal resistance (junction to ambient), .24in 2 (6.0mm 2 ) copper pads to each terminal. dimensions in inches and (millimeters) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t a = 55 o c peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical junction capacitance (note 1) operating and storage temperature range symbol v rrm v dc i o i fsm c j t j , t stg v rms amps 1.0 30 -65 to + 175 pf 0 c units volts volts maximum thermal resistance (note 2) r q jl FSM101 fsm103 fsm102 fsm104 fsm106 fsm105 fsm107 50 100 200 400 600 800 1000 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 30 volts amps 15 0 c/w maximum reverse recovery time (note 3) v f i r trr 1.3 100 uamps nsec maximum forward voltage at 1.0a dc volts maximum dc reverse current at rated dc blocking voltage @t a = 25 o c @t a = 125 o c 5.0 150 250 500 rectifier specialists r dc components co., l td. features * fast switching for high efficiency * glass passivated junction * ldeal for surface mounted applications * low leakage current mechanical data * case: molded plastic * epoxy: ul 94v- 0 rate flame retardant * mounting position: any * weight: 0.12 gram *terminals: solder plated solderable per mil-std-202e, method 208 guaranteed * polarity: color band denotes cathode end 3. test conditions: i f = 0.5a, i r = 1.0a, i rr = 0.25a 288
r dc components co., l td. rating and characteristic curves ( FSM101 thru fsm107 ) 289


▲Up To Search▲   

 
Price & Availability of FSM101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X