Part Number Hot Search : 
AN801 1C474M0 2N5046 F1210 XR2203 S2301 MTP4435 FS4000
Product Description
Full Text Search
 

To Download APTGT100H120G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT100H120G APTGT100H120G C rev 2 october, 2012 www.microsemi.com 1-6 absolute maximum ratings these devices are sensitiv e to electrostatic discharge. proper handling procedures should be follow ed. see application note apt0502 on www.microsemi.com g4 0/vbus e3 q3 g3 out2 vbus e1 q1 g1 e4 q4 out1 e2 q2 g2 symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v t c = 25c 140 i c continuous collector current t c = 80c 100 i cm pulsed collector current t c = 25c 200 a v ge gate C emitter voltage 20 v p d maximum power dissipation t c = 25c 480 w rbsoa reverse bias safe operating area t j = 125c 200a @ 1100v v ces = 1200v i c = 100a @ tc = 80c application ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? fast trench + field stop igbt3 technology - low voltage drop - low tail current - switching frequency up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - rbsoa and scsoa rated ? kelvin emitter for easy drive ? very low stray inductance - symmetrical design - m5 power connectors ? high level of integration benefits ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat ? low profile ? rohs compliant full - bridge fast trench + field stop igbt3 power module downloaded from: http:///
APTGT100H120G APTGT100H120G C rev 2 october, 2012 www.microsemi.com 2-6 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 250 a t j = 25c 1.4 1.7 2.1 v ce(sat) collector emitter saturation voltage v ge =15v i c = 100a t j = 125c 2.0 v v ge(th) gate threshold voltage v ge = v ce , i c = 2 ma 5.0 5.8 6.5 v i ges gate C emitter leakage current v ge = 20v, v ce = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 7200 c oes output capacitance 400 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 300 pf t d(on) turn-on delay time 260 t r rise time 30 t d(off) turn-off delay time 420 t f fall time inductive switching (25c) v ge = 15v v bus = 600v i c = 100a r g = 3.9 ? 70 ns t d(on) turn-on delay time 290 t r rise time 50 t d(off) turn-off delay time 520 t f fall time inductive switching (125c) v ge = 15v v bus = 600v i c = 100a r g = 3.9 ? 90 ns e on turn on energy t j = 125c 10 e off turn off energy v ge = 15v v bus = 600v i c = 100a r g = 3.9 ? t j = 125c 10 mj reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1200 v t j = 25c 250 i rm maximum reverse leakage current v r =1200v t j = 125c 500 a i f dc forward current tc = 80c 100 a t j = 25c 1.6 2.1 v f diode forward voltage i f = 100a v ge = 0v t j = 125c 1.6 v t j = 25c 170 t rr reverse recovery time t j = 125c 280 ns t j = 25c 9 q rr reverse recovery charge t j = 125c 18 c t j = 25c 5 e r reverse recovery energy i f = 100a v r = 600v di/dt =2000a/s t j = 125c 9 mj downloaded from: http:///
APTGT100H120G APTGT100H120G C rev 2 october, 2012 www.microsemi.com 3-6 thermal and package characteristics symbol characteristic min typ max unit igbt 0.26 r thjc junction to case thermal resistance diode 0.48 c/w v isol rms isolation voltage, any terminal to case t =1 min, 50/60hz 4000 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 100 c to heatsink m6 3 5 torque mounting torque for terminals m5 2 3.5 n.m wt package weight 300 g sp6 package outline (dimensions in mm) see application note apt0601 - mounting instructions for sp6 power modules on www.microsemi.com downloaded from: http:///
APTGT100H120G APTGT100H120G C rev 2 october, 2012 www.microsemi.com 4-6 typical performance curve output characteristics (v ge =15v) t j =25c t j =125c 0 50 100 150 200 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =17v v ge =9v 0 50 100 150 200 01234 v ce (v) i c (a) t j = 125c transfert characteristics t j =25c t j =125c t j =125c 0 25 50 75 100 125 150 175 200 56789101112 v ge (v) i c (a) energy losses vs collector current eon eon eoff er 0 5 10 15 20 25 0 25 50 75 100 125 150 175 200 i c (a) e (mj) v ce = 600v v ge = 15v r g = 3.9 ? t j = 125c eon eoff er 0 5 10 15 20 25 0 5 10 15 20 25 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 100a t j = 125c switching energy losses vs gate resistance reverse bias safe operating area 0 40 80 120 160 200 240 0 300 600 900 1200 1500 v ce (v) i c (a) v ge =15v t j =125c r g =3.9 ? maximum effective transient thermal impedance, junction to case vs puls e duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt downloaded from: http:///
APTGT100H120G APTGT100H120G C rev 2 october, 2012 www.microsemi.com 5-6 forward characteristic of diode t j =25c t j =125c t j =125c 0 50 100 150 200 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i f (a) hard switching zcs zvs 0 10 20 30 40 50 60 0 20406080100120140 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =3.9 ? t j =125c tc=75c operating frequency vs collector current maximum effective transient thermal impedance, junction to case vs pulse du ration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.1 0.2 0.3 0.4 0.5 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) diode downloaded from: http:///
APTGT100H120G APTGT100H120G C rev 2 october, 2012 www.microsemi.com 6-6 disclaimer the information contained in the document (unless it is publicly available on the web without access restrictions) is proprietary and confidential information of microsemi and cannot be copied, published, uploaded, posted, transmitted, distributed or disclosed or used without the express duly signed written consent of microsemi. if the recipient of this document has entered into a disclosure agreement with microsemi, then the ter ms of such agreement will also apply. this document and the information contained herein may not be modified, by any person other than authorized personnel of microsemi. no license under any patent, copyright, trade secret or other intellectual property right is granted to or conferred upon you by disclosure or delivery of the information, either expressly, by implication, inducement, estoppels or otherwise. any license under such intellectual property rights must be approved by microsemi in writing signed by an officer of microsemi. microsemi reserves the right to change the configuration, functionality and performance of its products at anytime without any notice. this product has been subject to limited testing and should not be used in conjunction with li fe- support or other mission-critical equipment or applications. microsemi assumes no liability whatsoever, and microsemi disclaims any express or implied warranty, relating to sale and/or use of microsemi products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. any performance specifications believed to be reliable but are not verified and customer or user must conduct and complete all performance and other testing of this product as well as any user or custo mers final application. user or customer shall not rely on any data and performance specifications or parameters provided by microsemi. it is the customers and users responsibility to independently determine suitability of any microsemi product and to test and verify the same. the information contained herein is provided as is, where is and with all faults, and the entire risk associated with such information is entirely with the user. microsemi specifically disclaim s any liability of any kind including for consequential, incidental and punitive damages as well as lost profit. the product is subject to other terms and conditions which can be located on the web at http://www.microsemi.com/legal/tnc.asp life support application seller's products are not designed, intended, or authorized for use as components in systems intended for space, aviation, surgical implant into the body, in other applications intended to support or sustain life, or for any other application in which the failure of the seller's product could create a situation where personal injury, death or property damage or loss may occur (collectively "life support applications"). buyer agrees not to use products in any life support applications and to the extent it does it shall conduct extensive testing of the product in such applications and further agrees to indemnify and hold seller, and its officers, employees, subsidiaries, affiliates, agents, sales representatives and distributors harmless against all claims, costs, dam ages and expenses, and attorneys' fees and costs arising, directly or directly, out of any claims of personal injury, death, damag e or otherwise associated with the use of the goods in life support applications, even if such claim includes allegations that seller was negligent regarding the design or manufacture of the goods. buyer must notify seller in writing before using sellers products in life support applications. seller will study with buyer alternative solutions to meet buyer application specification based on sellers sales conditions applicable for the new proposed specific part. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APTGT100H120G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X